Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC59210 Datasheet (PDF) - Texas Instruments

TLC59210 Datasheet PDF - Texas Instruments
Part # TLC59210
Download  TLC59210 Download
File Size   530.98 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLC59210 8-BIT DMOS Sink Driver With Latch

TLC59210 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLC59210 Datasheet PDF - Texas Instruments

Part # TLC59210
Download  TLC59210 Click to download

File Size   530.98 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLC59210 8-BIT DMOS Sink Driver With Latch

TLC59210 Datasheet (HTML) - Texas Instruments


TLC59210 Product details

1 Features
1. DMOS Process
. High Voltage Output (V ds = 30 V)
. Output Current on Each Channel
(Ids Max = 200 mA)
. Latch-Up Performance Exceeds 250 mA Per
JEDEC Standard JESD-17
. ESD Protection Exceeds JESD 22
. 2000-V Human Body Model (A114-A)
. 200-V Machine Model (A115-A)
. 1000-V Charged Device Model (C101)
. LED Driver Application
. Output Clamp Diodes (Parasitic)
. Control Pins of CLR and CLK Inputs
. Clock Input up to 1 MHz

2 Applications
. Lamp and Display (LED)
. Hammer
. Relay

3 Description
The TLC59210 is an 8-bit flip-flop driver for LED and
solenoid with Schmitt-trigger buffers. Each channel
can sink up to 200mA and support an output voltage
up to 30V. The TLC59210 is designed for VCC and
operation from 3.3V to 5.5V.
Each output channel is controlled by a positive-edge-
triggered D-type flip-flops with a direct clear (CLR)
input. Information at the data (D) input meeting the
setup time requirements is transferred to the Y output
on the positive-going edge of the clock (CLK) pulse.
Clock triggering occurs at a particular voltage level
and is not directly related to the transition time of the
positive-going pulse. When CLK is at either the high
or low level, the D input has no effect at the output.
The TLC59210 is characterized for operation from
.40°C to 85°C.




Similar Part No. - TLC59210

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC59210 TI-TLC59210 Datasheet
347Kb / 13P
8-BIT DMOS SINK DRIVER WITH LATCH
TLC59210 TI1-TLC59210 Datasheet
908Kb / 22P
8-BIT DMOS Sink Driver With Latch
TLC59210 TI2-TLC59210 Datasheet
527Kb / 23P
TLC59210 8-BIT DMOS Sink Driver With Latch
REVISED NOVEMBER 2015
TLC59210IN TI-TLC59210IN Datasheet
347Kb / 13P
8-BIT DMOS SINK DRIVER WITH LATCH
TLC59210IN TI1-TLC59210IN Datasheet
908Kb / 22P
8-BIT DMOS Sink Driver With Latch
More results


Similar Description - TLC59210

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
6259 ALLEGRO-6259 Datasheet
172Kb / 10P
8-BIT ADDRESSABLE DMOS POWER DRIVER
January 24, 2000
6A259 ALLEGRO-6A259 Datasheet
205Kb / 10P
8-BIT ADDRESSABLE DMOS POWER DRIVER
March 22, 2000
6B273 ALLEGRO-6B273_02 Datasheet
591Kb / 10P
8-BIT LATCHED DMOS POWER DRIVER
logo
Texas Instruments
TLC59210 TI-TLC59210 Datasheet
347Kb / 13P
8-BIT DMOS SINK DRIVER WITH LATCH
TLC59211 TI-TLC59211 Datasheet
324Kb / 12P
8-BIT DMOS SINK DRIVER
TLC59212 TI-TLC59212 Datasheet
291Kb / 9P
8-BIT OPEN-COLLECTOR SINK DRIVER WITH LATCH
TLC59210 TI1-TLC59210 Datasheet
908Kb / 22P
8-BIT DMOS Sink Driver With Latch
logo
Allegro MicroSystems
A6A259 ALLEGRO-A6A259 Datasheet
204Kb / 11P
8-Bit Addressable, DMOS Power Driver
A6B273 ALLEGRO-A6B273 Datasheet
937Kb / 11P
8-Bit Latched, DMOS Power Driver
A6273 ALLEGRO-A6273 Datasheet
178Kb / 11P
8-Bit Latched, DMOS Power Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com