Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC5926 Datasheet (PDF) - Texas Instruments

TLC5926 Datasheet PDF - Texas Instruments
Part # TLC5926
Download  TLC5926 Download
File Size   1459.72 Kbytes
Page   39 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLC592x 16-Channel Constant-Current LED Sink Drivers

TLC5926 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLC5926 Datasheet PDF - Texas Instruments

Part # TLC5926
Download  TLC5926 Click to download

File Size   1459.72 Kbytes
Page   39 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLC592x 16-Channel Constant-Current LED Sink Drivers

TLC5926 Datasheet (HTML) - Texas Instruments


TLC5926 Product details

1 Features
1. 16 Constant-Current Output Channels
. Output Current Adjusted By External Resistor
. Constant Output Current Range: 5 mA to 120 mA
. Constant Output Current Invariant to Load Voltage
Change
. Open-Load and Shorted-Load Detection
. 256-Step Programmable Global Current Gain
. Excellent Output Current Accuracy:
. Between Channels: < ±6% (Max),
10 mA to 50 mA
. Between ICs: < ±6% (Max), 10 mA to 50 mA
. 30-MHz Maximum Clock Frequency
. Schmitt-Trigger Input
. 3.3-V or 5-V Supply Voltage
. Thermal Shutdown for Overtemperature
Protection

2 Applications
• General LED Lighting Applications
• LED Display Systems
• LED Signage
• Automotive LED Lighting
• White Goods

3 Description
The TLC592x is designed for LED displays and LED
lighting applications with open-load, shorted-load, and over temperature detection, and constant-current
control. The TLC592x contains a 16-bit shift register
and data latches, which convert serial input data into
parallel output format. At the TLC592x output stage,
16 regulated-current ports provide uniform and constant current for driving LEDs within a wide range
of VF (forward voltage) variations. Used in systems
designed for LED display applications (for example,
LED panels), TLC592x provides great flexibility and
device performance. Users can adjust the output current from 5 mA to 120 mA through an external
resistor, Rext, which gives flexibility in controlling the
light intensity of LEDs. The TLC592x is designed for
up to 17 V at the output port. The high clock frequency, 30 MHz, also satisfies the system
requirements of high-volume data transmission.




Similar Part No. - TLC5926

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5926 TI-TLC5926 Datasheet
921Kb / 29P
16-CHANNEL CONSTANT-CURRENT LED SINK DRIVERS
TLC5926 TI-TLC5926 Datasheet
887Kb / 31P
16-CHANNEL CONSTANT-CURRENT LED SINK DRIVERS
TLC5926-Q1 TI1-TLC5926-Q1 Datasheet
786Kb / 27P
16-CHANNEL CONSTANT-CURRENT LED SINK DRIVERS
TLC5926-Q1 TI1-TLC5926-Q1 Datasheet
1Mb / 36P
TLC592x-Q1 16-Channel Constant-Current LED Sink Drivers
TLC5926-Q1 TI1-TLC5926-Q1_16 Datasheet
1Mb / 36P
TLC592x-Q1 16-Channel Constant-Current LED Sink Drivers
More results


Similar Description - TLC5926

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ST2221C ETC-ST2221C Datasheet
471Kb / 17P
16 BIT CONSTANT CURRENT LED DRIVERS
logo
Texas Instruments
TLC5926 TI-TLC5926 Datasheet
921Kb / 29P
16-CHANNEL CONSTANT-CURRENT LED SINK DRIVERS
logo
Silicon Touch Technolog...
DM134 SITI-DM134 Datasheet
298Kb / 20P
16-Bit Constant Current LED Drivers
logo
Texas Instruments
TLC5926 TI-TLC5926_10 Datasheet
887Kb / 31P
16-CHANNEL CONSTANT-CURRENT LED SINK DRIVERS
TLC5926-Q1 TI1-TLC5926-Q1 Datasheet
786Kb / 27P
16-CHANNEL CONSTANT-CURRENT LED SINK DRIVERS
logo
LDT Co., Ltd
LD1016 LDT-LD1016 Datasheet
306Kb / 15P
16-CHANNEL CONSTANT Current LED Drivers
logo
Texas Instruments
TLC59116-Q1 TI1-TLC59116-Q1 Datasheet
422Kb / 39P
16-Channel Constant-Current LED Sink Driver
TLC5926 TI1-TLC5926_15 Datasheet
1Mb / 39P
16-Channel Constant-Current LED Sink Drivers
TLC5926-Q1 TI1-TLC5926-Q1_16 Datasheet
1Mb / 36P
TLC592x-Q1 16-Channel Constant-Current LED Sink Drivers
logo
List of Unclassifed Man...
MBI5025 ETC1-MBI5025 Datasheet
387Kb / 18P
16-channel Constant Current LED Sink Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com