Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC5928 Datasheet (PDF) - Texas Instruments

TLC5928 Datasheet PDF - Texas Instruments
Part # TLC5928
Download  TLC5928 Download
File Size   2717.35 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 16-Channel, Constant-Current LED Driver with LED Open Detection

TLC5928 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLC5928 Datasheet PDF - Texas Instruments

Part # TLC5928
Download  TLC5928 Click to download

File Size   2717.35 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 16-Channel, Constant-Current LED Driver with LED Open Detection

TLC5928 Datasheet (HTML) - Texas Instruments


TLC5928 Product details

FEATURES
23. 16 Channels, Constant-Current Sink Output
with On/Off Control
. 35-mA Capability (Constant-Current Sink)
. 10-ns High-Speed Constant-Current Switching
Transient Time
. Low On-Time Error
. LED Power-Supply Voltage up to 17 V
. VCC = 3.0 V to 5.5 V
. Constant-Current Accuracy:
. Channel-to-Channel = ±1%
. Device-to-Device = ±1%
. CMOS Logic Level I/O
. 35-MHz Data Transfer Rate
. 20-ns BLANK Pulse Width
. Readable Error Information:
. LED Open Detection (LOD)
. Pre-Thermal Warning (PTW)
. Operating Temperature: .40°C to +85°C

APPLICATIONS
. LED Video Displays
. Message Boards
. Illumination

DESCRIPTION
The TLC5928 is a 16-channel, constant-current sink
LED driver. Each channel can be turned on/off by
writing serial data to an internal register. The
constant-current value of all 16 channels is set by a
single external resistor.
The TLC5928 has two error detection circuits: one for
LED open detection (LOD) and one for a pre-thermal
warning (PTW). LOD detects a broken or
disconnected LED and LEDs shorted to GND while
the constant-current output is on. PTW indicates a
high temperature condition.




Similar Part No. - TLC5928

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5928 TI-TLC5928 Datasheet
1Mb / 27P
16-Channel, Constant-Current LED Driver with LED Open Detection
TLC5928 TI-TLC5928 Datasheet
918Kb / 28P
16-Channel, Constant-Current LED Driver with LED Open Detection
TLC5928 TI1-TLC5928 Datasheet
1Mb / 32P
16-Channel, Constant-Current LED Driver with LED Open Detection
TLC59281 TI-TLC59281 Datasheet
462Kb / 19P
16-Channel, Constant-Current LED Driver
TLC59281 TI-TLC59281 Datasheet
653Kb / 23P
16-Channel,Constant-Current LED Driver
More results


Similar Description - TLC5928

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MBI5027 ETC-MBI5027 Datasheet
450Kb / 24P
16 BIT CONSTANT CURRENT LED SINK DRIVER WITH ERROR DETECTION
logo
Toshiba Semiconductor
TCA62746AFG TOSHIBA-TCA62746AFG Datasheet
469Kb / 25P
16-Output Constant Current LED Driver with Output Open/Short Detection
logo
Allegro MicroSystems
A6285 ALLEGRO-A6285 Datasheet
545Kb / 13P
16-Channel Constant-Current Latched LED Driver with Open LED Detection and Dot Correction
logo
Texas Instruments
TLC5928 TI-TLC5928 Datasheet
1Mb / 27P
16-Channel, Constant-Current LED Driver with LED Open Detection
TLC5928 TI-TLC5928_1 Datasheet
918Kb / 28P
16-Channel, Constant-Current LED Driver with LED Open Detection
logo
Silicon Touch Technolog...
DM412 SITI-DM412 Datasheet
1Mb / 35P
3-CHANNEL CONSTANT CURRENT LED DRIVERS WITH LED OPEN DETECTION
logo
Marktech Corporate
TCA62746AFG MARKTECH-TCA62746AFG Datasheet
504Kb / 25P
16-Output Constant Current LED Driver with Output Open/Short Detection
logo
Toshiba Semiconductor
TCA62746AFG_0711 TOSHIBA-TCA62746AFG_0711 Datasheet
406Kb / 25P
16-Output Constant Current LED Driver with Output Open/Short Detection
logo
Texas Instruments
TLC5928 TI1-TLC5928_16 Datasheet
1Mb / 32P
16-Channel, Constant-Current LED Driver with LED Open Detection
TLC5928 TI1-TLC5928_17 Datasheet
1Mb / 32P
16-Channel, Constant-Current LED Driver with LED Open Detection
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com