Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC5929 Datasheet (PDF) - Texas Instruments

TLC5929 Datasheet PDF - Texas Instruments
Part # TLC5929
Download  TLC5929 Download
File Size   2675.9 Kbytes
Page   46 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 16-Channel, Constant-Current LED Driver with 7-Bit Global Brightness Control, Power- Save Mode, and Full Self-Diagnosis for LED Lamp

TLC5929 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLC5929 Datasheet PDF - Texas Instruments

Part # TLC5929
Download  TLC5929 Click to download

File Size   2675.9 Kbytes
Page   46 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 16-Channel, Constant-Current LED Driver with 7-Bit Global Brightness Control, Power- Save Mode, and Full Self-Diagnosis for LED Lamp

TLC5929 Datasheet (HTML) - Texas Instruments


TLC5929 Product details

1FEATURES
23• 16 Constant-Current Sink Output Channels
with On/Off Control
• Current Capability:
– 40 mA (VCC ≤ 3.6 V)
– 50 mA (V CC > 3.6 V)
• Global Brightness Control: 7-Bit (128 Steps)
• Power-Supply Voltage Range: 3.0 V to 5.5 V
• LED Power-Supply Voltage: Up to 10 V
• Constant-Current Accuracy:
– Channel-to-Channel = ±1% (typ), ±3% (max)
– Device-to-Device = ±2% (typ), ±4% (max)
• Data Transfer Rate: 33 MHz
• BLANK Pulse Width: 40 ns (min)
• LED Open Detection (LOD)/LED Short
Detection (LSD) with Invisible Detection Mode
(IDM)
• Output Leakage Detection (OLD) Detects 3 μA
Leak
• Pre-Thermal Warning (PTW)
• Thermal Shutdown (TSD)
• Current Reference Terminal Short Flag (ISF)
• Power-Save Mode with 10-μA Consumption
• Undervoltage Lockout Sets the Default Data
• 2-ns Delayed Switching Between Each
Channel Minimizes Inrush Current
• Operating Temperature: –40°C to +85°C

APPLICATIONS
• Variable Message Signs (VMS)
• Illumination

DESCRIPTION
The TLC5929 is a 16-channel constant current sink
LED driver. Each channel can be turned on or off by
writing data to an internal register. The constant
current value of all 16 channels is set by a single
external resistor with 128 steps for the global
brightness control (BC).
The TLC5929 has six error flags: LED open detection
(LOD), LED short detection (LSD), output leakage
detection (OLD), reference current terminal short
detection (ISF), pre-thermal warning (PTW) and
thermal error flag (TEF). In addition, the LOD and
LSD functions have invisible detection mode (IDM)
that can detect those errors even when the output is
off. The error detection results can be read via a
serial interface port.
The TLC5929 also has a power-save mode that sets
the total current consumption to 10 μA (typ) when all
outputs are off.




Similar Part No. - TLC5929

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5929 TI1-TLC5929 Datasheet
651Kb / 36P
16-Channel, Constant-Current LED Driver with 7-Bit Global Brightness Control, Power-Save Mode
TLC59291 TI1-TLC59291 Datasheet
800Kb / 45P
TLC59291 8/16-Channel, Constant Current LED Driver with 7-bit Brightness Control Low Quiescent Current and Full Self Diagnosis for LED Lamp
TLC59291RGER TI1-TLC59291RGER Datasheet
805Kb / 46P
8/16-Channel, Constant Current LED Driver
TLC59291RGET TI1-TLC59291RGET Datasheet
805Kb / 46P
8/16-Channel, Constant Current LED Driver
TLC59291 TI1-TLC59291_15 Datasheet
800Kb / 45P
TLC59291 8/16-Channel, Constant Current LED Driver with 7-bit Brightness Control Low Quiescent Current and Full Self Diagnosis for LED Lamp
More results


Similar Description - TLC5929

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5943 TI-TLC5943 Datasheet
757Kb / 34P
16-Channel, 16-Bit PWM LED Driver with 7-Bit Global Brightness Control
TLC5952 TI-TLC5952 Datasheet
943Kb / 33P
24-Channel, Constant-Current LED Driver with Global Brightness Control and LED Open-Short Detection
TLC5929 TI1-TLC5929 Datasheet
651Kb / 36P
16-Channel, Constant-Current LED Driver with 7-Bit Global Brightness Control, Power-Save Mode
TLC5948A TI1-TLC5948A Datasheet
1Mb / 50P
16-Channel, 16-Bit, ES-PWM, Full Self-Diagnosis LED Driver
TLC5949 TI-TLC5949 Datasheet
1Mb / 51P
16-Channel, 12-Bit, ES-PWM, Full Self-Diagnosis LED Driver for 7-Bit Global BC LED Lamp
TLC59291 TI1-TLC59291_15 Datasheet
800Kb / 45P
TLC59291 8/16-Channel, Constant Current LED Driver with 7-bit Brightness Control Low Quiescent Current and Full Self Diagnosis for LED Lamp
TLC5929 TI1-TLC5929_16 Datasheet
1Mb / 43P
16-Channel, Constant-Current LED Driver with 7-Bit Global Brightness Control, Power-Save Mode, and Full Self-Diagnosis for LED Lamp
TLC5943 TI1-TLC5943_16 Datasheet
1Mb / 40P
16-Channel, 16-Bit PWM LED Driver with 7-Bit Global Brightness Control
TLC5954 TI1-TLC5954 Datasheet
1Mb / 45P
TLC5954 48-Channel, Constant-Current LED Driver with Global Brightness Control, LED Open-Short Detection, and Power-Save Mode
TLC5943 TI1-TLC5943_17 Datasheet
1Mb / 40P
16-Channel, 16-Bit PWM LED Driver with 7-Bit Global Brightness Control
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com