Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC5943 Datasheet (PDF) - Texas Instruments

TLC5943 Datasheet PDF - Texas Instruments
Part # TLC5943
Download  TLC5943 Download
File Size   1989.01 Kbytes
Page   43 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 16-Channel, 16-Bit PWM LED Driver with 7-Bit Global Brightness Control

TLC5943 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLC5943 Datasheet PDF - Texas Instruments

Part # TLC5943
Download  TLC5943 Click to download

File Size   1989.01 Kbytes
Page   43 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 16-Channel, 16-Bit PWM LED Driver with 7-Bit Global Brightness Control

TLC5943 Datasheet (HTML) - Texas Instruments


TLC5943 Product details

1FEATURES
23· 16 Channels, Constant Current Sink Output
· 50-mA Capability (Constant Current Sink)
· 16-Bit (65,536 Steps) Grayscale Control with
Enhanced Spectrum (ES) PWM
· 7-Bit (128 Steps) Global Brightness Control for
All Channels with Sink Current
· LED Power-Supply Voltage up to 17 V
· VCC = 3.0 V to 5.5 V
· Constant Current Accuracy:
– Channel-to-Channel = ±1.5%
– Device-to-Device = ±3%
· CMOS Level I/O
· 30-MHz Data Transfer Rate
· 33-MHz Grayscale Control Clock
· Auto Display Repeat
· Auto Data Refresh
· Continuous Base LED Open Detection (LOD):
– Detect LED opening and LED short to GND
during display
· Thermal Shutdown (TSD):
– Automatic shutdown at high temperature
conditions
– Restart under normal temperature
· Readable Error Information:
. LED Open Detection (LOD)
. Thermal Error Flag (TEF)
· Noise Reduction:
. 4-channel grouped delay to prevent inrush
current
· Operating Temperature: .40°C to +85°C

APPLICATIONS
· Monochrome, Multicolor, Full-Color LED
Displays · LED Signboards
· Display Backlighting

DESCRIPTION
The TLC5943 is a 16-channel, constant current sink
driver. Each channel is individually adjustable with
65,536 enhanced spectrum pulse-width modulated
(PWM) steps controlled by grayscale (GS) data. All
output drivers are adjustable with 128 constant sink
current steps at same value controlled by brightness
control (BC) data. Both GS data and BC data are
writable via a serial interface port. The maximum
current value of all 16 channels can be set by a
single external resistor.




Similar Part No. - TLC5943

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5943 TI-TLC5943 Datasheet
757Kb / 34P
16-Channel, 16-Bit PWM LED Driver with 7-Bit Global Brightness Control
TLC5943 TI1-TLC5943 Datasheet
1Mb / 40P
16-Channel, 16-Bit PWM LED Driver with 7-Bit Global Brightness Control
TLC5943PWP TI-TLC5943PWP Datasheet
757Kb / 34P
16-Channel, 16-Bit PWM LED Driver with 7-Bit Global Brightness Control
TLC5943PWP TI1-TLC5943PWP Datasheet
1Mb / 40P
16-Channel, 16-Bit PWM LED Driver with 7-Bit Global Brightness Control
TLC5943PWP TI1-TLC5943PWP Datasheet
1Mb / 40P
16-Channel, 16-Bit PWM LED Driver with 7-Bit Global Brightness Control
More results


Similar Description - TLC5943

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5943 TI-TLC5943 Datasheet
757Kb / 34P
16-Channel, 16-Bit PWM LED Driver with 7-Bit Global Brightness Control
TLC5929 TI1-TLC5929 Datasheet
651Kb / 36P
16-Channel, Constant-Current LED Driver with 7-Bit Global Brightness Control, Power-Save Mode
TLC5951 TI1-TLC5951 Datasheet
1Mb / 46P
24-Channel, 12-Bit PWM LED Driver with 7-Bit Dot Correction and 3-Group, 8-Bit Global Brightness Control
logo
Integrated Silicon Solu...
IS31FL3726 ISSI-IS31FL3726 Datasheet
436Kb / 13P
16-BIT COLOR LED DRIVER WITH PWM CONTROL
logo
Texas Instruments
TLC5943 TI1-TLC5943_16 Datasheet
1Mb / 40P
16-Channel, 16-Bit PWM LED Driver with 7-Bit Global Brightness Control
TLC5951-DIE TI1-TLC5951-DIE Datasheet
185Kb / 5P
24-CHANNEL, 12-BIT PWM LED DRIVER WITH 7-BIT DOT CORRECTION AND 3-GROUP, 8-BIT GLOBAL BRIGHTNESS CONTROL
TLC59482 TI1-TLC59482 Datasheet
1Mb / 34P
16-Channel, 16-Bit, PWM LED Driver with 6-Bit Global Brightness Control
logo
Integrated Silicon Solu...
IS31FL3726-QFLS2 ISSI-IS31FL3726-QFLS2 Datasheet
436Kb / 14P
16-BIT COLOR LED DRIVER WITH PWM CONTROL
logo
Texas Instruments
TLC5943 TI1-TLC5943_17 Datasheet
1Mb / 40P
16-Channel, 16-Bit PWM LED Driver with 7-Bit Global Brightness Control
TLC5951 TI1-TLC5951_17 Datasheet
1Mb / 50P
24-Channel, 12-Bit PWM LED Driver With 7-Bit Dot Correction and 3-Group, 8-Bit Global Brightness Control
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com