Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC59461 Datasheet (PDF) - Texas Instruments

TLC59461 Datasheet PDF - Texas Instruments
Part # TLC59461
Download  TLC59461 Download
File Size   1074.62 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction

TLC59461 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLC59461 Datasheet PDF - Texas Instruments

Part # TLC59461
Download  TLC59461 Click to download

File Size   1074.62 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction

TLC59461 Datasheet (HTML) - Texas Instruments


TLC59461 Product details

1FEATURES
23· 16 Channels, Constant-Current Sink Output
· 40-mA Capability (Constant-Current Sink)
· 12-Bit (4096 Steps) Grayscale PWM Control
· 6-Bit (64 Steps) Dot Correction
· LED Power-Supply Voltage up to 17 V
· VCC = 3.0 V to 5.5 V
· Constant-Current Accuracy:
. Channel-to-Channel = ±1% (typ)
. Device-to-Device = ±2% (typ)
· 30-MHz Data Transfer Rate
· 33-MHz Grayscale PWM Clock
· Extended Serial Interface
· CMOS Level I/O
· Schmitt Buffer Input
· Readable Error Information:
. Continuous Base LED Open Detection
(LOD)
. Thermal Error Flag (TEF)
· Noise Reduction:
. 4-Channel Grouped Delay
· Operating Temperature: .40°C to +85°C

APPLICATIONS
· Monochrome, Multicolor, Full-Color LED
Displays
· LED Signboards
· Display Backlighting

DESCRIPTION
The TLC59461 is a 16-channel, constant-current sink
LED driver. Each channel is individually adjustable
with 4096 pulse-width modulated (PWM) steps and
64 constant-current sink steps for dot correction. The dot correction adjusts the brightness variations
between LEDs. Both grayscale control and dot
correction are accessible via serial interface. The
maximum current value of all 16 channels can be set
by a single external resistor.
The TLC59461 has two error information circuits: one for LED open detection (LOD), and a thermal error
flag (TEF). LOD detects a broken or disconnected
LED during display period. TEF indicates an
over-temperature condition.
To allow lower power dissipation, the TLC59461 does
not implement the Auto Output Off function available
in the TLC5946.




Similar Part No. - TLC59461

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC59461 TI-TLC59461 Datasheet
840Kb / 33P
16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
TLC59461PWP TI-TLC59461PWP Datasheet
840Kb / 33P
16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
TLC59461PWPR TI-TLC59461PWPR Datasheet
840Kb / 33P
16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
More results


Similar Description - TLC59461

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5942 TI-TLC5942 Datasheet
1Mb / 33P
16-Channel, 12-Bit PWM LED Driver with 7-Bit Dot Correction
TLC5946 TI-TLC5946 Datasheet
793Kb / 35P
16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
TLC5944 TI-TLC5944 Datasheet
1Mb / 36P
16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction and Pre-Charge FET
TLC5946_0806 TI-TLC5946_0806 Datasheet
795Kb / 35P
16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
TLC5944 TI-TLC5944_1 Datasheet
982Kb / 34P
16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction and Pre-Charge FET
TLC59461 TI-TLC59461 Datasheet
840Kb / 33P
16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
TLC5942 TI1-TLC5942_16 Datasheet
884Kb / 29P
16-Channel, 12-Bit PWM LED Driver with 7-Bit Dot Correction
TLC5944 TI1-TLC5944_16 Datasheet
1Mb / 38P
16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction and Pre-Charge FET
TLC5946 TI1-TLC5946_16 Datasheet
1Mb / 41P
16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
TLC5946 TI1-TLC5946_17 Datasheet
1Mb / 41P
16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com