Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC5948A Datasheet (PDF) - Texas Instruments

TLC5948A Datasheet PDF - Texas Instruments
Part # TLC5948A
Download  TLC5948A Download
File Size   1479.02 Kbytes
Page   54 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 16-Channel, 16-Bit, ES-PWM, Full Self-Diagnosis LED Driver for 7-Bit DC and 7-Bit Global BC LED Lamp

TLC5948A Datasheet (PDF)

Go To PDF Page Download Datasheet
TLC5948A Datasheet PDF - Texas Instruments

Part # TLC5948A
Download  TLC5948A Click to download

File Size   1479.02 Kbytes
Page   54 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 16-Channel, 16-Bit, ES-PWM, Full Self-Diagnosis LED Driver for 7-Bit DC and 7-Bit Global BC LED Lamp

TLC5948A Datasheet (HTML) - Texas Instruments


TLC5948A Product details

1FEATURES
23. 16 Constant-Current Sink Output Channels
. Sink Current Capability with Maximum DC and
BC Data:
. 2 mA to 45 mA (VCC ≤ 3.6 V)
. 2 mA to 60 mA (VCC > 3.6 V)
. Dot Correction (DC):
. 7-Bit (128 Steps) with 0% to 100% Range
. Global Brightness Control (BC):
. 7-Bit (128 Steps) with 25% to 100% Range
. Grayscale Control (GS) with Enhanced
Spectrum or Conventional PWM:
. 16-Bit (65,536 Steps)
. LED Power-Supply Voltage: Up to 10 V
. VCC: 3.0 V to 5.5 V
. Constant-Current Accuracy:
. Channel-to-Channel: ±0.6% (typ), ±2% (max)
. Device-to-Device: ±1% (typ), ±4% (max)
. Data Transfer Rate: 33 MHz
. Grayscale Control Clock: 33 MHz
. Auto Display Repeat and Auto Data Refresh
. Display Timing Reset
. Power-Save Mode to Minimize VCC Current
. LOD and LSD with Invisible Detection
Mode (IDM)
. Output Leakage Detection (OLD)
. Current Reference Terminal Short Flag (ISF)
. Thermal Shutdown (TSD) and Error Flag (TEF)
. Pre-Thermal Warning (PTW)
. Four-Channel Grouped Delay Switching to
Prevent Inrush Current
. Operating Temperature: .40°C to +85°C

APPLICATIONS
. LED Video Displays
. LED Signboards

DESCRIPTION
The TLC5948A is a 16-channel, constant-current sink
LED driver. Each channel has an individually-
adjustable, pulse width modulation (PWM) grayscale
(GS) brightness control with 65,536 steps and 128
steps of constant-current dot correction (DC). DC adjusts brightness deviation between channels. All
channels have a 128-step global brightness control
(BC). BC adjusts brightness deviation with other LED
drivers. GS, DC, and BC data are accessible with a
serial interface port.
The TLC5948A has six error flags: LED open detection (LOD), LED short detection (LSD), output
leakage detection (OLD), reference current terminal
short flag detection (ISF), pre-thermal warning (PTW),
and thermal error flag (TEF). The error detection
results can be read with a serial interface port.




Similar Part No. - TLC5948A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5948A TI1-TLC5948A Datasheet
1Mb / 50P
16-Channel, 16-Bit, ES-PWM, Full Self-Diagnosis LED Driver
TLC5948ADBQ TI1-TLC5948ADBQ Datasheet
1Mb / 50P
16-Channel, 16-Bit, ES-PWM, Full Self-Diagnosis LED Driver
TLC5948ADBQR TI1-TLC5948ADBQR Datasheet
1Mb / 50P
16-Channel, 16-Bit, ES-PWM, Full Self-Diagnosis LED Driver
TLC5948APWP TI1-TLC5948APWP Datasheet
1Mb / 50P
16-Channel, 16-Bit, ES-PWM, Full Self-Diagnosis LED Driver
TLC5948APWPR TI1-TLC5948APWPR Datasheet
1Mb / 50P
16-Channel, 16-Bit, ES-PWM, Full Self-Diagnosis LED Driver
More results


Similar Description - TLC5948A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5943 TI-TLC5943 Datasheet
757Kb / 34P
16-Channel, 16-Bit PWM LED Driver with 7-Bit Global Brightness Control
TLC5948A TI1-TLC5948A Datasheet
1Mb / 50P
16-Channel, 16-Bit, ES-PWM, Full Self-Diagnosis LED Driver
TLC5949 TI-TLC5949 Datasheet
1Mb / 51P
16-Channel, 12-Bit, ES-PWM, Full Self-Diagnosis LED Driver for 7-Bit Global BC LED Lamp
TLC59291 TI1-TLC59291_15 Datasheet
800Kb / 45P
TLC59291 8/16-Channel, Constant Current LED Driver with 7-bit Brightness Control Low Quiescent Current and Full Self Diagnosis for LED Lamp
TLC59581 TI1-TLC59581 Datasheet
525Kb / 28P
48-Channel, 16-Bit ES-PWM LED Driver
TLC5929 TI1-TLC5929_16 Datasheet
1Mb / 43P
16-Channel, Constant-Current LED Driver with 7-Bit Global Brightness Control, Power-Save Mode, and Full Self-Diagnosis for LED Lamp
TLC5942 TI1-TLC5942_16 Datasheet
884Kb / 29P
16-Channel, 12-Bit PWM LED Driver with 7-Bit Dot Correction
TLC5943 TI1-TLC5943_16 Datasheet
1Mb / 40P
16-Channel, 16-Bit PWM LED Driver with 7-Bit Global Brightness Control
TLC59482 TI1-TLC59482 Datasheet
1Mb / 34P
16-Channel, 16-Bit, PWM LED Driver with 6-Bit Global Brightness Control
TLC5943 TI1-TLC5943_17 Datasheet
1Mb / 40P
16-Channel, 16-Bit PWM LED Driver with 7-Bit Global Brightness Control
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com