Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC5952 Datasheet (PDF) - Texas Instruments

TLC5952 Datasheet PDF - Texas Instruments
Part # TLC5952
Download  TLC5952 Download
File Size   1544.74 Kbytes
Page   39 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 24-Channel, Constant-Current LED Driver With Global Brightness Control And LED Open-Short Detection

TLC5952 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLC5952 Datasheet PDF - Texas Instruments

Part # TLC5952
Download  TLC5952 Click to download

File Size   1544.74 Kbytes
Page   39 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 24-Channel, Constant-Current LED Driver With Global Brightness Control And LED Open-Short Detection

TLC5952 Datasheet (HTML) - Texas Instruments


TLC5952 Product details

1 Features
1. 24-Channel Constant-Current Sink Output With
On-Off Control
. Current Capability:
. 35 mA for 16 Channels
. 26.2 mA for 8 Channels
. Global Brightness Control (BC) for Each Color
Group: 7-Bit (128 Step), Three Groups
. LED Power-Supply Voltage up to 15 V
. VCC = 3 V to 5.5 V
. Constant-Current Accuracy:
. Channel-to-Channel = ±1%
. Device-to-Device = ±3%
. CMOS Logic Level I/O
. Data Transfer Rate: 35 MHz
. BLANK Pulse Duration: 15 ns
. Open-Load, Shorted-Load, and Overtemperature
Detection
. Thermal Shutdown (TSD) With Auto Restart
. Delay Switching to Prevent Inrush Current
. Operating Temperature: .40°C to 85°C
. Packages: HTSSOP-32, QFN-32

2 Applications
. Full-Color LED Displays
. LED Signboards

3 Description
The TLC5952 device is a 24-channel, constantcurrent
sink driver. Each channel can be turned on or
off with internal register data. The output channels
are grouped into three groups of eight channels each.
Each channel group has a 128-step global brightness
control (BC) function. Both on-off data and BC are
writable via a serial interface. The maximum current
value of all 24 channels is set by a single external
resistor.
The TLC5952 device has three error detection
circuits: LED-open detection (LOD), LED-shorted
detection (LSD), and a thermal error flag (TEF). The
error detection is read via a serial interface.




Similar Part No. - TLC5952

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5952 TI-TLC5952 Datasheet
943Kb / 33P
24-Channel, Constant-Current LED Driver with Global Brightness Control and LED Open-Short Detection
TLC5952DAP TI-TLC5952DAP Datasheet
943Kb / 33P
24-Channel, Constant-Current LED Driver with Global Brightness Control and LED Open-Short Detection
TLC5952DAPR TI-TLC5952DAPR Datasheet
943Kb / 33P
24-Channel, Constant-Current LED Driver with Global Brightness Control and LED Open-Short Detection
TLC5952RHBR TI-TLC5952RHBR Datasheet
943Kb / 33P
24-Channel, Constant-Current LED Driver with Global Brightness Control and LED Open-Short Detection
TLC5952RHBT TI-TLC5952RHBT Datasheet
943Kb / 33P
24-Channel, Constant-Current LED Driver with Global Brightness Control and LED Open-Short Detection
More results


Similar Description - TLC5952

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61061 TI-TPS61061 Datasheet
609Kb / 22P
CONSTANT CURRENT LED DRIVER WITH DIGITAL AND PWM BRIGHTNESS CONTROL
logo
Toshiba Semiconductor
TCA62746AFG TOSHIBA-TCA62746AFG Datasheet
469Kb / 25P
16-Output Constant Current LED Driver with Output Open/Short Detection
logo
Texas Instruments
TLC5928 TI-TLC5928 Datasheet
1Mb / 27P
16-Channel, Constant-Current LED Driver with LED Open Detection
TLC5928 TI-TLC5928_1 Datasheet
918Kb / 28P
16-Channel, Constant-Current LED Driver with LED Open Detection
TLC5952 TI-TLC5952 Datasheet
943Kb / 33P
24-Channel, Constant-Current LED Driver with Global Brightness Control and LED Open-Short Detection
logo
Marktech Corporate
TCA62746AFG MARKTECH-TCA62746AFG Datasheet
504Kb / 25P
16-Output Constant Current LED Driver with Output Open/Short Detection
logo
Toshiba Semiconductor
TCA62746AFG_0711 TOSHIBA-TCA62746AFG_0711 Datasheet
406Kb / 25P
16-Output Constant Current LED Driver with Output Open/Short Detection
logo
Texas Instruments
TLC5928 TI1-TLC5928_16 Datasheet
1Mb / 32P
16-Channel, Constant-Current LED Driver with LED Open Detection
TLC5954 TI1-TLC5954 Datasheet
1Mb / 45P
TLC5954 48-Channel, Constant-Current LED Driver with Global Brightness Control, LED Open-Short Detection, and Power-Save Mode
TLC5928 TI1-TLC5928_17 Datasheet
1Mb / 32P
16-Channel, Constant-Current LED Driver with LED Open Detection
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com