Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC5954 Datasheet (PDF) - Texas Instruments

TLC5954 Datasheet PDF - Texas Instruments
Part # TLC5954
Download  TLC5954 Download
File Size   1736.89 Kbytes
Page   47 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLC5954 48-Channel, Constant-Current LED Driver with Global Brightness Control, LED Open-Short Detection, and Power-Save Mode

TLC5954 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLC5954 Datasheet PDF - Texas Instruments

Part # TLC5954
Download  TLC5954 Click to download

File Size   1736.89 Kbytes
Page   47 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLC5954 48-Channel, Constant-Current LED Driver with Global Brightness Control, LED Open-Short Detection, and Power-Save Mode

TLC5954 Datasheet (HTML) - Texas Instruments


TLC5954 Product details

1 Features
1. 48 Constant-Current Sink Output Channels with
On or Off Control
. Current Capability:
. 34.9 mA for 32 Channels
. 24.4 mA 16 Channels
. No External Resistor for Current Setting
. Maximum Current Control (MC): 3 Bits (8 Steps)
. Global Brightness Control (BC) for Each Color
Group: 7 Bits (128 Steps), Three Groups
. LED Power-Supply Voltage: Up to 10 V
. VCC = 3.0 V to 3.6 V
. Constant-Current Accuracy:
. Channel-to-Channel = ±1% (typ), ±3% (max)
. Device-to-Device = ±2% (typ), ±4% (max)
. Data Transfer Rate: 30 MHz
. BLANK Pulse Duration: 40 ns (min)
. LED Open Detection (LOD)
. LED Short Detection (LSD)
. Power-Save Mode (PSM): 7-μA Consumption,
High-Speed Recovery
. Undervoltage Lockout Sets Default Data
. Delayed Switching Minimizes Inrush Current
. Operating Temperature: .40°C to +85°C

2 Applications
. LED Video Displays
. Variable Message Signs (VMS)
. Illumination

3 Description
The TLC5954 is a 48-channel, constant-current sink
LED driver. Each channel can be turned on or off by
writing data to an internal register. The output
channels (OUTXn) are grouped into three groups of
16 channels. Each channel group (R, G, and B) has a
128-step global brightness control (BC) function. The
maximum current value of all 48 channels can be set with an 8-step maximum current control (MC)
function. The device has two error flags: LED open
detection (LOD) and LED short detection (LSD). The
error flags can be read via a serial interface port. The device also has a power-save mode that sets the
total current consumption to 7 μA (typ) when all
outputs are off.




Similar Part No. - TLC5954

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5954 TI1-TLC5954 Datasheet
1Mb / 45P
TLC5954 48-Channel, Constant-Current LED Driver with Global Brightness Control, LED Open-Short Detection, and Power-Save Mode
TLC5954RTQR TI1-TLC5954RTQR Datasheet
1Mb / 45P
TLC5954 48-Channel, Constant-Current LED Driver with Global Brightness Control, LED Open-Short Detection, and Power-Save Mode
TLC5954RTQT TI1-TLC5954RTQT Datasheet
1Mb / 45P
TLC5954 48-Channel, Constant-Current LED Driver with Global Brightness Control, LED Open-Short Detection, and Power-Save Mode
More results


Similar Description - TLC5954

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5928 TI-TLC5928 Datasheet
1Mb / 27P
16-Channel, Constant-Current LED Driver with LED Open Detection
TLC5928 TI-TLC5928_1 Datasheet
918Kb / 28P
16-Channel, Constant-Current LED Driver with LED Open Detection
TLC5952 TI-TLC5952 Datasheet
943Kb / 33P
24-Channel, Constant-Current LED Driver with Global Brightness Control and LED Open-Short Detection
logo
Marktech Corporate
TCA62746AFG MARKTECH-TCA62746AFG Datasheet
504Kb / 25P
16-Output Constant Current LED Driver with Output Open/Short Detection
logo
Toshiba Semiconductor
TCA62746AFG_0711 TOSHIBA-TCA62746AFG_0711 Datasheet
406Kb / 25P
16-Output Constant Current LED Driver with Output Open/Short Detection
logo
Texas Instruments
TLC5929 TI1-TLC5929 Datasheet
651Kb / 36P
16-Channel, Constant-Current LED Driver with 7-Bit Global Brightness Control, Power-Save Mode
TLC5928 TI1-TLC5928_16 Datasheet
1Mb / 32P
16-Channel, Constant-Current LED Driver with LED Open Detection
TLC5929 TI1-TLC5929_16 Datasheet
1Mb / 43P
16-Channel, Constant-Current LED Driver with 7-Bit Global Brightness Control, Power-Save Mode, and Full Self-Diagnosis for LED Lamp
TLC5954 TI1-TLC5954 Datasheet
1Mb / 45P
TLC5954 48-Channel, Constant-Current LED Driver with Global Brightness Control, LED Open-Short Detection, and Power-Save Mode
TLC5928 TI1-TLC5928_17 Datasheet
1Mb / 32P
16-Channel, Constant-Current LED Driver with LED Open Detection
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com