Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC5955 Datasheet (PDF) - Texas Instruments

TLC5955 Datasheet PDF - Texas Instruments
Part # TLC5955
Download  TLC5955 Download
File Size   2344.91 Kbytes
Page   58 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLC5955 48-Channel, 16-Bit, PWM LED Driver with DC, BC, LED Open-Short Detection, and Internal Current Setting

TLC5955 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLC5955 Datasheet PDF - Texas Instruments

Part # TLC5955
Download  TLC5955 Click to download

File Size   2344.91 Kbytes
Page   58 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLC5955 48-Channel, 16-Bit, PWM LED Driver with DC, BC, LED Open-Short Detection, and Internal Current Setting

TLC5955 Datasheet (HTML) - Texas Instruments


TLC5955 Product details

1 Features
1. 48 Constant-Current Sink Output Channels
. Sink Current Capability with Maximum MC, DC,
and BC Data:
. 23.9 mA (VCC ≤ 3.6 V, MC = 5)
. 31.9 mA (VCC > 3.6 V, MC = 7)
. Grayscale (GS) Control:
. 16-Bit (65,536 Steps) with Enhanced Spectrum
or Conventional PWM
. Maximum Current (MC) Control:
. 3 Bits (8 Steps) with a 3-mA to 30-mA Range
. 3 MC Sets for Each Color Group
. Dot Correction (DC) Control:
. 7 Bits (128 Steps) with a 26.2% to 100%
Range
. Global Brightness Control (BC):
. 7 Bits (128 Steps) with a 10% to 100% Range
. 3 BC Sets for Each Color Group
. LED Power-Supply Voltage: Up to 10 V
. VCC: 3.0 V to 5.5 V
. Constant-Current Accuracy:
. Channel-to-Channel: ±2% (typ), ±5% (max)
. Device-to-Device: ±2% (typ), ±4% (max)
. Data Transfer Rate: 25 MHz
. Grayscale Control Clock: 33 MHz
. Auto Display Repeat
. Display Timing Reset
. Auto Data Refresh (GS and DC Only)
. LED Open Detection (LOD)
. LED Short Detection (LSD)
. UVLO Sets Default Data
. Delay Switching to Prevent Inrush Current
. Operating Temperature: .40°C to +85°C

2 Applications
• LED Video Displays
• Variable Message Signs (VMS)
• Illumination

3 Description
The TLC5955 is a 48-channel, constant-current sink
driver. Each channel has an individually-adjustable, pulse width modulation (PWM), grayscale (GS)
brightness control with 65,536 steps and 128 steps of
constant-current dot correction (DC). DC adjusts
brightness deviation between channels. All channels
have a 128-step global brightness control (BC). BC adjusts brightness deviation between the R, G, B
color group. The eight-step maximum current control
(MC) selects the maximum output current range for
all channels of each color group. GS, DC, BC, and
MC data are accessible with a serial interface port.
The TLC5955 has two error flags: LED open
detection (LOD) and LED short detection (LSD). The
error detection results can be read with a serial
interface port.




Similar Part No. - TLC5955

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5955 TI1-TLC5955 Datasheet
1Mb / 53P
TLC5955 48-Channel, 16-Bit, PWM LED Driver with DC, BC, LED Open-Short Detection, and Internal Current Setting
TLC5955DCA TI1-TLC5955DCA Datasheet
1Mb / 53P
TLC5955 48-Channel, 16-Bit, PWM LED Driver with DC, BC, LED Open-Short Detection, and Internal Current Setting
TLC5955DCAR TI1-TLC5955DCAR Datasheet
1Mb / 53P
TLC5955 48-Channel, 16-Bit, PWM LED Driver with DC, BC, LED Open-Short Detection, and Internal Current Setting
TLC5955RTQR TI1-TLC5955RTQR Datasheet
1Mb / 53P
TLC5955 48-Channel, 16-Bit, PWM LED Driver with DC, BC, LED Open-Short Detection, and Internal Current Setting
TLC5955RTQT TI1-TLC5955RTQT Datasheet
1Mb / 53P
TLC5955 48-Channel, 16-Bit, PWM LED Driver with DC, BC, LED Open-Short Detection, and Internal Current Setting
More results


Similar Description - TLC5955

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCA62746AFG TOSHIBA-TCA62746AFG Datasheet
469Kb / 25P
16-Output Constant Current LED Driver with Output Open/Short Detection
logo
Texas Instruments
TLC5928 TI-TLC5928 Datasheet
1Mb / 27P
16-Channel, Constant-Current LED Driver with LED Open Detection
TLC5928 TI-TLC5928_1 Datasheet
918Kb / 28P
16-Channel, Constant-Current LED Driver with LED Open Detection
logo
Marktech Corporate
TCA62746AFG MARKTECH-TCA62746AFG Datasheet
504Kb / 25P
16-Output Constant Current LED Driver with Output Open/Short Detection
logo
Toshiba Semiconductor
TCA62746AFG_0711 TOSHIBA-TCA62746AFG_0711 Datasheet
406Kb / 25P
16-Output Constant Current LED Driver with Output Open/Short Detection
logo
Texas Instruments
TLC5928 TI1-TLC5928_16 Datasheet
1Mb / 32P
16-Channel, Constant-Current LED Driver with LED Open Detection
TLC5955 TI1-TLC5955 Datasheet
1Mb / 53P
TLC5955 48-Channel, 16-Bit, PWM LED Driver with DC, BC, LED Open-Short Detection, and Internal Current Setting
TLC5957 TI1-TLC5957 Datasheet
1,004Kb / 25P
TLC5957 48-Channel, 16-Bit ES-PWM LED Driver with Pre-Charge FET, LED OPEN Detection and Caterpillar Cancelling
TLC5928 TI1-TLC5928_17 Datasheet
1Mb / 32P
16-Channel, Constant-Current LED Driver with LED Open Detection
TLC6C5748-Q1 TI-TLC6C5748-Q1 Datasheet
1Mb / 50P
TLC6C5748-Q1 48-Channel, 16-bit, PWM LED Driver with Internal Current Settings
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com