Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4275-Q1 Datasheet (PDF) - Texas Instruments

TLE4275-Q1 Datasheet PDF - Texas Instruments
Part # TLE4275-Q1
Download  TLE4275-Q1 Download
File Size   3817.78 Kbytes
Page   49 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLE4275-Q1 Automotive, 500mA, 40V, Low-Dropout Regulator With Power-Good

TLE4275-Q1 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLE4275-Q1 Datasheet PDF - Texas Instruments

Part # TLE4275-Q1
Download  TLE4275-Q1 Click to download

File Size   3817.78 Kbytes
Page   49 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLE4275-Q1 Automotive, 500mA, 40V, Low-Dropout Regulator With Power-Good

TLE4275-Q1 Datasheet (HTML) - Texas Instruments


TLE4275-Q1 Product details

1 Features
. AEC-Q100 qualified for automotive applications:
. Temperature grade 1: .40°C to +125°C, TA
. Junction temperature: .40°C to +150°C, TJ
. Input voltage range:
. Legacy chip: 5.5V to 42V (45V absolute max)
. New chip: 3.0V to 40V (42V absolute max)
. Maximum output current:
. Legacy chip: 450mA
. New chip: 500mA
. Output voltage accuracy: ±2.0% (across line, load
and temperature)
. Low dropout voltage: 500mV (max) at 300mA
. Low quiescent current:
. Legacy chip: 100μA (typ) at IOUT = 1mA
. New chip: 28μA (typ) at IOUT = 1mA
. Excellent line transient response (new chip):
. ±2% VOUT deviation during cold-crank
. ±2% VOUT deviation (1V/μs VIN slew rate)
. Power-good (reset) with programmable delay
period
. Stable with a 2.2μF or larger capacitor (new chip)
. Reverse-polarity protection (legacy chip)
. Overcurrent and overtemperature protection
. Packages:
. 5-pin TO-252 (KVU)
. 5-pin DDPAK/TO-263 (KTT)
. 20-pin HTSSOP (PWP) (legacy chip)

2 Applications
. Reconfigurable instrument clusters
. Body control modules (BCM)
. Always-on, battery-connected applications:
. Automotive gateways
. Remote keyless entries (RKE)

3 Description
The TLE4275-Q1 is a low-dropout linear regulator
designed to connect to the battery in automotive
applications. For the new chip, the device has an
input voltage range extending to 40V that drives
loads up to 500mA. This range allows the device
to withstand transients (such as load dumps) that
are anticipated in automotive systems. With only
a 28μA quiescent current at IOUT = 1mA (new
chip), the device is designed for powering always-on
components. Microcontrollers (MCUs) and controller
area network (CAN) transceivers in standby systems
are examples of such components.




Similar Part No. - TLE4275-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLE4275-Q1 TI-TLE4275-Q1 Datasheet
314Kb / 12P
5-V LOW-DROPOUT VOLTAGE REGULATOR
TLE4275-Q1 TI-TLE4275-Q1 Datasheet
1Mb / 22P
5-V LOW-DROPOUT VOLTAGE REGULATOR
TLE4275-Q1 TI-TLE4275-Q1_15 Datasheet
1Mb / 28P
TLE4275-Q1 5-V Low-Dropout Voltage Regulator
More results


Similar Description - TLE4275-Q1

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW4185 NJRC-NJW4185 Datasheet
152Kb / 1P
40V Io=500mA Low dropout Regulator
logo
Texas Instruments
TLE4275-Q1 TI-TLE4275-Q1_15 Datasheet
1Mb / 28P
TLE4275-Q1 5-V Low-Dropout Voltage Regulator
logo
Unisonic Technologies
LR2965 UTC-LR2965 Datasheet
176Kb / 5P
1.5A, LOW DROPOUT REGULATOR WITH POWER GOOD
LR1965 UTC-LR1965 Datasheet
161Kb / 4P
1.5A, LOW DROPOUT REGULATOR WITH POWER GOOD
logo
Texas Instruments
TPS7B86-Q1 TI-TPS7B86-Q1_V01 Datasheet
1Mb / 29P
TPS7B86-Q1 500-mA, 40-V, Low-Dropout Regulator With Power-Good
TPS7B87-Q1 TI-TPS7B87-Q1_V01 Datasheet
3Mb / 38P
TPS7B87-Q1 500-mA, 40-V, Low-Dropout Regulator With Power-Good
TPS7B86-Q1 TI-TPS7B86-Q1_V05 Datasheet
3Mb / 41P
TPS7B86-Q1 Automotive, 500-mA, 40-V, Adjustable, Low-Dropout Regulator With Power-Good
REVISED MAY 2022
TPS7B86-Q1 TI-TPS7B86-Q1_V06 Datasheet
3Mb / 41P
TPS7B86-Q1 Automotive, 500-mA, 40-V, Adjustable, Low-Dropout Regulator With Power-Good
REVISED AUGUST 2022
TPS7B86-Q1 TI-TPS7B86-Q1_V07 Datasheet
3Mb / 42P
TPS7B86-Q1 Automotive, 500-mA, 40-V, Adjustable, Low-Dropout Regulator With Power-Good
AUGUST 2022
TPS7B86-Q1 TI1-TPS7B86-Q1_V08 Datasheet
3Mb / 45P
TPS7B86-Q1 Automotive, 500-mA, 40-V, Adjustable, Low-Dropout Regulator With Power-Good
REVISED AUGUST 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com