Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLK1211RCP Datasheet (PDF) - Texas Instruments

TLK1211RCP Datasheet PDF - Texas Instruments
Part # TLK1211RCP
Download  TLK1211RCP Download
File Size   486.62 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ETHERNET TRANSCEIVERS

TLK1211RCP Datasheet (PDF)

Go To PDF Page Download Datasheet
TLK1211RCP Datasheet PDF - Texas Instruments

Part # TLK1211RCP
Download  TLK1211RCP Click to download

File Size   486.62 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ETHERNET TRANSCEIVERS

TLK1211RCP Datasheet (HTML) - Texas Instruments


TLK1211RCP Product details

1FEATURES
2• 0.6-Gbps to 1.3-Gbps Serializer/Deserializer
• Low Power Consumption <250 mW (typ) at
1.25 Gbps
• Fast Relock Times Less Than 256 ns (Typ)
Suitable for EPON/GEPON Applications
• LVPECL Compatible Differential I/O on High
Speed Interface
• Single Monolithic PLL Design
• Support For 10-Bit Interface or Reduced
Interface 5-Bit DDR (Double Data Rate)
Clocking
• Receiver Differential Input Thresholds 200 mV
Minimum
• IEEE 802.3 Gigabit Ethernet Compliant
• ANSI X3.230-1994 (FC-PH) Fibre Channel
Compliant
• Advanced 0.25-μm CMOS Technology
• No External Filter Capacitors Required
• Comprehensive Suite of Built-In Testability
• IEEE 1149.1 JTAG Support
• 2.5-V Supply Voltage for Lowest Power
Operation
• 3.3-V Tolerant on LVTTL Inputs
• Hot Plug Protection
• 64-Pin VQFP With Thermally Enhanced
Package ( PowerPAD™)
• CPRI Data Rate Compatible (614 Mbps,
1.22 Gbps)
• Industrial Temperature Range
Supported: –40°C to 85°C

DESCRIPTION
The TLK1211RCP gigabit ethernet transceiver provides for ultrahigh-speed, full-duplex, point-to-point data
transmissions. This device is based on the timing requirements of the 10-bit interface specification by the IEEE
802.3 gigabit ethernet specification and is also compliant with the ANSI X3.230-1994 (FC-PH) fibre channel
standard. The device supports data rates from 0.6 Gbps to 1.3 Gbps.




Similar Part No. - TLK1211RCP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK1211RCP TI-TLK1211RCP Datasheet
235Kb / 20P
ETHERNET TRANSCEIVERS
TLK1211RCP TI-TLK1211RCP Datasheet
366Kb / 20P
ETHERNET TRANSCEIVERS
TLK1211RCP TI1-TLK1211RCP Datasheet
412Kb / 21P
ETHERNET TRANSCEIVERS
TLK1211RCP TI2-TLK1211RCP Datasheet
483Kb / 22P
ETHERNET TRANSCEIVERS
REVISED APRIL 2011
TLK1211RCP.A TI2-TLK1211RCP.A Datasheet
483Kb / 22P
ETHERNET TRANSCEIVERS
REVISED APRIL 2011
More results


Similar Description - TLK1211RCP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK1201 TI-TLK1201 Datasheet
279Kb / 19P
ETHERNET TRANSCEIVERS
TLK2201B TI-TLK2201B Datasheet
340Kb / 21P
ETHERNET TRANSCEIVERS
TLK2201A TI-TLK2201A Datasheet
348Kb / 21P
ETHERNET TRANSCEIVERS
TLK1201ARCP TI-TLK1201ARCP Datasheet
272Kb / 21P
ETHERNET TRANSCEIVERS
TLK2211 TI-TLK2211 Datasheet
551Kb / 21P
ETHERNET TRANSCEIVERS
TLK1201A TI1-TLK1201A Datasheet
790Kb / 23P
ETHERNET TRANSCEIVERS
TLK1211 TI1-TLK1211 Datasheet
412Kb / 21P
ETHERNET TRANSCEIVERS
TLK1201IRCPRG4 TI-TLK1201IRCPRG4 Datasheet
541Kb / 22P
ETHERNET TRANSCEIVERS
TLK2201B TI1-TLK2201B_13 Datasheet
1Mb / 24P
ETHERNET TRANSCEIVERS
TLK1201RCP TI1-TLK1201RCP Datasheet
1Mb / 25P
ETHERNET TRANSCEIVERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com