Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV07IDR Datasheet (PDF) - Texas Instruments

TLV07IDR Datasheet PDF - Texas Instruments
Part # TLV07IDR
Download  TLV07IDR Download
File Size   3125.56 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV07 36-V Precision, Rail-to-Rail Output Operational Amplifier

TLV07IDR Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV07IDR Datasheet PDF - Texas Instruments

Part # TLV07IDR
Download  TLV07IDR Click to download

File Size   3125.56 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV07 36-V Precision, Rail-to-Rail Output Operational Amplifier

TLV07IDR Datasheet (HTML) - Texas Instruments


TLV07IDR Product details

1 Features
1. Low Offset Voltage: 100 μV (Maximum)
. Rail-to-Rail Output
. Low Noise: 19 nV / √Hz
. Unity-Gain Stable
. RFI Filtered Inputs
. Input Range Includes Negative Supply
. Rail-to-Rail Output
. Gain Bandwidth: 1 MHz
. Low Quiescent Current: 930 μA
. Full Industrial Temperature Range:
.40°C to +125°C
. Offered in the Industry-Standard 8-Pin SOIC
Package

2 Applications
. Battery Testers
. Tracking Amplifier in Power Modules
. Merchant Power Supplies
. Transducer Amplifiers
. Temperature Measurements
. Strain Gauge Amplifiers

3 Description
The TLV07 device is a 36-V, single-supply, low-noise,
precision operational amplifier (op amp)
manufactured using TI’s laser trim operational
amplifier technology. Each amplifiers' input offset
voltage is trimmed in production to obtain a low offset
voltage of 100 μV (maximum).
The TLV07 offers outstanding dc precision and ac
performance, including rail-to-rail output, low offset
voltage (±100 μV, maximum) and 1-MHz bandwidth.
The TLV07 is stable at G = 1 with capacitive loads up
to 200 pF. The input can operate 100 mV below the
negative rail and within 2 V of the positive rail. This
wide input voltage range, combined with a high
CMRR of 120 dB, make the TLV07 well-suited when
operated in the non-inverting configuration.
The TLV07 op amp is specified from .40°C to
+125°C.




Similar Part No. - TLV07IDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV07IDR TI1-TLV07IDR Datasheet
263Kb / 21P
36-V Precision, Rail-to-Rail Output Operational Amplifier
More results


Similar Description - TLV07IDR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP2011 NSC-LMP2011 Datasheet
688Kb / 16P
High Precision, Rail-to-Rail Output Operational Amplifier
LMV2011 NSC-LMV2011 Datasheet
582Kb / 15P
High Precision, Rail-to-Rail Output Operational Amplifier
logo
Analog Devices
AD8698 AD-AD8698 Datasheet
317Kb / 20P
Dual Precision, Rail-to-Rail Output Operational Amplifier
4/04-Revision 0
logo
Advanced Linear Devices
ALD1712A ALD-ALD1712A_05 Datasheet
49Kb / 6P
RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
logo
Intersil Corporation
LMP2015 INTERSIL-LMP2015 Datasheet
511Kb / 16P
High Precision, Rail-to-Rail Output Operational Amplifier
December 18, 2007
logo
National Semiconductor ...
LMP2011 NSC-LMP2011_08 Datasheet
502Kb / 16P
High Precision, Rail-to-Rail Output Operational Amplifier
LMV2011 NSC-LMV2011_08 Datasheet
485Kb / 16P
High Precision, Rail-to-Rail Output Operational Amplifier
LMV2011 NSC-LMV2011_14 Datasheet
1Mb / 24P
High Precision, Rail-to-Rail Output Operational Amplifier
logo
STMicroelectronics
TSB611 STMICROELECTRONICS-TSB611 Datasheet
1Mb / 24P
Low-power, rail-to-rail output, 36 V operational amplifier
17-Aug-2015
logo
Texas Instruments
TLV07 TI1-TLV07 Datasheet
263Kb / 21P
36-V Precision, Rail-to-Rail Output Operational Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com