Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV170 Datasheet (PDF) - Texas Instruments

TLV170 Datasheet PDF - Texas Instruments
Part # TLV170
Download  TLV170 Download
File Size   1897.39 Kbytes
Page   47 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLVx170 36-V, Single-Supply, EMI-Hardened, Low-Power Operational Amplifiers for Cost-Sensitive Systems

TLV170 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV170 Datasheet PDF - Texas Instruments

Part # TLV170
Download  TLV170 Click to download

File Size   1897.39 Kbytes
Page   47 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLVx170 36-V, Single-Supply, EMI-Hardened, Low-Power Operational Amplifiers for Cost-Sensitive Systems

TLV170 Datasheet (HTML) - Texas Instruments


TLV170 Product details

1 Features
1. Supply Range: 2.7 V to 36 V, ±1.35 V to ±18 V
. Low Noise: 22 nV/√Hz
. EMI-Hardened with RFI-Filtered Inputs
. Input Range Includes the Negative Supply
. Unity-Gain Stable: 200-pF Capacitive Load
. Rail-to-Rail Output
. Gain Bandwidth: 1.2 MHz
. Low Quiescent Current: 125 μA per Amplifier
. High Common-Mode Rejection: 110 dB
. Low Bias Current: 10 pA (typical)

2 Applications
. Currency Counters
. AC-DC Converters
. Tracking Amplifiers in Power Modules
. Server Power Supplies
. Inverters
. Test Equipment
. Battery-Powered Instruments
. Transducer Amplifiers
. Line Drivers or Line Receivers

3 Description
The TLVx170 family of electromagnetic interference
(EMI)-hardened, 36-V, single-supply, low-noise
operational amplifiers (op amps) have a THD+N of
0.0002% at 1 kHz and can operate on supplies that
range from 2.7 V (±1.35 V) to 36 V (±18V). These
features, along with low noise and very high powersupply
rejection ratio (PSRR), make the singlechannel
TLV170, dual-channel TLV2170, and quadchannel
TLV4170 suitable for use in microvolt-level
signal amplification. The TLVx170 family of devices
also gives good offset, drift, and bandwidth with low
quiescent current.
Unlike most op amps that are specified at only one
supply voltage, the TLVx170 family of op amps is
specified from 2.7 V to 36 V with the ability to swing
input signals beyond the supply rails without phase
reversal. The TLVx170 family is also unity-gain stable
with a 200-pF capacitive load with a 1.2-MHz
bandwidth and a 0.4-V/μs slew rate for use in currentto-
voltage converters.
The device inputs can operate 100 mV below the
negative rail and within 2 V of the positive rail for
normal operation, and with full rail-to-rail input with
reduced performance. The TLVx170 devices are
specified from –40°C to +125°C.




Similar Part No. - TLV170

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV170 TI1-TLV170 Datasheet
1Mb / 38P
36-V, Single-Supply, EMI-Hardened, Low-Power Operational Amplifiers for Cost-Sensitive Systems
TLV170 TI1-TLV170 Datasheet
1Mb / 40P
36-V, Single-Supply, EMI-Hardened, Low-Power Operational Amplifiers for Cost-Sensitive Systems
TLV1701 TI1-TLV1701 Datasheet
1Mb / 18P
2.2-V to 36-V, microPower Comparator
TLV1701 TI1-TLV1701 Datasheet
1Mb / 27P
2.2-V to 36-V, microPower Comparator
TLV1701 TI1-TLV1701 Datasheet
1Mb / 29P
TLV170x-Q1 2.2-V to 36-V, microPower Comparator
More results


Similar Description - TLV170

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV171 TI1-TLV171_16 Datasheet
1Mb / 38P
36-V, Single-Supply, Low-Power Operational Amplifiers for Cost-Sensitive Systems
TLV172 TI1-TLV172 Datasheet
2Mb / 42P
36-V, Single-Supply, Low-Power Operational Amplifiers for Cost-Sensitive Systems
OPA170-Q1 TI1-OPA170-Q1 Datasheet
1Mb / 35P
36-V, Single-Supply, Low-Power, Automotive Grade Operational Amplifiers
TLV170 TI1-TLV170 Datasheet
1Mb / 38P
36-V, Single-Supply, EMI-Hardened, Low-Power Operational Amplifiers for Cost-Sensitive Systems
TLV170 TI1-TLV170_17 Datasheet
1Mb / 40P
36-V, Single-Supply, EMI-Hardened, Low-Power Operational Amplifiers for Cost-Sensitive Systems
TLV171 TI1-TLV171 Datasheet
1Mb / 40P
36-V, Single-Supply, Low-Power Operational Amplifiers for Cost-Sensitive Systems
TLV171-Q1 TI1-TLV171-Q1 Datasheet
1Mb / 32P
36-V, Single-Supply, General-Purpose Operational Amplifier for Cost-Sensitive Automotive Systems
TLV2172-Q1 TI1-TLV2172-Q1 Datasheet
1Mb / 27P
36-V, Single-Supply, Low-Power Operational Amplifier for Cost-Sensitive Systems
TLV9301 TI1-TLV9301 Datasheet
997Kb / 30P
40-V, 1-MHz, RRO operational amplifiers for cost-sensitive systems
TLV9301 TI1-TLV9301_V02 Datasheet
2Mb / 49P
TLV930x 40-V, 1-MHz, RRO Operational Amplifiers for Cost-Sensitive Systems
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com