Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV171 Datasheet (PDF) - Texas Instruments

TLV171 Datasheet PDF - Texas Instruments
Part # TLV171
Download  TLV171 Download
File Size   1737.64 Kbytes
Page   46 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLVx171 36-V, Single-Supply, Low-Power Operational Amplifiers for Cost-Sensitive Systems

TLV171 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV171 Datasheet PDF - Texas Instruments

Part # TLV171
Download  TLV171 Click to download

File Size   1737.64 Kbytes
Page   46 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLVx171 36-V, Single-Supply, Low-Power Operational Amplifiers for Cost-Sensitive Systems

TLV171 Datasheet (HTML) - Texas Instruments


TLV171 Product details

1 Features
1. Supply Range: 2.7 V to 36 V, ±1.35 V to ±18 V
. Low Noise: 16 nV/√Hz
. Low Offset Drift: ±1 μV/°C (typical)
. EMI-Hardened with RFI-Filtered Inputs
. Input Range Includes the Negative Supply
. Unity-Gain Stable: 200-pF Capacitive Load
. Rail-to-Rail Output
. Gain Bandwidth: 3 MHz
. Low Quiescent Current: 525 μA per Amplifier
. High Common-Mode Rejection: 105 dB (typical)
. Low Bias Current: 10 pA

2 Applications
. Transducers
. Currency Counters
. AC-DC Converters
. Power Modules
. Inverters
. Test Equipment
. Battery-Powered Instruments
. TFT-LCD Drive Circuits
. Active Filters

3 Description
The 36-V TLVx171 family provides a low-power
option for cost-conscious industrial and personal
electronics systems requiring an electromagnetic
interference (EMI)-hardened, low-noise, single-supply
operational amplifier (op amp) that operates on
supplies ranging from 2.7 V (±1.35 V) to 36 V
(±18 V). The single-channel TLV171, dual-channel
TLV2171, and quad-channel TLV4171 provide low
offset, drift, quiescent current balanced with high
bandwidth for the power. The devices are available in
micropackages for space-constrained systems and
feature identical specifications for maximum design
flexibility.
Unlike most op amp, which are specified at only one
supply voltage, the TLVx171 family is specified from
2.7 V to 36 V. Input signals beyond the supply rails
do not cause phase reversal. The TLVx171 family is
stable with capacitive loads up to 200 pF. The input
can operate 100 mV below the negative rail and
within 2 V of the top rail during normal operation.
These devices can operate with a full rail-to-rail input
100 mV beyond the top rail, but with reduced
performance within 2 V of the top rail.
The TLVx171 op amp family is specified from –40°C
to +125°C.




Similar Part No. - TLV171

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV171 TI1-TLV171 Datasheet
1Mb / 38P
36-V, Single-Supply, Low-Power Operational Amplifiers for Cost-Sensitive Systems
TLV171 TI1-TLV171 Datasheet
1Mb / 40P
36-V, Single-Supply, Low-Power Operational Amplifiers for Cost-Sensitive Systems
TLV171 TI1-TLV171 Datasheet
1Mb / 32P
36-V, Single-Supply, General-Purpose Operational Amplifier for Cost-Sensitive Automotive Systems
TLV171-Q1 TI1-TLV171-Q1 Datasheet
1Mb / 32P
36-V, Single-Supply, General-Purpose Operational Amplifier for Cost-Sensitive Automotive Systems
TLV171IDBVR TI1-TLV171IDBVR Datasheet
1Mb / 38P
36-V, Single-Supply, Low-Power Operational Amplifiers for Cost-Sensitive Systems
More results


Similar Description - TLV171

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV171 TI1-TLV171_16 Datasheet
1Mb / 38P
36-V, Single-Supply, Low-Power Operational Amplifiers for Cost-Sensitive Systems
TLV172 TI1-TLV172 Datasheet
2Mb / 42P
36-V, Single-Supply, Low-Power Operational Amplifiers for Cost-Sensitive Systems
OPA170-Q1 TI1-OPA170-Q1 Datasheet
1Mb / 35P
36-V, Single-Supply, Low-Power, Automotive Grade Operational Amplifiers
TLV170 TI1-TLV170 Datasheet
1Mb / 38P
36-V, Single-Supply, EMI-Hardened, Low-Power Operational Amplifiers for Cost-Sensitive Systems
TLV170 TI1-TLV170_17 Datasheet
1Mb / 40P
36-V, Single-Supply, EMI-Hardened, Low-Power Operational Amplifiers for Cost-Sensitive Systems
TLV171 TI1-TLV171 Datasheet
1Mb / 40P
36-V, Single-Supply, Low-Power Operational Amplifiers for Cost-Sensitive Systems
TLV171-Q1 TI1-TLV171-Q1 Datasheet
1Mb / 32P
36-V, Single-Supply, General-Purpose Operational Amplifier for Cost-Sensitive Automotive Systems
TLV2172-Q1 TI1-TLV2172-Q1 Datasheet
1Mb / 27P
36-V, Single-Supply, Low-Power Operational Amplifier for Cost-Sensitive Systems
TLV9301 TI1-TLV9301 Datasheet
997Kb / 30P
40-V, 1-MHz, RRO operational amplifiers for cost-sensitive systems
TLV9301 TI1-TLV9301_V02 Datasheet
2Mb / 49P
TLV930x 40-V, 1-MHz, RRO Operational Amplifiers for Cost-Sensitive Systems
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com