Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV172IDR Datasheet (PDF) - Texas Instruments

TLV172IDR Datasheet PDF - Texas Instruments
Part # TLV172IDR
Download  TLV172IDR Download
File Size   2336.4 Kbytes
Page   49 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLVx172 36-V, single-supply, low-power operational amplifier for cost-sensitive systems

TLV172IDR Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV172IDR Datasheet PDF - Texas Instruments

Part # TLV172IDR
Download  TLV172IDR Click to download

File Size   2336.4 Kbytes
Page   49 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLVx172 36-V, single-supply, low-power operational amplifier for cost-sensitive systems

TLV172IDR Datasheet (HTML) - Texas Instruments


TLV172IDR Product details

1 Features
1. Supply Range: 4.5 V to 36 V, ±2.25 V to ±18 V
. Low Noise: 9 nV/√Hz
. Low Offset Drift: ±1 μV/°C (Typical)
. EMI-Hardened
. Input Range Includes Negative Supply
. Rail-to-Rail Output
. Gain Bandwidth: 10 MHz
. Slew Rate: 10 V/μs
. Low Quiescent Current: 1.6 mA per Amplifier
. High Common-Mode Rejection: 116 dB (Typical)
. Low Input Bias Current: 10 pA

2 Applications
. TFT-LCD Drive Circuits
. Touch-Screen Displays
. Wireless LANs
. Portable Instrumentation
. Analog-to-Digital Converter (ADC) Buffers
. Active Filters
. Line Drivers or Line Receivers
. Ultrasound
. Currency Counters
. Transducer Amplifiers

3 Description
The TLVx172 family of electromagnetic interference
(EMI)-hardened, 36-V, single-supply, low-noise
operational amplifiers (op amps) features a THD+N of
0.0002% at 1 kHz with the ability to operate on
supplies ranging from 4.5 V (±2.25 V) to 36 V (±18V).
These features, along with low noise and very high
PSRR, enable the TLVx172 to amplify microvolt-level
signals in applications such as HEV and EV
automobiles and power trains, medical
instrumentation, and more. The TLVx172 device
offers good offset and drift, a high bandwidth of 10
MHz, and a slew rate of 10 V/μs with only 2.3 mA of
quiescent current over temperature (maximum).
Unlike most op amps that are specified at only one
supply voltage, the TLVx172 device is specified from
4.5 V to 36 V. Input signals beyond the supply rails
do not cause phase reversal. TLVx172 device is
stable with capacitive loads up to 300 pF. The input
can operate 100 mV below the negative rail and
within 2 V of the positive rail for normal operation.
Note that the device can operate with a full rail-to-rail
input 100 mV beyond the positive rail, but with
reduced performance within 2 V of the positive rail.
The TLVx172 op amp is specified from .40°C to
+125°C.




Similar Part No. - TLV172IDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV172IDR TI1-TLV172IDR Datasheet
2Mb / 42P
36-V, Single-Supply, Low-Power Operational Amplifiers for Cost-Sensitive Systems
More results


Similar Description - TLV172IDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV171 TI1-TLV171_16 Datasheet
1Mb / 38P
36-V, Single-Supply, Low-Power Operational Amplifiers for Cost-Sensitive Systems
TLV172 TI1-TLV172 Datasheet
2Mb / 42P
36-V, Single-Supply, Low-Power Operational Amplifiers for Cost-Sensitive Systems
TLV170 TI1-TLV170 Datasheet
1Mb / 38P
36-V, Single-Supply, EMI-Hardened, Low-Power Operational Amplifiers for Cost-Sensitive Systems
TLV170 TI1-TLV170_17 Datasheet
1Mb / 40P
36-V, Single-Supply, EMI-Hardened, Low-Power Operational Amplifiers for Cost-Sensitive Systems
TLV171 TI1-TLV171 Datasheet
1Mb / 40P
36-V, Single-Supply, Low-Power Operational Amplifiers for Cost-Sensitive Systems
TLV171-Q1 TI1-TLV171-Q1 Datasheet
1Mb / 32P
36-V, Single-Supply, General-Purpose Operational Amplifier for Cost-Sensitive Automotive Systems
TLV2172-Q1 TI1-TLV2172-Q1 Datasheet
1Mb / 27P
36-V, Single-Supply, Low-Power Operational Amplifier for Cost-Sensitive Systems
TLV9001_1810 TI1-TLV9001_1810 Datasheet
4Mb / 70P
Low-Power, RRIO, 1-MHz Operational Amplifier for Cost-Sensitive Systems
TLV9001_181029 TI1-TLV9001_181029 Datasheet
4Mb / 70P
Low-Power, RRIO, 1-MHz Operational Amplifier for Cost-Sensitive Systems
TLV9001_1905 TI1-TLV9001_1905 Datasheet
4Mb / 81P
Low-Power, RRIO, 1-MHz Operational Amplifier for Cost-Sensitive Systems
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com