Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV717P Datasheet (PDF) - Texas Instruments

TLV717P Datasheet PDF - Texas Instruments
Part # TLV717P
Download  TLV717P Download
File Size   803.59 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV717P 150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices

TLV717P Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV717P Datasheet PDF - Texas Instruments

Part # TLV717P
Download  TLV717P Click to download

File Size   803.59 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV717P 150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices

TLV717P Datasheet (HTML) - Texas Instruments


TLV717P Product details

1 Features
1• Very Low Dropout: 215 mV at 150 mA
• Accuracy: 0.5% (typical)
• Low IQ: 35 μA
• Available in Fixed-Output Voltages:
1.2 V to 5 V
• High PSRR:
– 70 dB at 1 kHz
– 50 dB at 1 MHz
• Stable With Effective Output Capacitance:
0.1 μF
• Foldback Current Limit
• Package: 1-mm × 1-mm DQN
(1) See the Package Option Addendum at the end of this
document for a complete list of available voltage options.
(2) See Input and Output Capacitor Requirements for more
details.

2 Applications
. PCs and Notebooks
. Smart Phones
. Portable Electronics and Battery-Powered Devices
. Electronic Point of Sale

3 Description
The TLV717P series of low-dropout (LDO) linear
regulators are low quiescent current LDOs with
excellent line and load transient performance and are
designed for power-sensitive applications. These
devices provide a typical accuracy of 0.5%.
The TLV717P series offer current foldback that
throttles down the output current with a decrease in
load resistance. The typical value at which current
foldback initiates is 350 mA; the typical value of the
output short current limit value is 40 mA.
Furthermore, these devices are stable with an
effective output capacitance of only 0.1 μF. This
feature enables the use of cost-effective capacitors
that have higher bias voltages and temperature
derating. The devices regulate to specified accuracy
with no output load.
The TLV717P series is available in a 1-mm × 1-mm
DQN package that makes them ideal for hand-held
applications. The TLV717P provides an active
pulldown circuit to quickly discharge output loads.




Similar Part No. - TLV717P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV717P TI-TLV717P Datasheet
1Mb / 24P
150-mA, Low-Dropout Regulator with Foldback Current Limit for Portable Devices
TLV717P TI1-TLV717P Datasheet
1Mb / 28P
TLV717P 150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable
TLV717P TI2-TLV717P Datasheet
803Kb / 29P
TLV717P 150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
REVISED APRIL 2016
TLV717P TI1-TLV717P_16 Datasheet
1Mb / 28P
TLV717P 150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable
More results


Similar Description - TLV717P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV717XX TI1-TLV717XX Datasheet
838Kb / 23P
150-mA, Low-Dropout Regulator with Foldback Current Limit for Portable Devices
TLV717P TI-TLV717P Datasheet
1Mb / 24P
150-mA, Low-Dropout Regulator with Foldback Current Limit for Portable Devices
TLV713 TI-TLV713_15 Datasheet
1Mb / 36P
TLV713 Capacitor-Free, 150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
TLV713P-Q1 TI-TLV713P-Q1_15 Datasheet
982Kb / 26P
TLV713P-Q1 Capacitor-Free, 150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
TLV717P TI1-TLV717P_16 Datasheet
1Mb / 28P
TLV717P 150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable
TLV741P TI1-TLV741P Datasheet
1Mb / 27P
150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
TLV741P TI1-TLV741P_18 Datasheet
1Mb / 30P
150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
TLV741P_1808 TI1-TLV741P_1808 Datasheet
1Mb / 36P
150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
TLV740P TI1-TLV740P Datasheet
1Mb / 26P
TLV740P 300-mA, Low-Dropout Regulator With Foldback Current Limit
TLV740P TI-TLV740P_V01 Datasheet
2Mb / 31P
TLV740P 300-mA, Low-Dropout Regulator With Foldback Current Limit
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com