Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV713P Datasheet (PDF) - Texas Instruments

TLV713P Datasheet PDF - Texas Instruments
Part # TLV713P
Download  TLV713P Download
File Size   708.03 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV713P-Q1 Capacitor-Free, 150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices

TLV713P Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV713P Datasheet PDF - Texas Instruments

Part # TLV713P
Download  TLV713P Click to download

File Size   708.03 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV713P-Q1 Capacitor-Free, 150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices

TLV713P Datasheet (HTML) - Texas Instruments


TLV713P Product details

1 Features
1• AEC-Q100 Qualified with the Following Results:
– Device Temperature Grade 1: –40°C to 125°C
Ambient Operating Temperature Range
– Device HBM ESD Classification Level H2
– Device CDM ESD Classification Level C4B
• Input Voltage Range: 1.4 V to 5.5 V
• Stable Operation With or Without Capacitors
• Foldback Overcurrent Protection
• Package: 5-Pin SOT-23
• Very Low Dropout: 230 mV at 150 mA
• Accuracy: 1%
• Low IQ: 50 μA
• Available in Fixed-Output Voltages:
– 1 V to 3.3 V
• High PSRR: 65 dB at 1 kHz
• Active Output Discharge

2 Applications
. Automotive Head Units
. Audio Amplifiers
. DI Clusters
. ADAS ECUs
. Microprocessor Rails
. USBs
. Body Electronics

3 Description
The TLV713P-Q1 series of low-dropout (LDO) linear
regulators are low quiescent current LDOs with excellent line and load transient performance and are
designed for power-sensitive applications. These
devices provide a typical accuracy of 1%.
The TLV713P-Q1 series of devices is designed to be
stable without an output capacitor. The removal of the
output capacitor allows for a very small solution size.
However, the TLV713P-Q1 series is also stable with
any output capacitor if an output capacitor is used.
The TLV713P-Q1 also provides inrush current control
during device power-up and enabling. The TLV713P-
Q1 limits the input current to the defined current limit
to avoid large currents from flowing from the input
power source. This functionality is especially important in battery-operated devices.
The TLV713P-Q1 series is available in a standard
DBV package and provides an active pulldown circuit
to quickly discharge output loads. The TLV713P-Q1
is suited for automotive applications because the
device is qualified for AEC-Q100 grade 1.




Similar Part No. - TLV713P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV713P TI-TLV713P Datasheet
1Mb / 26P
Check for Samples: TLV713, TLV713P
TLV713P TI-TLV713P Datasheet
982Kb / 26P
TLV713P-Q1 Capacitor-Free, 150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
TLV713P-Q1 TI-TLV713P-Q1 Datasheet
982Kb / 26P
TLV713P-Q1 Capacitor-Free, 150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
TLV713P-Q1 TI2-TLV713P-Q1 Datasheet
1Mb / 39P
TLV713 Capacitor-Free, 150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
REVISED AUGUST 2019
TLV713P-Q1 TI-TLV713P-Q1_15 Datasheet
982Kb / 26P
TLV713P-Q1 Capacitor-Free, 150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
More results


Similar Description - TLV713P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV717XX TI1-TLV717XX Datasheet
838Kb / 23P
150-mA, Low-Dropout Regulator with Foldback Current Limit for Portable Devices
TLV717P TI-TLV717P Datasheet
1Mb / 24P
150-mA, Low-Dropout Regulator with Foldback Current Limit for Portable Devices
TLV713 TI-TLV713_15 Datasheet
1Mb / 36P
TLV713 Capacitor-Free, 150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
TLV713P-Q1 TI-TLV713P-Q1_15 Datasheet
982Kb / 26P
TLV713P-Q1 Capacitor-Free, 150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
TLV717P TI1-TLV717P_16 Datasheet
1Mb / 28P
TLV717P 150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable
TLV741P TI1-TLV741P Datasheet
1Mb / 27P
150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
TLV741P TI1-TLV741P_18 Datasheet
1Mb / 30P
150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
TLV741P_1808 TI1-TLV741P_1808 Datasheet
1Mb / 36P
150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
TLV740P TI1-TLV740P Datasheet
1Mb / 26P
TLV740P 300-mA, Low-Dropout Regulator With Foldback Current Limit
TLV740P TI-TLV740P_V01 Datasheet
2Mb / 31P
TLV740P 300-mA, Low-Dropout Regulator With Foldback Current Limit
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com