Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1760015 Datasheet (PDF) - PHOENIX CONTACT

1760015 Datasheet PDF - PHOENIX CONTACT
Part # 1760015
Download  1760015 Download
File Size   1658.18 Kbytes
Page   18 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MSTB 2,5/ 3-ST-5,08 GYBD:01-03 - PCB connector

1760015 Datasheet (PDF)

Go To PDF Page Download Datasheet
1760015 Datasheet PDF - PHOENIX CONTACT

Part # 1760015
Download  1760015 Click to download

File Size   1658.18 Kbytes
Page   18 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MSTB 2,5/ 3-ST-5,08 GYBD:01-03 - PCB connector

1760015 Datasheet (HTML) - PHOENIX CONTACT


1760015 Product details

PCB connector, nominal cross section: 2.5 mm2, color: gray, nominal current: 12 A, rated voltage
(III/2): 320 V, contact surface: Sn, contact connection type: Socket, number of potentials: 3,
number of rows: 1, number of positions: 3, number of connections: 3, product range: MSTB 2,5/..
-ST, pitch: 5.08 mm, connection method: Screw connection with tension sleeve, screw head
form: L Slotted, conductor/PCB connection direction: 0 °, locking clip: - Locking clip, plug-in
system: COMBICON MSTB 2,5, locking: without, mounting method: without, type of packaging:
packed in cardboard




Similar Part No. - 1760015

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1760010B1 ETC2-1760010B1 Datasheet
67Kb / 2P
CORDSET - NORTH AMERICAN DETACHABLE POWER SUPPLY CORD
logo
PHOENIX CONTACT
1760019 PHOENIX-1760019 Datasheet
109Kb / 5P
MSTB 2,5/ 9-ST-5,08 BD:1-9
More results


Similar Description - 1760015

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1757022 PHOENIX-1757022 Datasheet
149Kb / 7P
MSTB 2,5/ 3-ST-5,08
1757035 PHOENIX-1757035 Datasheet
148Kb / 7P
MSTB 2,5/ 4-ST-5,08
1759509 PHOENIX-1759509 Datasheet
126Kb / 6P
MSTB 2,5/ 3-ST-5,08 BK
1777293 PHOENIX-1777293 Datasheet
150Kb / 7P
FRONT-MSTB 2,5/ 3-ST-5,08
1762208 PHOENIX-1762208 Datasheet
122Kb / 6P
MSTB 2,5/ 3-ST-5,08 BD: 1-3
1729357 PHOENIX-1729357 Datasheet
61Kb / 2P
MSTB 2,5/ 3-ST-5,08 BK VPE500
1752218 PHOENIX-1752218 Datasheet
114Kb / 3P
MSTB 2,5/ 3-ST-5,08 AU
1840832 PHOENIX-1840832 Datasheet
126Kb / 6P
MSTB 2,5/ 3-ST-5,08 JC LTGY
1840858 PHOENIX-1840858 Datasheet
126Kb / 6P
MSTB 2,5/ 3-ST-5,08 JC DKGY
1161197 PHOENIX-1161197 Datasheet
2Mb / 30P
PCB connector - MSTB 2,5/ 3-ST-5,08 BUBDWH:-S
Jul 20, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com