Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1806371 Datasheet (PDF) - PHOENIX CONTACT

1806371 Datasheet PDF - PHOENIX CONTACT
Part # 1806371
Download  1806371 Download
File Size   1568.22 Kbytes
Page   15 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MSTB 2,5/ 8-GF-5,08 BK - PCB header

1806371 Datasheet (PDF)

Go To PDF Page Download Datasheet
1806371 Datasheet PDF - PHOENIX CONTACT

Part # 1806371
Download  1806371 Click to download

File Size   1568.22 Kbytes
Page   15 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MSTB 2,5/ 8-GF-5,08 BK - PCB header

1806371 Datasheet (HTML) - PHOENIX CONTACT


1806371 Product details

PCB headers, nominal cross section: 2.5 mm2, color: black, nominal current: 12 A, rated voltage
(III/2): 320 V, contact surface: Sn, contact connection type: Pin, number of rows: 1, number of
positions: 8, product range: MSTB 2,5/..-GF, pitch: 5.08 mm, screw head form: L Slotted,
mounting: Wave soldering, pin layout: Linear pinning, solder pin [P]: 3.23 mm, number of solder
pins per potential: 1, plug-in system: COMBICON MSTB 2,5, Pin connector pattern alignment:
Standard, locking: Screw locking mechanism, mounting method: Threaded flange, type of
packaging: packed in cardboard




Similar Part No. - 1806371

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1806300 PHOENIX-1806300 Datasheet
141Kb / 5P
FRONT-GMSTB 2,5/10-STF-7,62
1806313 PHOENIX-1806313 Datasheet
79Kb / 5P
Base strip - GMSTB 2,5/11-GF-7,62
1806326 PHOENIX-1806326 Datasheet
130Kb / 5P
GMSTB 2,5/12-STF-7,62
1806396 PHOENIX-1806396 Datasheet
87Kb / 5P
FK-MC 0,5/ 3-ST-2,5 BD:13-11
11/04/2018
More results


Similar Description - 1806371

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1717806 PHOENIX-1717806 Datasheet
97Kb / 2P
DFK-MSTB 2,5/ 2-GF-5,08 BK
1776566 PHOENIX-1776566 Datasheet
156Kb / 5P
MSTB 2,5/ 8-GF-5,08
1962024 PHOENIX-1962024 Datasheet
122Kb / 5P
MSTB 2,5/ 3-GF-5,08 BK
1763740 PHOENIX-1763740 Datasheet
60Kb / 3P
Base strip - MSTB 2,5 HC/ 8-GF-5,08 BK
1800915 PHOENIX-1800915 Datasheet
76Kb / 3P
Header - MSTB 2,5/16-GF-5,08 BK
1776634 PHOENIX-1776634 Datasheet
589Kb / 11P
PCB header - MSTB 2,5/15-GF-5,08
02/04/2022
1924127 PHOENIX-1924127 Datasheet
506Kb / 14P
PCB header - MSTB 2,5 HC/ 6-GF-5,08
Jan 3, 2023
1924130 PHOENIX-1924130 Datasheet
464Kb / 13P
PCB header - MSTB 2,5 HC/ 7-GF-5,08
Jan 3, 2023
1776618 PHOENIX-1776618 Datasheet
1Mb / 23P
PCB header - MSTB 2,5/13-GF-5,08
1924114 PHOENIX-1924114 Datasheet
510Kb / 14P
PCB header - MSTB 2,5 HC/ 5-GF-5,08
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com