Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

89-304 Datasheet (PDF) - IDEAL INDUSTRIES, INC.

89-304 Datasheet PDF - IDEAL INDUSTRIES, INC.
Part # 89-304
Download  89-304 Download
File Size   106.49 Kbytes
Page   1 Pages
Manufacturer  IDEAL-INDUSTRIES [IDEAL INDUSTRIES, INC.]
Direct Link  https://www.idealindustries.com/us/en.html
Logo IDEAL-INDUSTRIES - IDEAL INDUSTRIES, INC.
Description Terminal Strip, 4-Circuit

89-304 Datasheet (PDF)

Go To PDF Page Download Datasheet
89-304 Datasheet PDF - IDEAL INDUSTRIES, INC.

Part # 89-304
Download  89-304 Click to download

File Size   106.49 Kbytes
Page   1 Pages
Manufacturer  IDEAL-INDUSTRIES [IDEAL INDUSTRIES, INC.]
Direct Link  https://www.idealindustries.com/us/en.html
Logo IDEAL-INDUSTRIES - IDEAL INDUSTRIES, INC.
Description Terminal Strip, 4-Circuit

89-304 Datasheet (HTML) - IDEAL INDUSTRIES, INC.


89-304 Product details

Features
 Torque Rating of 9 in-lbs
 Rugged base eliminates breakage
 Center spacing 0.375" (9.52 mm)
 Accepts #22 to #14 AWG wire
 Corrosion resistant surface plates w/ #6-32 philslot screws
 Rated to 150V, 20A
 Accessory jumpers available

Description
Terminal Strip, 4-Circuit (Box of 10)




Similar Part No. - 89-304

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
89-00-3001 MOLEX1-89-00-3001 Datasheet
138Kb / 1P
POLARIZING KEY, PEG.156 SPACING
89-00-3002 MOLEX1-89-00-3002 Datasheet
138Kb / 1P
POLARIZING KEY, PEG.156 SPACING
logo
Ohmite Mfg. Co.
89-SERIES OHMITE-89-SERIES Datasheet
1Mb / 2P
High power to size ratio
More results


Similar Description - 89-304

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
TS-102-G-A SAMTEC-TS-102-G-A Datasheet
110Kb / 1P
TERMINAL STRIP ASSEMBLY
logo
Molex Electronics Ltd.
38720-0304 MOLEX11-38720-0304 Datasheet
41Kb / 2P
9.53mm Pitch Beau PCB Terminal Strip, Screw Terminal, 4 Circuits
0690370274 MOLEX11-0690370274 Datasheet
35Kb / 1P
Terminal Strip Locating Pin
0690370320 MOLEX11-0690370320 Datasheet
45Kb / 1P
Terminal Strip Locating Pin
logo
Adam Technologies, Inc.
HMCT-2-XX-1-T ADAM-TECH-HMCT-2-XX-1-T Datasheet
92Kb / 1P
SCREW MACHINE TERMINAL STRIP
logo
PHOENIX CONTACT
2703172 PHOENIX-2703172 Datasheet
85Kb / 3P
Terminal strip
0811970 PHOENIX-0811970 Datasheet
44Kb / 2P
Terminal strip marker carrier - KLM 4
logo
Weidmuller
7906110000 WEIDMULLER-7906110000 Datasheet
239Kb / 5P
Multipin terminal strip, Single- and multi-pole terminal strip
October 18, 2021
logo
Eaton All Rights Reserv...
MFFA EATON-MFFA Datasheet
583Kb / 5P
4-terminal SMD current sensing resistor-metal strip
June 2022
logo
Keystone Electronics Co...
819 KEYSTONE-819 Datasheet
181Kb / 1P
TERMINAL STRIP
7.18.07
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com