Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV1701 Datasheet (PDF) - Texas Instruments

TLV1701 Datasheet PDF - Texas Instruments
Part # TLV1701
Download  TLV1701 Download
File Size   1868.74 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV170x 2.2-V to 36-V, microPower Comparator

TLV1701 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV1701 Datasheet PDF - Texas Instruments

Part # TLV1701
Download  TLV1701 Click to download

File Size   1868.74 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV170x 2.2-V to 36-V, microPower Comparator

TLV1701 Datasheet (HTML) - Texas Instruments


TLV1701 Product details

1 Features
1• Supply Range:
+2.2 V to +36 V or ±1.1 V to ±18 V
• Low Quiescent Current:
55 μA per Comparator
• Input Common-Mode Range Includes Both Rails
• Low Propagation Delay: 560 ns
• Low Input Offset Voltage: 300 μV
• Open Collector Outputs:
– Up to 36 V Above Negative Supply Regardless
of Supply Voltage
• Industrial Temperature Range:
–40°C to +125°C
• Small Packages:
– Single: SC70-5, SOT-23-5, SOT553-5
– Dual: VSSOP-8, X2QFN-8
– Quad: TSSOP-14

2 Applications
• Overvoltage and Undervoltage Detectors
• Window Comparators
• Overcurrent Detectors
• Zero-Crossing Detectors
• System Monitoring for:
– Power Supplies
– White Goods
– Industrial Sensors
– Automotive
– Medical

3 Description
The TLV170x family of devices offers a wide supply
range, rail-to-rail inputs, low quiescent current, and
low propagation delay. All these features come in
industry-standard, extremely-small packages, making
these devices the best general-purpose comparators
available.
The open collector output offers the advantage of
allowing the output to be pulled to any voltage rail up
to +36 V above the negative power supply,
regardless of the TLV170x supply voltage.
These devices are available in single (TLV1701), dual
(TLV1702), and quad (TLV1704) channel versions. Low input offset voltage, low input bias currents, low
supply current, and open-collector configuration make
the TLV170x family flexible enough to handle almost
any application, from simple voltage detection to
driving a single relay.
All devices are specified for operation across the
expanded industrial temperature range of –40°C to
+125°C.




Similar Part No. - TLV1701

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1701 TI1-TLV1701 Datasheet
1Mb / 18P
2.2-V to 36-V, microPower Comparator
TLV1701 TI1-TLV1701 Datasheet
1Mb / 27P
2.2-V to 36-V, microPower Comparator
TLV1701 TI1-TLV1701 Datasheet
1Mb / 29P
TLV170x-Q1 2.2-V to 36-V, microPower Comparator
TLV1701-Q1 TI1-TLV1701-Q1 Datasheet
1Mb / 27P
2.2-V to 36-V, microPower Comparator
TLV1701-Q1 TI1-TLV1701-Q1 Datasheet
1Mb / 29P
TLV170x-Q1 2.2-V to 36-V, microPower Comparator
More results


Similar Description - TLV1701

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1701 TI1-TLV1701 Datasheet
1Mb / 18P
2.2-V to 36-V, microPower Comparator
TLV1701 TI-TLV1701_15 Datasheet
1Mb / 33P
TLV170x 2.2-V to 36-V, microPower Comparator
TLV1702-Q1 TI-TLV1702-Q1 Datasheet
1Mb / 23P
TLV170x-Q1 2.2-V to 36-V, microPower Comparator
TLV1701-Q1 TI1-TLV1701-Q1 Datasheet
1Mb / 27P
2.2-V to 36-V, microPower Comparator
TLV6713 TI1-TLV6713 Datasheet
328Kb / 19P
Micropower, 36-V Comparator With 400-mV Reference
TLV6710 TI1-TLV6710 Datasheet
502Kb / 23P
Micropower, 36-V Window Comparator With 400-mV Reference
TLV6713 TI1-TLV6713_18 Datasheet
365Kb / 21P
Micropower, 36-V Comparator With 400-mV Reference
TLV1704-SEP TI1-TLV1704-SEP Datasheet
1Mb / 22P
2.2-V to 36-V, Radiation Hardened microPower Quad Comparator in Space Enhanced Plastic
TLV1704-SEP TI1-TLV1704-SEP_19 Datasheet
1Mb / 22P
2.2-V to 36-V, Radiation Hardened microPower Quad Comparator in Space Enhanced Plastic
TLV1701-Q1 TI1-TLV1701-Q1_V01 Datasheet
1Mb / 29P
TLV170x-Q1 2.2-V to 36-V, microPower Comparator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com