Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV1805 Datasheet (PDF) - Texas Instruments

TLV1805 Datasheet PDF - Texas Instruments
Part # TLV1805
Download  TLV1805 Download
File Size   1276.16 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV1805 40V, Rail-to-Rail Input, Push-Pull Output, High Voltage Comparator with Shutdown

TLV1805 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV1805 Datasheet PDF - Texas Instruments

Part # TLV1805
Download  TLV1805 Click to download

File Size   1276.16 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV1805 40V, Rail-to-Rail Input, Push-Pull Output, High Voltage Comparator with Shutdown

TLV1805 Datasheet (HTML) - Texas Instruments


TLV1805 Product details

1 Features
1• 3.3 V to 40 V supply range
• Low quiescent current: 135 μA
• High peak current push-pull output
• Rail-to-rail inputs with phase reversal protection
• Built-In hysteresis: 14mV
• 250ns propagation delay
• Low input offset voltage: 500 μV
• Shutdown with high-z output
• Power-On Reset (POR)
• SOT-23-6 package

2 Applications
• Reverse current protection smart diode controller
• Overvoltage, undervoltage, and overcurrent
detection
• OR-ing MOSFET controller
• MOSFET gate driver
• High voltage oscillators
• System monitoring for:
– Infotainment & cluster
– PLC's
– Servers
– Motor protection & control

3 Description
The TLV1805 high voltage comparator offers the
unique combination of wide supply range, push-pull
output, rail-to-rail inputs, low quiescent current,
shutdown capability and fast output response. All
these features make this comparator well-suited for
applications that require sensing at the positive or
negative voltage rails such as reverse current
protection for a smart diode controller, overcurrent
sensing, and overvoltage protection circuits where the
push-pull output stage is used to drive the gate of a
p-channel or n-channel MOSFET switch.
The high peak current push-pull output stage, which
is unique for high-voltage comparators, offers the
advantage of allowing the output to actively drive the
load to either supply rail with a fast edge rate. This is
especially valuable in applications where a MOSFET
gate needs to be driven high or low quickly in order to
connect or disconnect a host from an unexpected
high voltage supply. Additional features such as low
input offset voltage, low input bias currents and High-
Z shutdown make the TLV1805 flexible enough to
handle a broad range of applications. Power-On reset
prevents false outputs at power-up.
The TLV1805 is in a 6-pin SOT-23 package and is
specified for operation across the extended industrial
temperature range of –40°C to +125°C.




Similar Part No. - TLV1805

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1805 TI1-TLV1805 Datasheet
825Kb / 34P
40V, Rail-to-Rail Input, Push-Pull Output, High Voltage Comparator with Shutdown
TLV1805-Q1 TI1-TLV1805-Q1 Datasheet
623Kb / 22P
40V, microPower, Push-Pull Automotive High Voltage Comparator with Shutdown
TLV1805-Q1 TI1-TLV1805-Q1 Datasheet
825Kb / 34P
40V, Rail-to-Rail Input, Push-Pull Output, High Voltage Comparator with Shutdown
TLV1805DBVR TI1-TLV1805DBVR Datasheet
825Kb / 34P
40V, Rail-to-Rail Input, Push-Pull Output, High Voltage Comparator with Shutdown
TLV1805QDBVRQ1 TI1-TLV1805QDBVRQ1 Datasheet
623Kb / 22P
40V, microPower, Push-Pull Automotive High Voltage Comparator with Shutdown
More results


Similar Description - TLV1805

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6762 NSC-LMC6762 Datasheet
317Kb / 13P
Dual MicroPower Rail-To-Rail Input CMOS Comparator with Push-Pull Output
LMC7211 NSC-LMC7211 Datasheet
328Kb / 13P
Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
LPV7215 NSC-LPV7215 Datasheet
501Kb / 7P
580 nA Rail-to-Rail Input and Output, 1.8V, Push-Pull Output Comparator
logo
Texas Instruments
LMC7211 TI1-LMC7211 Datasheet
431Kb / 18P
Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
LMC7211AIM5X TI-LMC7211AIM5X Datasheet
1Mb / 22P
LMC7211 Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
LMC6762 TI1-LMC6762_14 Datasheet
1Mb / 22P
Dual MicroPower Rail-To-Rail Input CMOS Comparator with Push-Pull Output
LMC7211-N TI1-LMC7211-N_14 Datasheet
1Mb / 23P
LMC7211 Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
LMC7211-N TI1-LMC7211-N Datasheet
1Mb / 22P
LMC7211 Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
TLV1805-Q1 TI1-TLV1805-Q1 Datasheet
623Kb / 22P
40V, microPower, Push-Pull Automotive High Voltage Comparator with Shutdown
TLV1805 TI1-TLV1805 Datasheet
825Kb / 34P
40V, Rail-to-Rail Input, Push-Pull Output, High Voltage Comparator with Shutdown
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com