Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV1391 Datasheet (PDF) - Texas Instruments

TLV1391 Datasheet PDF - Texas Instruments
Part # TLV1391
Download  TLV1391 Download
File Size   429.08 Kbytes
Page   14 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SINGLE DIFFERENTIAL COMPARATORS

TLV1391 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV1391 Datasheet PDF - Texas Instruments

Part # TLV1391
Download  TLV1391 Click to download

File Size   429.08 Kbytes
Page   14 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SINGLE DIFFERENTIAL COMPARATORS

TLV1391 Datasheet (HTML) - Texas Instruments


TLV1391 Product details

Low-Voltage and Single-Supply Operation
VCC = 2 V to 7 V
Common-Mode Voltage Range Includes
Ground
Fast Response Time . . . 0.7 μs Typ
Low Supply Current . . . 80 μA Typ and
150 μA Max
Fully Specified at 3-V and 5-V Supply
Voltages

description/ordering informaton
The TLV1391 is a differential comparator built using a Texas Instruments low-voltage, high-speed bipolar
process. These devices have been developed specifically for low-voltage, single-supply applications. Their
enhanced performance makes them excellent replacements for the LM393 in the improved 3-V and 5-V system
designs.
The TLV1391, with its typical supply current of only 80 μA, is ideal for low-power systems. Response time also
has been improved to 0.7 μs.




Similar Part No. - TLV1391

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1391 TI-TLV1391 Datasheet
147Kb / 10P
SINGLE DIFFERENTIAL COMPARATORS
TLV1391 TI1-TLV1391 Datasheet
764Kb / 13P
SINGLE DIFFERENTIAL COMPARATORS
TLV1391 TI-TLV1391 Datasheet
897Kb / 14P
SINGLE DIFFERENTIAL COMPARATORS
TLV1391 TI2-TLV1391 Datasheet
423Kb / 14P
SINGLE DIFFERENTIAL COMPARATORS
REVISED JUNE 2007
TLV1391CDBV TI-TLV1391CDBV Datasheet
147Kb / 10P
SINGLE DIFFERENTIAL COMPARATORS
More results


Similar Description - TLV1391

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1391 TI-TLV1391 Datasheet
147Kb / 10P
SINGLE DIFFERENTIAL COMPARATORS
TL331I TI-TL331I Datasheet
156Kb / 3P
DIFFERENTIAL COMPARATORS
LM139 TI-LM139_06 Datasheet
587Kb / 23P
QUAD DIFFERENTIAL COMPARATORS
TLV1391 TI-TLV1391_03 Datasheet
185Kb / 9P
SINGLE DIFFERENTIAL COMPARATORS
logo
Tiger Electronic Co.,Lt...
LM2903D TGS-LM2903D Datasheet
203Kb / 4P
Dual Differential Comparators
logo
Texas Instruments
LM2903-Q1 TI1-LM2903-Q1 Datasheet
212Kb / 9P
DUAL DIFFERENTIAL COMPARATORS
LM193 TI1-LM193_16 Datasheet
887Kb / 25P
Dual Differential Comparators
TLV1391 TI1-TLV1391_15 Datasheet
764Kb / 13P
SINGLE DIFFERENTIAL COMPARATORS
LM311-MIL TI1-LM311-MIL Datasheet
903Kb / 25P
Differential Comparators
TLV1391 TI-TLV1391_V01 Datasheet
897Kb / 14P
SINGLE DIFFERENTIAL COMPARATORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com