Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV3201AIDBVR Datasheet (PDF) - Texas Instruments

TLV3201AIDBVR Datasheet PDF - Texas Instruments
Part # TLV3201AIDBVR
Download  TLV3201AIDBVR Download
File Size   1686.38 Kbytes
Page   40 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV320x 40ns, microPOWER, Push-Pull Output Comparators

TLV3201AIDBVR Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV3201AIDBVR Datasheet PDF - Texas Instruments

Part # TLV3201AIDBVR
Download  TLV3201AIDBVR Click to download

File Size   1686.38 Kbytes
Page   40 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV320x 40ns, microPOWER, Push-Pull Output Comparators

TLV3201AIDBVR Datasheet (HTML) - Texas Instruments


TLV3201AIDBVR Product details

1 Features
• Low Propagation Delay: 40ns
• Low Quiescent Current:
40μA per Channel
• Input Common-Mode Range Extends 200mV
Beyond Either Rail
• Low Input Offset Voltage: 1mV
• Push-Pull Outputs
• Supply Range: 2.7V to 5.5V
• Industrial Temperature Range:
–40°C to 125°C
• Small Packages:
5-Pin SC70, 5-Pin SOT-23, 8-Pin SOIC, 8-Pin
VSSOP

2 Applications
• Inspection Equipment
• Test and Measurement
• High-Speed Sampling Systems
• Telecom
• Portable Communications

3 Description
The TLV3201 and TLV3202 are single- and
dual-channel comparators that offer the ultimate
combination of high speed (40ns) and low-power
consumption (40μA), all in extremely small packages
with features such as rail-to-rail inputs, low offset
voltage (1mV ), and large output drive current. The
devices are also very easy to implement in a wide
variety of applications where response time is critical.
The TLV320x family is available in single (TLV3201)
and dual (TLV3202) channel versions, both with
push-pull outputs. The TLV3201 is available in 5-pin
SOT-23 and 5-pin SC70 packages. The TLV3202 is
available in 8-pin SOIC and 8-pin VSSOP packages.
All devices are specified for operation across the
expanded industrial temperature range of –40°C to
125°C.




Similar Part No. - TLV3201AIDBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV3201AIDBVR TI1-TLV3201AIDBVR Datasheet
1Mb / 26P
40-ns, microPOWER, Push-Pull Output Comparators
TLV3201AIDBVR TI1-TLV3201AIDBVR Datasheet
1Mb / 31P
40-ns, microPOWER, Push-Pull Output Comparators
More results


Similar Description - TLV3201AIDBVR

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6541 MICROCHIP-MCP6541_06 Datasheet
1Mb / 34P
Push-Pull Output Sub-Microamp Comparators
2006
MCP6541 MICROCHIP-MCP6541_11 Datasheet
803Kb / 46P
Push-Pull Output Sub-Microamp Comparators
2011
logo
Texas Instruments
TLV3201 TI1-TLV3201_12 Datasheet
1Mb / 26P
40-ns, microPOWER, Push-Pull Output Comparators
TLV3491A-EP TI1-TLV3491A-EP Datasheet
526Kb / 14P
1.8 V, NANOPOWER, PUSH/PULL OUTPUT COMPARATORS
logo
Microchip Technology
PIC16F648A-I MICROCHIP-PIC16F648A-I Datasheet
1Mb / 34P
Push-Pull Output Sub-Microamp Comparators
08/29/06
logo
Texas Instruments
TLV3201 TI1-TLV3201_14 Datasheet
1Mb / 31P
40-ns, microPOWER, Push-Pull Output Comparators
TLV3201 TI-TLV3201_15 Datasheet
1Mb / 30P
40-ns, microPOWER, Push-Pull Output Comparators
TLV3701-Q1 TI1-TLV3701-Q1_15 Datasheet
952Kb / 17P
FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
TLV3201-Q1 TI1-TLV3201-Q1 Datasheet
1Mb / 30P
40-ns, Micropower, Push-Pull Output Automotive Comparators
logo
Microchip Technology
MCP6541 MICROCHIP-MCP6541 Datasheet
512Kb / 28P
Push-Pull Output Sub-Microamp Comparators
07/28/03
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com