Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV3541 Datasheet (PDF) - Texas Instruments

TLV3541 Datasheet PDF - Texas Instruments
Part # TLV3541
Download  TLV3541 Download
File Size   1509.22 Kbytes
Page   45 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV354x 200-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers for Cost-Sensitive Systems

TLV3541 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV3541 Datasheet PDF - Texas Instruments

Part # TLV3541
Download  TLV3541 Click to download

File Size   1509.22 Kbytes
Page   45 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV354x 200-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers for Cost-Sensitive Systems

TLV3541 Datasheet (HTML) - Texas Instruments


TLV3541 Product details

1 Features
• Wide-Bandwidth Amplifier for Cost-Sensitive
Systems
• Unity-Gain Bandwidth: 200 MHz
• High Slew Rate: 150 V/μs
• Low Noise: 7.5 nV/√Hz
• Rail-to-Rail I/O
• High Output Current: > 100 mA
• Excellent Video Performance:
– Diff Gain: 0.02%, Diff Phase: 0.09°
– 0.1-dB Gain Flatness: 40 MHz
• Low Input Bias Current: 3 pA
• Quiescent Current: 5.2 mA
• Thermal Shutdown
• Supply Range: 2.5 V to 5.5 V

2 Applications
• High-Resolution ADC Driver Amplifiers
• IR Touch
• Low-Voltage, High-Frequency Signal Processing
• Video Processing
• Base Transceiver Stations
• Optical Networking, Tunable Lasers
• Photodiode Transimpedance Amplifiers
• Barcode Scanners
• Fast Current-Sensing Amplifiers
• Ultrasound Imaging

3 Description
The TLV3541, TLV3542 and TLV3544 are single-,
dual-, and quad-channel, low-power (5.2-mA per
channel), high-speed, unity-gain stable, rail-to-rail
input/output operational amplifiers (op amps)
designed for video and other applications that require
wide bandwidth.
Consuming only 6.5 mA (maximum) of supply current,
these devices feature 200-MHz gain-bandwidth
product, 150-V/μs slew rate, and a low 7.5 nV/√Hz of
input noise at f = 1 MHz. The combination of high
bandwidth, high slew rate, and low noise make the
TLV354x family suitable for low voltage, high-speed
signal conditioning systems.
The TLV354x series of op amps are optimized for
operation on single or dual supplies as low as 2.5 V
(±1.25 V) and up to 5.5 V (±2.75 V). Common-mode
input range extends beyond the supplies. The output
swing is within 100 mV of the rails, and supports a
wide dynamic range.
The TLV354x devices are specified from –40°C to
+125°C. The TLV354x family can be used as a plugin
replacement for many commercially available wide
bandwidth op amps.




Similar Part No. - TLV3541

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV3541 TI1-TLV3541 Datasheet
1Mb / 31P
200-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers for Cost-Sensitive Systems
TLV3541 TI1-TLV3541 Datasheet
1Mb / 35P
TLV354x 200-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers for Cost-Sensitive Systems
TLV3541IDBVR TI1-TLV3541IDBVR Datasheet
1Mb / 35P
TLV354x 200-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers for Cost-Sensitive Systems
TLV3541IDBVT TI1-TLV3541IDBVT Datasheet
1Mb / 35P
TLV354x 200-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers for Cost-Sensitive Systems
TLV3541IDR TI1-TLV3541IDR Datasheet
1Mb / 31P
200-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers for Cost-Sensitive Systems
More results


Similar Description - TLV3541

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA705 BURR-BROWN-OPA705 Datasheet
280Kb / 12P
Low-Cost, CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
OPA703 BURR-BROWN-OPA703_08 Datasheet
509Kb / 18P
CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2354-Q1 TI1-OPA2354-Q1 Datasheet
727Kb / 23P
250 MHz, RAIL-TO-RAIL I/O, CMOS OPERATIONAL AMPLIFIERS
OPA705 TI-OPA705_12 Datasheet
614Kb / 15P
Low-Cost, CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
OPA2703EA-2K5G4 TI-OPA2703EA-2K5G4 Datasheet
894Kb / 19P
CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
OPA354 TI1-OPA354_16 Datasheet
1Mb / 44P
250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
OPA354A-Q1 TI1-OPA354A-Q1 Datasheet
1Mb / 37P
250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
OPA705 TI1-OPA705 Datasheet
837Kb / 15P
Low-Cost, CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
TLV3541 TI1-TLV3541 Datasheet
1Mb / 31P
200-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers for Cost-Sensitive Systems
TLV3541 TI1-TLV3541_16 Datasheet
1Mb / 35P
TLV354x 200-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers for Cost-Sensitive Systems
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com