Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV3691 Datasheet (PDF) - Texas Instruments

TLV3691 Datasheet PDF - Texas Instruments
Part # TLV3691
Download  TLV3691 Download
File Size   2923.34 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV3691 0.9-V to 6.5-V, Nanopower Comparator

TLV3691 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV3691 Datasheet PDF - Texas Instruments

Part # TLV3691
Download  TLV3691 Click to download

File Size   2923.34 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV3691 0.9-V to 6.5-V, Nanopower Comparator

TLV3691 Datasheet (HTML) - Texas Instruments


TLV3691 Product details

1 Features
1• Low Quiescent Current: 75 nA
• Wide Supply:
– 0.9 V to 6.5 V
– ±0.45 V to ±3.25 V
• MicroPackages: DFN-6 (1 mm × 1 mm), 5-Pin
SC70
• Input Common-Mode Range Extends 100 mV
Beyond Both Rails
• Response Time: 24 μs
• Low Input Offset Voltage: ±3 mV
• Push-Pull Output
• Industrial Temperature Range:
–40°C to 125°C

2 Applications
• Overvoltage and Undervoltage Detection
• Window Comparators
• Overcurrent Detection
• Zero-Crossing Detection
• System Monitoring:
– Smart Phones
– Tablets
– Industrial Sensors
– Portable Medical

3 Description
The TLV3691 offers a wide supply range, low
quiescent current 150 nA (maximum), and rail-to-rail inputs. All of these features come in industry-standard
and extremely small packages, making this device an
excellent choice for low-voltage and low-power
applications for portable electronics and industrial
systems.
Available as a single channel, the low-power, wide
supply, and temperature range makes this device flexible enough to handle almost any application from
consumer to industrial. The TLV3691 is available in
SC70-5 and 1-mm × 1-mm DFN-6 packages. This
device is specified for operation across the expanded
industrial temperature range of –40°C to 125°C.




Similar Part No. - TLV3691

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV3691 TI1-TLV3691 Datasheet
3Mb / 24P
0.9-V to 6.5-V, Nanopower Comparator
TLV3691IDCKR TI1-TLV3691IDCKR Datasheet
3Mb / 29P
Nanopower Comparator
TLV3691IDCKT TI1-TLV3691IDCKT Datasheet
3Mb / 29P
Nanopower Comparator
TLV3691IDPFR TI1-TLV3691IDPFR Datasheet
3Mb / 29P
Nanopower Comparator
TLV3691IDPFT TI1-TLV3691IDPFT Datasheet
3Mb / 29P
Nanopower Comparator
More results


Similar Description - TLV3691

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1540 LINER-LTC1540 Datasheet
247Kb / 12P
Nanopower Comparator with Reference
logo
Texas Instruments
TLV3012-Q1 TI1-TLV3012-Q1 Datasheet
504Kb / 17P
NANOPOWER 1.8-V COMPARATOR WITH VOLTAGE REFERENCE
logo
STMicroelectronics
TS881 STMICROELECTRONICS-TS881 Datasheet
815Kb / 17P
Rail-to-rail 1.1 V nanopower comparator
18-Jul-2012
logo
Linear Technology
LTC1540CDD LINER-LTC1540CDD Datasheet
147Kb / 12P
Nanopower Comparator with Reference
logo
Texas Instruments
TLV3691 TI1-TLV3691 Datasheet
3Mb / 24P
0.9-V to 6.5-V, Nanopower Comparator
TLV1701 TI1-TLV1701 Datasheet
1Mb / 18P
2.2-V to 36-V, microPower Comparator
logo
Linear Technology
LTC1540 LINER-LTC1540_15 Datasheet
160Kb / 12P
Nanopower Comparator with Reference
logo
Texas Instruments
TLV3691 TI-TLV3691_15 Datasheet
2Mb / 23P
0.9-V to 6.5-V, Nanopower Comparator
TLV3691 TI1-TLV3691_15 Datasheet
3Mb / 29P
Nanopower Comparator
TLV1701-Q1 TI1-TLV1701-Q1 Datasheet
1Mb / 27P
2.2-V to 36-V, microPower Comparator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com