Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV61224 Datasheet (PDF) - Texas Instruments

TLV61224 Datasheet PDF - Texas Instruments
Part # TLV61224
Download  TLV61224 Download
File Size   1073.25 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV61224 Single-Cell, High-Efficient, Step-Up Converter in 6-Pin SC-70 Package

TLV61224 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV61224 Datasheet PDF - Texas Instruments

Part # TLV61224
Download  TLV61224 Click to download

File Size   1073.25 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV61224 Single-Cell, High-Efficient, Step-Up Converter in 6-Pin SC-70 Package

TLV61224 Datasheet (HTML) - Texas Instruments


TLV61224 Product details

1 Features
1• Up to 94% Efficiency at Typical Operating
Conditions
• 5-μA Quiescent Current
• Operating Input Voltage From 0.7 V to 3 V
• Pass-Through Function During Shutdown
• Output Current of More Than 40 mA From a 1.2-V
Input
• Typical Switch Current Rating 400 mA
• Output Overvoltage Protection
• Overtemperature Protection
• Fixed 3-V Output Voltage
• Small 6-Pin SC-70 Package

2 Applications
• Battery Powered Applications
– 1- to 2-Cell NiMH or Alkaline
– 1-Cell Li-Primary
• Consumer and Portable Medical Products
• Personal Care Products

3 Description
The TLV61224 device provides a power-supply
solution for products powered by either a single-cell
or 2-cell alkaline or NiMH, or 1-cell Li-primary battery.
Possible output currents depend on the input-to-
output voltage ratio. The boost converter is based on
a hysteretic controller topology using synchronous
rectification to obtain maximum efficiency at minimal quiescent currents. The output voltage of this device
is set internally to a fixed output voltage of 3 V. The
converter can be switched off by a featured enable
pin. While being switched off, battery drain is
minimized. The device is offered in a 6-pin SC-70 package (DCK) measuring 2 mm × 2 mm to enable
small circuit layout size.




Similar Part No. - TLV61224

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV61224 TI1-TLV61224 Datasheet
775Kb / 17P
Single Cell High Efficient Step-Up Converter in 6 Pin SC-70 Package
MARCH2011
TLV61224DCKR TI1-TLV61224DCKR Datasheet
775Kb / 17P
Single Cell High Efficient Step-Up Converter in 6 Pin SC-70 Package
MARCH2011
TLV61224DCKT TI1-TLV61224DCKT Datasheet
775Kb / 17P
Single Cell High Efficient Step-Up Converter in 6 Pin SC-70 Package
MARCH2011
TLV61224 TI-TLV61224_15 Datasheet
1Mb / 22P
TLV61224 Single-Cell, High-Efficient, Step-Up Converter in 6-Pin SC-70 Package
More results


Similar Description - TLV61224

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1638 AIC-AIC1638 Datasheet
240Kb / 15P
3-PIN ONE-CELL STEP-UP DC/DC CONVERTER
AIC1639 AIC-AIC1639 Datasheet
147Kb / 11P
3-PIN ONE-CELL STEP-UP DC/DC CONVERTER
logo
Texas Instruments
TLV61225 TI-TLV61225 Datasheet
826Kb / 18P
SINGLE CELL HIGH EFFICIENT STEP-UP CONVERTER IN 6 PIN SC-70 PACKAGE
TLV61224 TI1-TLV61224 Datasheet
775Kb / 17P
Single Cell High Efficient Step-Up Converter in 6 Pin SC-70 Package
MARCH2011
TPS62080 TI1-TPS62080 Datasheet
877Kb / 26P
1.2A High Efficient Step Down Converter in 2x2mm SON Package
TLV62080 TI1-TLV62080 Datasheet
786Kb / 22P
1.2A High Efficient Step Down Converter in 2x2mm SON Package
TPS61220 TI1-TPS61220 Datasheet
1Mb / 22P
LOW INPUT VOLTAGE STEP-UP CONVERTER IN 6 PIN SC-70 PACKAGE
TLV61225DCKT TI1-TLV61225DCKT Datasheet
765Kb / 18P
SINGLE CELL HIGH EFFICIENT STEP-UP CONVERTER IN 6 PIN SC-70 PACKAGE
TLV61224 TI-TLV61224_15 Datasheet
1Mb / 22P
TLV61224 Single-Cell, High-Efficient, Step-Up Converter in 6-Pin SC-70 Package
TLV61225 TI-TLV61225_15 Datasheet
1Mb / 21P
TLV61225 Single-Cell High-Efficient Step-Up Converter in 6-Pin SC-70 Package
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com