Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV62065 Datasheet (PDF) - Texas Instruments

TLV62065 Datasheet PDF - Texas Instruments
Part # TLV62065
Download  TLV62065 Download
File Size   2051.48 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV62065 3-MHz 2-A Step-Down Converter in 2 × 2 WSON Package

TLV62065 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV62065 Datasheet PDF - Texas Instruments

Part # TLV62065
Download  TLV62065 Click to download

File Size   2051.48 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV62065 3-MHz 2-A Step-Down Converter in 2 × 2 WSON Package

TLV62065 Datasheet (HTML) - Texas Instruments


TLV62065 Product details

1 Features
1• VIN Range from 2.9 V to 5.5 V
• Up to 97% Efficiency
• Power-Save Mode / 3-MHz Fixed PWM Mode
• Output Voltage Accuracy in PWM Mode ±2.0%
• Output Capacitor Discharge Function
• Typical 18-μA Quiescent Current
• 100% Duty Cycle for Lowest Dropout
• Available in a 2 mm × 2 mm × 0.75 mm WSON

2 Applications
• Point-of-Load (POL)
• Notebooks, Pocket PCs
• Portable Media Players
• Set-Top Boxes

3 Description
The TLV62065 device is a high efficiency
synchronous step-down DC–DC converter. It provides up to 2-A output current.
With an input voltage range of 2.9 V to 5.5 V, the
device is a perfect fit for power conversion from a 5-V
or 3.3-V system supply rail. The TLV62065 operates
at 3-MHz fixed frequency and enters power-save
mode operation at light load currents to maintain high efficiency over the entire load current range. For low
noise applications, TLV62065 can be forced into fixed
frequency PWM mode by pulling the MODE pin high.
In the shutdown mode, the current consumption is
reduced to less than 1 μA and an internal circuit
discharges the output capacitor.
TLV62065 operates with a 1-μH inductor and 10-μF
output capacitor.
The TLV62065 is available in a small 2 mm × 2 mm ×
0.75 mm 8-pin WSON package.




Similar Part No. - TLV62065

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV62065 TI1-TLV62065 Datasheet
1,022Kb / 24P
3-MHz 2A Step Down Converter in 2x2 SON Package
TLV62065 TI-TLV62065 Datasheet
1Mb / 26P
3-MHz 2A Step Down Converter in 2x2 SON Package
TLV62065-Q1 TI1-TLV62065-Q1 Datasheet
1Mb / 27P
3-MHz 2-A Step-Down Converter in 2-mm x 2-mm SON Package
TLV62065-Q1 TI-TLV62065-Q1_15 Datasheet
1Mb / 28P
TLV62065-Q1 3-MHz 2-A Step-Down Converter in 2-mm 횞 2-mm WSON Package
TLV62065DSGR TI1-TLV62065DSGR Datasheet
1Mb / 27P
3-MHz 2A Step Down Converter in 2x2 SON Package
More results


Similar Description - TLV62065

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV62065-Q1 TI1-TLV62065-Q1 Datasheet
1Mb / 27P
3-MHz 2-A Step-Down Converter in 2-mm x 2-mm SON Package
TLV620612-Q1 TI1-TLV620612-Q1 Datasheet
1Mb / 27P
3-MHz 2-A Step-Down Converter in 2-mm 횞 2-mm SON Package
TLV62065-Q1 TI-TLV62065-Q1_15 Datasheet
1Mb / 28P
TLV62065-Q1 3-MHz 2-A Step-Down Converter in 2-mm 횞 2-mm WSON Package
TLV62065 TI1-TLV62065_16 Datasheet
1Mb / 26P
3-MHz 2-A Step-Down Converter in 2 x 2 WSON Package
TLV62080 TI1-TLV62080_16 Datasheet
1,019Kb / 26P
1.2-A and 2-A High-Efficiency Step-Down Converter in 2-mm 횞 2-mm WSON Package
TPS62060 TI1-TPS62060_16 Datasheet
1Mb / 26P
TPS6206x 3-MHz, 1.6-A, Step Down Converter in 2-mm 2-mm WSON Package
TPS62065-Q1 TI1-TPS62065-Q1 Datasheet
1Mb / 29P
TPS6206x-Q1 3-MHz 2-A Step-Down Converter in 2 SON Package
TLV62080_016 TI1-TLV62080_016 Datasheet
1Mb / 28P
1.2-A and 2-A High-Efficiency Step-Down Converter in 2-mm 횞 2-mm WSON Package
TPS62590 TI1-TPS62590_17 Datasheet
1Mb / 26P
1-A Step Down Converter in 2-mm x 2-mm WSON Package
TPS62065-Q1 TI1-TPS62065-Q1_V01 Datasheet
2Mb / 30P
TPS6206x-Q1 3-MHz, 2-A, Automotive Step-Down Converter in 2 × 2 SON Package
REVISED AUGUST 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com