Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV62080 Datasheet (PDF) - Texas Instruments

TLV62080 Datasheet PDF - Texas Instruments
Part # TLV62080
Download  TLV62080 Download
File Size   1573.68 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV6208x 1.2-A and 2-A High-Efficiency Step-Down Converter in 2-mm × 2-mm WSON Package

TLV62080 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV62080 Datasheet PDF - Texas Instruments

Part # TLV62080
Download  TLV62080 Click to download

File Size   1573.68 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV6208x 1.2-A and 2-A High-Efficiency Step-Down Converter in 2-mm × 2-mm WSON Package

TLV62080 Datasheet (HTML) - Texas Instruments


TLV62080 Product details

1 Features
1• DCS-Control™ Architecture for Fast Transient
Regulation
• 2.5 to 6-V Input Voltage Range (TLV62080)
• 2.7 to 6-V Input Voltage Range (TLV62084,
TLV62084A)
• 100% Duty Cycle for Lowest Dropout
• Power Save Mode for Light Load Efficiency
• Output Discharge Function
• Power Good Output
• Thermal Shutdown
• Available in 2 mm × 2 mm 8-Terminal WSON
Package
• For Improved Features Set, see the TPS62080
• Create a Custom Design Using the TLV6208x
With the WEBENCH® Power Designer

2 Applications
• Battery-Powered Portable Devices
• Point-of-Load Regulators
• PC, Notebook, Server
• Set Top Box
• Solid State Drive (SSD), Memory Supply

3 Description
The TLV6208x family devices are small buck
converters with few external components, enabling
cost effective solutions. They are synchronous stepdown
converters with an input voltage range of 2.5
and 2.7 (2.5 V for TLV62080, 2.7 V for TLV62084x)
to 6 V. The TLV6208x devices focus on highefficiency
step-down conversion over a wide output
current range. At medium to heavy loads, the
TLV6208x converters operate in PWM mode and
automatically enter power save mode operation at
light-load currents to maintain high efficiency over the
entire load current range.
To address the requirements of system power rails,
the internal compensation circuit allows a wide range
of external output capacitor values. With the DCSControl
™ (Direct Control with Seamless transition
into Power save mode) architecture excellent load
transient performance and output voltage regulation
accuracy are achieved. The devices are available in
2-mm × 2-mm WSON package with Thermal Pad.




Similar Part No. - TLV62080

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV62080 TI1-TLV62080 Datasheet
786Kb / 22P
1.2A High Efficient Step Down Converter in 2x2mm SON Package
TLV62080 TI1-TLV62080 Datasheet
1,019Kb / 26P
1.2-A and 2-A High-Efficiency Step-Down Converter in 2-mm 횞 2-mm WSON Package
TLV62080 TI1-TLV62080 Datasheet
1Mb / 28P
1.2-A and 2-A High-Efficiency Step-Down Converter in 2-mm 횞 2-mm WSON Package
TLV62080DSG TI1-TLV62080DSG Datasheet
786Kb / 22P
1.2A High Efficient Step Down Converter in 2x2mm SON Package
TLV62080DSG TI1-TLV62080DSG Datasheet
1,019Kb / 26P
1.2-A and 2-A High-Efficiency Step-Down Converter in 2-mm 횞 2-mm WSON Package
More results


Similar Description - TLV62080

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV62065-Q1 TI-TLV62065-Q1_15 Datasheet
1Mb / 28P
TLV62065-Q1 3-MHz 2-A Step-Down Converter in 2-mm 횞 2-mm WSON Package
TLV62080 TI-TLV62080_15 Datasheet
950Kb / 26P
TLV6208x 1.2-A and 2-A High-Efficiency Step-Down Converter in 2-mm 횞 2-mm WSON Package
TLV62085 TI-TLV62085_15 Datasheet
349Kb / 20P
TLV62085 High Efficiency 3-A Step-Down Converter in 2-mm 횞 2-mm VSON Package
TLV62065 TI1-TLV62065_16 Datasheet
1Mb / 26P
3-MHz 2-A Step-Down Converter in 2 x 2 WSON Package
TLV62080 TI1-TLV62080_16 Datasheet
1,019Kb / 26P
1.2-A and 2-A High-Efficiency Step-Down Converter in 2-mm 횞 2-mm WSON Package
TLV62085 TI1-TLV62085_16 Datasheet
417Kb / 22P
High Efficiency 3-A Step-Down Converter in 2-mm 횞 2-mm VSON Package
TPS62290-Q1 TI1-TPS62290-Q1_16 Datasheet
1Mb / 27P
1-A Step Down Converter in 2-mm 횞 2-mm SON Package
TPS62060 TI1-TPS62060_16 Datasheet
1Mb / 26P
TPS6206x 3-MHz, 1.6-A, Step Down Converter in 2-mm 2-mm WSON Package
TLV62080_016 TI1-TLV62080_016 Datasheet
1Mb / 28P
1.2-A and 2-A High-Efficiency Step-Down Converter in 2-mm 횞 2-mm WSON Package
TPS62590 TI1-TPS62590_17 Datasheet
1Mb / 26P
1-A Step Down Converter in 2-mm x 2-mm WSON Package
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com