Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV62090 Datasheet (PDF) - Texas Instruments

TLV62090 Datasheet PDF - Texas Instruments
Part # TLV62090
Download  TLV62090 Download
File Size   745.74 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV62090 3A High Efficiency Synchronous Step-Down Converter with DCS-Control™

TLV62090 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV62090 Datasheet PDF - Texas Instruments

Part # TLV62090
Download  TLV62090 Click to download

File Size   745.74 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV62090 3A High Efficiency Synchronous Step-Down Converter with DCS-Control™

TLV62090 Datasheet (HTML) - Texas Instruments


TLV62090 Product details

1 Features
1• 2.5 V to 5.5 V Input Voltage Range
• DCS-Control™
• Up To 98% Efficiency
• Power Save Mode
• 20 μA Operating Quiescent Current
• 100% Duty Cycle for Lowest Dropout
• 1.4 MHz Typical Switching Frequency
• 0.8 V to VIN Adjustable Output Voltage
• Output Discharge Function
• Adjustable Softstart
• Hiccup Short Circuit Protection
• Output Voltage Tracking
• Pin-to-Pin Compatible with TPS62090, TLV62095
and TPS62095
• For Improved Feature Set, See TPS62090
• Create a Custom Design using the TLV62090 with
the WEBENCH® Power Designer

2 Applications
• Distributed Power Supplies
• Notebook, Netbook Computers
• Hard Disk Drives (HDD)
• Solid State Drives (SSD)
• Processor Supply
• Battery Powered Applications

3 Description
The TLV62090 device is a high frequency
synchronous step-down converter optimized for small
solution size, high efficiency and suitable for battery
powered applications. To maximize efficiency, the
converter operates in pulse width modulation (PWM)
mode with a nominal switching frequency of 1.4 MHz
and it automatically enters power save mode
operation at light load currents. When used in
distributed power supplies and point of load
regulation, the device allows voltage tracking to other
voltage rails and tolerates output capacitors ranging
from 10 μF up to 150 μF and beyond. Using the
DCS-Control topology, the device achieves excellent
load transient performance and accurate output
voltage regulation.
The output voltage start-up ramp is controlled by the
softstart pin, which allows operation as either a
standalone power supply or in tracking configurations.
Power sequencing is also possible by configuring the
enable (EN) and power good (PG) pins. In power
save mode, the device operates with typically 20-μA
quiescent current. Power save mode is entered
automatically and seamlessly, maintaining high
efficiency over the entire load current range.
The device is available in a 3 mm x 3 mm 16-pin
VQFN (RGT) package.




Similar Part No. - TLV62090

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV62090 TI1-TLV62090 Datasheet
1,017Kb / 23P
3A High Efficient Synchronous Step Down Converter with DCS??Control
TLV62090 TI2-TLV62090 Datasheet
745Kb / 31P
TLV62090 3A High Efficiency Synchronous Step-Down Converter with DCS-Control™
REVISED JANUARY 2017
TLV62090RGTR TI1-TLV62090RGTR Datasheet
1,017Kb / 23P
3A High Efficient Synchronous Step Down Converter with DCS??Control
TLV62090RGTR TI1-TLV62090RGTR Datasheet
1Mb / 27P
3A High Efficiency Synchronous Step-Down Converter
TLV62090RGTR TI2-TLV62090RGTR Datasheet
745Kb / 31P
TLV62090 3A High Efficiency Synchronous Step-Down Converter with DCS-Control™
REVISED JANUARY 2017
More results


Similar Description - TLV62090

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV62090 TI1-TLV62090 Datasheet
1,017Kb / 23P
3A High Efficient Synchronous Step Down Converter with DCS??Control
TPS62090 TI1-TPS62090 Datasheet
1Mb / 26P
3A High Efficient Synchronous Step Down Converter with DCS??Control
logo
SHANGHAI BELLING CO., L...
BL9384 BELLING-BL9384 Datasheet
289Kb / 6P
3A, 18V High Efficiency Synchronous Step-Down Converter
logo
Texas Instruments
TLV62130ARGTR TI-TLV62130ARGTR Datasheet
1Mb / 35P
4-17V 3A Step-Down Converter with DCS-Control
TPS62090 TI1-TPS62090_14 Datasheet
1Mb / 29P
3A High Efficient Synchronous Step Down Converter with DCS??Control
logo
ACE Technology Co., LTD...
ACE729E ACE-ACE729E Datasheet
391Kb / 8P
3A, 18V High Efficiency Synchronous Step-Down Converter
VER 1.1
logo
Texas Instruments
TLV62090 TI-TLV62090_15 Datasheet
1Mb / 28P
TLV62090 3A High Efficient Synchronous Step Down Converter with DCS??Control
TPS62090 TI-TPS62090_15 Datasheet
1Mb / 28P
TPS6209x 3A High Efficient Synchronous Step Down Converter with DCS??Control
TLV62090 TI1-TLV62090_16 Datasheet
1Mb / 27P
3A High Efficiency Synchronous Step-Down Converter
TLV62095 TI1-TLV62095 Datasheet
1Mb / 26P
4-A High Efficiency Step Down Converter with DCS-Control
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com