Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV62095 Datasheet (PDF) - Texas Instruments

TLV62095 Datasheet PDF - Texas Instruments
Part # TLV62095
Download  TLV62095 Download
File Size   876.67 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV62095 4-A High Efficiency Step Down Converter with DCS-Control™

TLV62095 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV62095 Datasheet PDF - Texas Instruments

Part # TLV62095
Download  TLV62095 Click to download

File Size   876.67 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV62095 4-A High Efficiency Step Down Converter with DCS-Control™

TLV62095 Datasheet (HTML) - Texas Instruments


TLV62095 Product details

1 Features
1• 2.5 V to 5.5 V Input Voltage Range
• DCS-Control™
• Up to 95% Efficiency
• Power Save Mode
• 20 μA Operating Quiescent Current
• 100% Duty Cycle for Lowest Dropout
• 1.4 MHz Typical Switching Frequency
• 0.8 V to VIN Adjustable Output Voltage
• Output Discharge Function
• Adjustable Soft Startup
• Hiccup Short Circuit Protection
• Output Voltage Tracking
• Pin-to-Pin Compatible with TLV62090 and
TPS62095
• For Improved Feature Set, See TPS62095
• Create a Custom Design Using the TLV62095
With the WEBENCH® Power Designer

2 Applications
• TV, STB, Computers
• Solid State Drives (SSD)
• Hard Disk Drives (HDD)
• Battery Powered Applications

3 Description
The TLV62095 device is a high frequency
synchronous step-down converter optimized for small
solution size, high efficiency and suitable for battery
powered applications. To maximize efficiency, the
converter operates in PWM mode with a nominal
switching frequency of 1.4MHz and it automatically
enters Power Save Mode operation at light load
currents. When used in distributed power supplies
and point of load regulation, the device allows voltage
tracking to other voltage rails and tolerates output
capacitors ranging from 10 μF to 150 μF and beyond.
Using the DCS-Control™ topology, the device
achieves excellent load transient performance and
accurate output voltage regulation.
The output voltage start-up ramp is controlled by the
soft startup pin, which allows operation as either a
standalone power supply or in tracking configurations.
Power sequencing is also possible by configuring the
EN and PG pins. In Power Save Mode, the device
operates with typically 20-μA quiescent current.
Power Save Mode is entered automatically and
seamlessly maintaining high efficiency over the entire
load current range.
The device is available in a 3 mm x 3 mm 16-pin
VQFN package.




Similar Part No. - TLV62095

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV62095 TI1-TLV62095 Datasheet
1Mb / 26P
4-A High Efficiency Step Down Converter with DCS-Control
TLV62095 TI2-TLV62095 Datasheet
875Kb / 29P
TLV62095 4-A High Efficiency Step Down Converter with DCS-Control™
REVISED JANUARY 2017
TLV62095RGTR TI1-TLV62095RGTR Datasheet
1Mb / 26P
4-A High Efficiency Step Down Converter with DCS-Control
TLV62095RGTR TI2-TLV62095RGTR Datasheet
875Kb / 29P
TLV62095 4-A High Efficiency Step Down Converter with DCS-Control™
REVISED JANUARY 2017
TLV62095RGTR.A TI2-TLV62095RGTR.A Datasheet
875Kb / 29P
TLV62095 4-A High Efficiency Step Down Converter with DCS-Control™
REVISED JANUARY 2017
More results


Similar Description - TLV62095

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV62090 TI1-TLV62090 Datasheet
1,017Kb / 23P
3A High Efficient Synchronous Step Down Converter with DCS??Control
TLV62150 TI1-TLV62150 Datasheet
1Mb / 31P
4-17V 1A Step-Down Converter with DCS-Control?
TPS62090 TI1-TPS62090 Datasheet
1Mb / 26P
3A High Efficient Synchronous Step Down Converter with DCS??Control
TLV62130ARGTR TI-TLV62130ARGTR Datasheet
1Mb / 35P
4-17V 3A Step-Down Converter with DCS-Control
TLV62150ARGTR TI-TLV62150ARGTR Datasheet
1Mb / 34P
4-17V 1A Step-Down Converter with DCS-Control
TPS62090 TI1-TPS62090_14 Datasheet
1Mb / 29P
3A High Efficient Synchronous Step Down Converter with DCS??Control
TLV62150 TI1-TLV62150_14 Datasheet
1Mb / 35P
4-17V 1A Step-Down Converter with DCS-Control
TPS62080 TI-TPS62080_15 Datasheet
971Kb / 27P
TPS6208x 1.2-A High-Efficiency, Step-Down Converter With DCS-Control??and Snooze Mode
TLV62095 TI1-TLV62095 Datasheet
1Mb / 26P
4-A High Efficiency Step Down Converter with DCS-Control
TPS62090-Q1 TI1-TPS62090-Q1 Datasheet
1Mb / 26P
3-A High-Efficient Synchronous Step-Down Converter with DCS-Control
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com