Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV62565 Datasheet (PDF) - Texas Instruments

TLV62565 Datasheet PDF - Texas Instruments
Part # TLV62565
Download  TLV62565 Download
File Size   774.99 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV6256x 1.5-A High Efficiency Step-Down Converters in SOT-23 5-Pin Package

TLV62565 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV62565 Datasheet PDF - Texas Instruments

Part # TLV62565
Download  TLV62565 Click to download

File Size   774.99 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV6256x 1.5-A High Efficiency Step-Down Converters in SOT-23 5-Pin Package

TLV62565 Datasheet (HTML) - Texas Instruments


TLV62565 Product details

1 Features
1• 2.7-V to 5.5-V Input Voltage Range
• 1.5-MHz Typical Switching Frequency
• Output Current up to 1.5 A (Max)
• Adaptive On-Time Current Control
• Power Save Mode for Light Load Efficiency
• 50-μA Operating Quiescent Current
• Up to 95% Efficiency
• Over Current Protection
• 95% Maximum Duty Cycle
• Excellent AC and Transient Load Response
• Power Good Output, TLV62566
• Internal Soft Startup of 250 μs (Typ)
• Adjustable Output Voltage
• Thermal Shutdown Protection
• Available in SOT-23 5-Pin Package

2 Applications
• Portable Devices
• DSL Modems
• Hard Disk Drivers
• Set Top Box
• Tablet

3 Description
The TLV62565/6 devices are synchronous step-down
converters optimized for small solution size and high
efficiency. The devices integrate switches capable of
delivering an output current up to 1.5 A.
The devices are based on an adaptive on time with
valley current mode control scheme. Typical
operating frequency is 1.5 MHz at medium to heavy
loads. The devices are optimized to achieve very low
output voltage ripple even with small external
components and feature an excellent load transient
response.
During light load, the TLV62565/6 automatically enter
into Power Save Mode at the lowest quiescent
current (50 μA typ) to maintain high efficiency over
the entire load current range. In shutdown, the
current consumption is reduced to less than 1 μA.
The TLV62565/6 provide an adjustable output voltage
via an external resistor divider. The output voltage
start-up ramp is controlled by an internal soft start,
typically 250 μs. Power sequencing is possible by
configuring the Enable (TLV62565) and Power Good
(TLV62566) pins. Other features like over current
protection and over temperature protection are builtin.
The TLV62565/6 devices are available in a SOT-
23 5-pin package.




Similar Part No. - TLV62565

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV62565 TI1-TLV62565 Datasheet
1Mb / 22P
1.5-A High Efficiency Step-Down Converter in SOT23-5 Package
TLV62565 TI-TLV62565 Datasheet
1Mb / 27P
TLV6256x 1.5-A High Efficiency Step-Down Converters in SOT-23 5-Pin Package
TLV62565 TI2-TLV62565 Datasheet
768Kb / 26P
TLV6256x 1.5-A High Efficiency Step-Down Converters in SOT-23 5-Pin Package
REVISED OCTOBER 2016
TLV62565DBV TI1-TLV62565DBV Datasheet
1Mb / 22P
1.5-A High Efficiency Step-Down Converter in SOT23-5 Package
TLV62565DBVR TI-TLV62565DBVR Datasheet
1Mb / 27P
TLV6256x 1.5-A High Efficiency Step-Down Converters in SOT-23 5-Pin Package
More results


Similar Description - TLV62565

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1517-5 LINER-LTC1517-5 Datasheet
210Kb / 8P
Micropower, Regulated 5V Charge Pump in a 5-Pin SOT-23 Package
LTC1701 LINER-LTC1701_1 Datasheet
183Kb / 12P
1MHz Step-Down DC/DC Converters in SOT-23
logo
Texas Instruments
TLV62565 TI1-TLV62565 Datasheet
1Mb / 22P
1.5-A High Efficiency Step-Down Converter in SOT23-5 Package
logo
Monolithic Power System...
MP1469 MPS-MP1469 Datasheet
477Kb / 17P
High-Efficiency, 1.5A, 16V, 500kHz Synchronous, Step-Down Converter In 6 Pin SOT 23
logo
Linear Integrated Syste...
LTC1517ES5-5 LINEAR-LTC1517ES5-5 Datasheet
144Kb / 8P
Micropower, Regulated 3.3V Charge Pump in a 5-Pin SOT-23 Package
logo
Linear Technology
LTC1517-3.3 LINER-LTC1517-3.3_15 Datasheet
161Kb / 8P
Micropower, Regulated 3.3V Charge Pump in a 5-Pin SOT-23 Package
LTC1517-5 LINER-LTC1517-5_15 Datasheet
161Kb / 8P
Micropower, Regulated 5V Charge Pump in a 5-Pin SOT-23 Package
LTC1701 LINER-LTC1701_15 Datasheet
189Kb / 12P
1MHz Step-Down DC/DC Converters in SOT-23
LTC1701B LINER-LTC1701B_15 Datasheet
189Kb / 12P
1MHz Step-Down DC/DC Converters in SOT-23
logo
Texas Instruments
TLV62565 TI-TLV62565_15 Datasheet
1Mb / 27P
TLV6256x 1.5-A High Efficiency Step-Down Converters in SOT-23 5-Pin Package
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com