Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV757P Datasheet (PDF) - Texas Instruments

TLV757P Datasheet PDF - Texas Instruments
Part # TLV757P
Download  TLV757P Download
File Size   2757.69 Kbytes
Page   41 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV757P 1A, Low IQ, Small-Size, Low-Dropout Regulator

TLV757P Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV757P Datasheet PDF - Texas Instruments

Part # TLV757P
Download  TLV757P Click to download

File Size   2757.69 Kbytes
Page   41 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV757P 1A, Low IQ, Small-Size, Low-Dropout Regulator

TLV757P Datasheet (HTML) - Texas Instruments


TLV757P Product details

1 Features
• SOT-23 (DYD) package with 60.3°C/W RθJA
available
• Input voltage range: 1.45V to 5.5V
• Available in fixed-output voltages:
– 0.6V to 5V (50mV steps)
• Low IQ: 25μA (typical)
• Low dropout:
– 425mV (maximum) at 1A (3.3VOUT)
• Output accuracy: 1% (maximum)
• Built-in soft-start with monotonic VOUT rise
• Foldback current limit
• Active output discharge
• High PSRR: 45dB at 100kHz
• Stable with a 1μF ceramic output capacitor
• Packages:
– 2.9mm × 2.8mm SOT-23-5 (DBV)
– 2.9mm × 2.8mm SOT-23-5 (DYD) with thermal
pad
– 2mm × 2mm WSON-6 (DRV)

2 Applications
• Set-top boxes, TV, and gaming consoles
• Portable and battery-powered equipment
• Desktops, notebooks, and ultrabooks
• Tablets and remote controls
• White goods and appliances
• Grid infrastructure and protection relays
• Camera modules and image sensors

3 Description
The TLV757P low-dropout regulator (LDO) is an
ultra-small, low quiescent current LDO that sources
1A with good line and load transient performance.
The TLV757P is optimized for a wide variety of
applications by supporting an input voltage range from
1.45V to 5.5V. To minimize cost and solution size,
the device is offered in fixed output voltages ranging
from 0.6V to 5V. This range supports the lower
core voltages of modern microcontrollers (MCUs).
Additionally, the TLV757P has a low IQ with enable
functionality to minimize standby power. This device
features an internal soft-start to lower the inrush
current. This feature provides a controlled voltage to
the load and minimizes the input voltage drop during
start-up. When shutdown, the device actively pulls
down the output to quickly discharge the outputs and
provides a known start-up state.
The TLV757P is stable with small ceramic output
capacitors allowing for a small overall solution size.
A precision band-gap and error amplifier provides
a typical accuracy of 1%. All device versions
have integrated thermal shutdown, current limit, and
undervoltage lockout (UVLO). The TLV757P has
an internal foldback current limit that helps reduce
thermal dissipation during short-circuit events.
The TLV757 is available in the popular SON and
SOT23-5 packages. This device is also available in
a thermally enhanced SOT23-5 package (DYD) with
a thermal pad. This package provides significantly
reduced thermal resistance compared to a standard
SOT23-5 package.




Similar Part No. - TLV757P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV757P TI1-TLV757P Datasheet
620Kb / 22P
1-A, Low IQ, Small Size, Low Dropout Regulator
TLV757P TI1-TLV757P Datasheet
2Mb / 34P
1-A, Low IQ, Small Size, Low Dropout Regulator
TLV757P TI1-TLV757P Datasheet
2Mb / 38P
1-A, Low IQ, Small Size, Low Dropout Regulator
TLV757P TI1-TLV757P Datasheet
2Mb / 41P
TLV757P 1A, Low IQ, Small-Size, Low-Dropout Regulator
MARCH 2024
TLV757P_018 TI1-TLV757P_018 Datasheet
2Mb / 38P
1-A, Low IQ, Small Size, Low Dropout Regulator
More results


Similar Description - TLV757P

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1793 MAXIM-MAX1793 Datasheet
448Kb / 10P
Low-Dropout, Low IQ, 1A Linear Regulator
19-1654; Rev 1; 11/00
MAX1793 MAXIM-MAX1793_09 Datasheet
236Kb / 11P
Low-Dropout, Low IQ, 1A Linear Regulator
Rev 2; 9/09
logo
Texas Instruments
TLV757P TI1-TLV757P Datasheet
620Kb / 22P
1-A, Low IQ, Small Size, Low Dropout Regulator
TLV755P TI1-TLV755P Datasheet
1Mb / 28P
500-mA, Low IQ, Small Size, Low Dropout Regulator
TLV757P TI1-TLV757P_18 Datasheet
2Mb / 34P
1-A, Low IQ, Small Size, Low Dropout Regulator
TLV755P TI1-TLV755P_18 Datasheet
1Mb / 30P
500-mA, Low IQ, Small Size, Low Dropout Regulator
TLV757P_018 TI1-TLV757P_018 Datasheet
2Mb / 38P
1-A, Low IQ, Small Size, Low Dropout Regulator
TLV755P_1807 TI1-TLV755P_1807 Datasheet
2Mb / 41P
500-mA, Low IQ, Small Size, Low Dropout Regulator
TLV755P_1808 TI1-TLV755P_1808 Datasheet
2Mb / 47P
500-mA, Low IQ, Small Size, Low Dropout Regulator
TLV755P TI1-TLV755P_19 Datasheet
2Mb / 42P
500-mA, Low IQ, Small Size, Low Dropout Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com