Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV880X Datasheet (PDF) - Texas Instruments

TLV880X Datasheet PDF - Texas Instruments
Part # TLV880X
Download  TLV880X Download
File Size   1837.22 Kbytes
Page   42 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV854x 500-nA, RRIO, Nanopower Operational Amplifiers for Cost-Optimized Systems

TLV880X Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV880X Datasheet PDF - Texas Instruments

Part # TLV880X
Download  TLV880X Click to download

File Size   1837.22 Kbytes
Page   42 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV854x 500-nA, RRIO, Nanopower Operational Amplifiers for Cost-Optimized Systems

TLV880X Datasheet (HTML) - Texas Instruments


TLV880X Product details

1 Features
1• For Cost-Optimized Systems
• Nanopower Supply Current: 500 nA per Channel
• Offset Voltage: 3.1 mV (maximum)
• TcVos: 0.8 μV/°C
• Gain Bandwidth: 8 kHz
• Unity-Gain Stable
• Low Input-Bias Current: 100 fA
• Wide Supply Range: 1.7 V to 3.6 V
• Rail-to-Rail Input and Output (RRIO)
• Temperature Range –40°C to +125°C
• Industry Standard Package
– Quad in 14-pin TSSOP and SOIC
– Dual in 8-pin SOIC
– Single in 5-pin SOT-23
• Leadless Package
– Dual in 8-Pin X2QFN

2 Applications
• Motion Detectors Using PIR Sensors SNAA301
• Motion Detectors Using Microwave Sensors
• Gas Detectors
• Ionization Smoke Alarms
• Thermostats
• Remote Sensors, IoT (Internet of Things)
• Active RFID Readers and Tags
• Portable Medical Equipment
• Glucose Monitoring

3 Description
The TLV854x ultra-low-power operational amplifiers
(op amps) are intended for cost-optimized sensing
applications in wireless and low-power wired
equipment. The TLV854x family of op amps minimize
power consumption in equipment such as motion
detecting security systems (like microwave and PIR
motion sensing) where operational battery life is
critical. They also have a carefully designed CMOS
input stage, enabling very low, femto-ampere bias
currents, thereby reducing IBIAS and IOS errors that
would otherwise impact sensitive applications.
Examples of these include transimpedance amplifier
(TIA) configurations with megaohm feedback
resistors, and high source impedance sensing
applications. Additionally, built-in EMI protection
reduces sensitivity to unwanted RF signals from
sources such as mobile phones, WiFi, radio
transmitters and tab readers.




Similar Part No. - TLV880X

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV880X TI1-TLV880X Datasheet
1Mb / 32P
500-nA, RRIO, Nanopower Operational Amplifiers for Cost-Optimized Systems
More results


Similar Description - TLV880X

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV8801 TI1-TLV8801 Datasheet
1Mb / 27P
TLV8801/TLV8802 320 nA Nanopower Operational Amplifiers for Cost-Optimized Systems
TLV8811 TI1-TLV8811 Datasheet
735Kb / 26P
425 nA Precision Nanopower Op Amps for Cost-Optimized Systems
TLV8544 TI1-TLV8544 Datasheet
307Kb / 18P
500 nA RRIO Nanopower Operational Amplifier for Cost-Optimized Systems
TLV8544 TI1-TLV8544_17 Datasheet
1Mb / 32P
500-nA, RRIO, Nanopower Operational Amplifiers for Cost-Optimized Systems
TLV8544 TI1-TLV8544_18 Datasheet
1Mb / 35P
500-nA, RRIO, Nanopower Operational Amplifiers for Cost-Optimized Systems
TLV9061_018 TI1-TLV9061_018 Datasheet
3Mb / 45P
10-MHz, RRIO, CMOS Operational Amplifiers for Cost-Sensitive Systems
TLV8544_018 TI1-TLV8544_018 Datasheet
1Mb / 37P
500-nA, RRIO, Nanopower Operational Amplifiers for Cost-Optimized Systems
TLV9061_1808 TI1-TLV9061_1808 Datasheet
4Mb / 62P
10-MHz, RRIO, CMOS Operational Amplifiers for Cost-Sensitive Systems
TLV8544_1808 TI1-TLV8544_1808 Datasheet
2Mb / 42P
500-nA, RRIO, Nanopower Operational Amplifiers for Cost-Optimized Systems
TLV9061_1810 TI1-TLV9061_1810 Datasheet
4Mb / 63P
10-MHz, RRIO, CMOS Operational Amplifiers for Cost-Sensitive Systems
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com