Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCC4006B Datasheet (PDF) - STMicroelectronics

HCC4006B Datasheet PDF - STMicroelectronics
Part # HCC4006B
Download  HCC4006B Download
File Size   260.62 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 18-STAGE STATIC SHIFT REGISTER

HCC4006B Datasheet (PDF)

Go To PDF Page Download Datasheet
HCC4006B Datasheet PDF - STMicroelectronics

Part # HCC4006B
Download  HCC4006B Click to download

File Size   260.62 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 18-STAGE STATIC SHIFT REGISTER

HCC4006B Datasheet (HTML) - STMicroelectronics


HCC4006B Product details

DESCRIPTION
The HCC4006B (extended temperature range) and the HCF4006B (standard temperature range), are monolithic integrated circuits, available in 14-lead dual in-line plastic or ceramic package and plastic micro package. The types are comprised of 4 separate ”shift register” sections ; two sections of four stages and two sections offive stages with an output tap at the fourth stage. Each section has an independent ”single rail” data path. A common clock signal is used for all stages. Data is shifted to the next stage on negative-going transitions of the clock. Through appropriate connections of inputs and outputs, multiple register sections of 4, 5, 8, and 9 stages or single register sections of 10, 12, 13, 14, 16, 17 and 18 can be implemented using one HCC/HCF4006B package. Longer shift register sections can be assembled by using more than one HCC/HCF4006B. To facilitate cascading stages when clock rise and fall times are slow, an optional output (D1 + 4’) that is delayed one-half clock-cycle, is provided (see truth table for output from pin 2).

■ PERMANENT REGISTER STORAGE WITH CLOCK LINE ”HIGH” OR ”LOW” ... NO INFORMATION RECIRCULATION REQUIRED
■ FULLY STATIC OPERATION
■ SHIFTING RATES UP TO 12MHz @ 10V (typ.)
■ STANDARDIZED SYMMETRICAL OUTPUT CHARACTERISTICS
■ QUIESCENT CURRENT SPECIFIED TO 20V FOR HCC DEVICE
■ INPUT CURRENT OF100nA AT 18V AND 25 °C FOR HCC DEVICE
■ 100% TESTED FOR QUIESCENT CURRENT
■ 5V, 10V, AND 15V PARAMETRIC RATING
■ MEETS ALL REQUIREMENTS OF JEDECTENTATIVE STANDARDN°13A, ”STANDARD SPECIFICATIONS FOR DESCRIPTION OF ”B” SERIES CMOS DEVICES”




Similar Part No. - HCC4006B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC4000 STMICROELECTRONICS-HCC4000 Datasheet
289Kb / 13P
NOR GATE
HCC4000B STMICROELECTRONICS-HCC4000B Datasheet
289Kb / 13P
NOR GATE
HCC4000B STMICROELECTRONICS-HCC4000B Datasheet
303Kb / 24P
Rad-hard high voltage CMOS logic series
10-Aug-2011
HCC4000BF STMICROELECTRONICS-HCC4000BF Datasheet
289Kb / 13P
NOR GATE
HCC4000B STMICROELECTRONICS-HCC4000B_05 Datasheet
141Kb / 13P
RadHardened high voltage complementary MOS logic series
18-Oct-2006
More results


Similar Description - HCC4006B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4006B PHILIPS-HEF4006B Datasheet
53Kb / 5P
18-stage static shift register
January 1995
logo
STMicroelectronics
HCC4031B STMICROELECTRONICS-HCC4031B Datasheet
241Kb / 12P
64-STAGE STATIC SHIFT REGISTER
Jun-1989
logo
Texas Instruments
CD4006B TI-CD4006B Datasheet
217Kb / 5P
CMOS 18-STAGE STATIC SHIFT REGISTER
logo
National Semiconductor ...
CD4006BC NSC-CD4006BC Datasheet
112Kb / 6P
18-Stage Static Shift Register
CD4014BM NSC-CD4014BM Datasheet
142Kb / 6P
8-Stage Static Shift Register
CD4031BM NSC-CD4031BM Datasheet
145Kb / 6P
64-Stage Static Shift Register
logo
STMicroelectronics
HCF4006B STMICROELECTRONICS-HCF4006B Datasheet
179Kb / 8P
18-STAGE STATIC SHIFT REGISTER
Sep-2001
logo
Fairchild Semiconductor
CD4021BC FAIRCHILD-CD4021BC_02 Datasheet
77Kb / 7P
8-Stage Static Shift Register
logo
KODENSHI_AUK CORP.
KK4006B KODENSHI-KK4006B Datasheet
339Kb / 7P
鬼MOS 18-Stage Static Shift Register
logo
Texas Instruments
CD4006BE TI-CD4006BE Datasheet
368Kb / 8P
CMOS 18-Stage Static Shift Register
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com