Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1761292 Datasheet (PDF) - PHOENIX CONTACT

1761292 Datasheet PDF - PHOENIX CONTACT
Part # 1761292
Download  1761292 Download
File Size   304.39 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MCD 1,5/13-G1-3,81 BK AU - PCB header

1761292 Datasheet (PDF)

Go To PDF Page Download Datasheet
1761292 Datasheet PDF - PHOENIX CONTACT

Part # 1761292
Download  1761292 Click to download

File Size   304.39 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MCD 1,5/13-G1-3,81 BK AU - PCB header

1761292 Datasheet (HTML) - PHOENIX CONTACT


1761292 Product details

PCB headers, nominal cross section: 1.5 mm2, color: black, nominal current: 8 A, rated voltage
(III/2): 160 V, contact surface: Au, contact connection type: Pin, number of potentials: 26, number
of rows: 2, number of positions: 13, number of connections: 26, product range: MCD 1,5/..-G1,
pitch: 3.81 mm, mounting: Wave soldering, pin layout: Linear pinning, solder pin [P]: 3.5 mm,
number of solder pins per potential: 1, plug-in system: COMBICON MC 1,5, Pin connector
pattern alignment: Standard, locking: without, mounting method: without, type of packaging:
packed in cardboard




Similar Part No. - 1761292

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1761263 PHOENIX-1761263 Datasheet
70Kb / 2P
FMC 1,5/15-ST-3,5-RF BK
More results


Similar Description - 1761292

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1704360 PHOENIX-1704360 Datasheet
79Kb / 3P
MCD 1,5/12-G1-3,81 GY
1859768 PHOENIX-1859768 Datasheet
52Kb / 3P
Printed-circuit board connector - MCD 1,5/10-G1-3,81 BK
1800360 PHOENIX-1800360 Datasheet
76Kb / 3P
Printed-circuit board connector - MCD 1,5/ 9-G1-3,81 BK
1812513 PHOENIX-1812513 Datasheet
63Kb / 2P
MCD 1,5/ 9-G1-3,81 OG
1800356 PHOENIX-1800356 Datasheet
80Kb / 4P
Header - MCD 1,5/ 4-G1-3,81 BK
1859755 PHOENIX-1859755 Datasheet
57Kb / 4P
Printed-circuit board connector - MCD 1,5/ 5-G1-3,81 BK
1880818 PHOENIX-1880818 Datasheet
57Kb / 4P
Printed-circuit board connector - MCD 1,5/ 3-G1-3,81 BK
1842940 PHOENIX-1842940 Datasheet
666Kb / 17P
PCB header - MCD 1,5/ 5-G1F-3,81
1843059 PHOENIX-1843059 Datasheet
666Kb / 17P
PCB header - MCD 1,5/15-G1F-3,81
1830169 PHOENIX-1830169 Datasheet
1,010Kb / 16P
MCD 1,5/ 8-GF-3,81 - PCB header
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com