Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1815565 Datasheet (PDF) - PHOENIX CONTACT

1815565 Datasheet PDF - PHOENIX CONTACT
Part # 1815565
Download  1815565 Download
File Size   875.58 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MSTB 2,5/ 3-G OG - PCB header

1815565 Datasheet (PDF)

Go To PDF Page Download Datasheet
1815565 Datasheet PDF - PHOENIX CONTACT

Part # 1815565
Download  1815565 Click to download

File Size   875.58 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MSTB 2,5/ 3-G OG - PCB header

1815565 Datasheet (HTML) - PHOENIX CONTACT


1815565 Product details

PCB headers, nominal cross section: 2.5 mm2, color: orange, nominal current: 12 A, rated
voltage (III/2): 320 V, contact surface: Sn, contact connection type: Pin, number of potentials: 3,
number of rows: 1, number of positions: 3, number of connections: 3, product range: MSTB 2,5/..
-G, pitch: 5 mm, mounting: Wave soldering, pin layout: Linear pinning, solder pin [P]: 3.23 mm,
number of solder pins per potential: 1, plug-in system: COMBICON MSTB 2,5, Pin connector
pattern alignment: Standard, locking: without, mounting method: without, type of packaging:
packed in cardboard




Similar Part No. - 1815565

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1815560000 WEIDMULLER-1815560000 Datasheet
142Kb / 3P
ZP 2.5/1AN/10
More results


Similar Description - 1815565

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1712568 PHOENIX-1712568 Datasheet
61Kb / 2P
MSTBA 2,5/ 3-G-5,08 OG
1715031 PHOENIX-1715031 Datasheet
104Kb / 2P
MSTB 2,5/ 3-G-5,08 VPE500
1729344 PHOENIX-1729344 Datasheet
61Kb / 2P
MSTB 2,5/ 3-G-5,08 OG VPE500
1730692 PHOENIX-1730692 Datasheet
104Kb / 2P
MSTB 2,5/ 3-G-5,08 YE
1707414 PHOENIX-1707414 Datasheet
60Kb / 2P
MSTB 2,5/ 2-ST OG
1754452 PHOENIX-1754452 Datasheet
145Kb / 5P
MSTB 2,5/ 3-G
1759020 PHOENIX-1759020 Datasheet
150Kb / 6P
MSTB 2,5/ 3-G-5,08
1784781 PHOENIX-1784781 Datasheet
41Kb / 2P
Printed-circuit board connector - MSTB 2,5/ 3-G-5,08 OG
1756126 PHOENIX-1756126 Datasheet
104Kb / 2P
MSTB 2,5/ 4-ST OG
1758542 PHOENIX-1758542 Datasheet
41Kb / 2P
Printed-circuit board connector - MSTB 2,5/10-G-5,08 OG
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com