Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4006B Datasheet (PDF) - STMicroelectronics

HCF4006B Datasheet PDF - STMicroelectronics
Part # HCF4006B
Download  HCF4006B Download
File Size   260.62 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 18-STAGE STATIC SHIFT REGISTER

HCF4006B Datasheet (PDF)

Go To PDF Page Download Datasheet
HCF4006B Datasheet PDF - STMicroelectronics

Part # HCF4006B
Download  HCF4006B Click to download

File Size   260.62 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 18-STAGE STATIC SHIFT REGISTER

HCF4006B Datasheet (HTML) - STMicroelectronics


HCF4006B Product details

DESCRIPTION
The HCC4006B (extended temperature range) and the HCF4006B (standard temperature range), are monolithic integrated circuits, available in 14-lead dual in-line plastic or ceramic package and plastic micro package. The types are comprised of 4 separate ”shift register” sections ; two sections of four stages and two sections offive stages with an output tap at the fourth stage. Each section has an independent ”single rail” data path. A common clock signal is used for all stages. Data is shifted to the next stage on negative-going transitions of the clock. Through appropriate connections of inputs and outputs, multiple register sections of 4, 5, 8, and 9 stages or single register sections of 10, 12, 13, 14, 16, 17 and 18 can be implemented using one HCC/HCF4006B package. Longer shift register sections can be assembled by using more than one HCC/HCF4006B. To facilitate cascading stages when clock rise and fall times are slow, an optional output (D1 + 4’) that is delayed one-half clock-cycle, is provided (see truth table for output from pin 2).

■ PERMANENT REGISTER STORAGE WITH CLOCK LINE ”HIGH” OR ”LOW” ... NO INFORMATION RECIRCULATION REQUIRED
■ FULLY STATIC OPERATION
■ SHIFTING RATES UP TO 12MHz @ 10V (typ.)
■ STANDARDIZED SYMMETRICAL OUTPUT CHARACTERISTICS
■ QUIESCENT CURRENT SPECIFIED TO 20V FOR HCC DEVICE
■ INPUT CURRENT OF100nA AT 18V AND 25 °C FOR HCC DEVICE
■ 100% TESTED FOR QUIESCENT CURRENT
■ 5V, 10V, AND 15V PARAMETRIC RATING
■ MEETS ALL REQUIREMENTS OF JEDECTENTATIVE STANDARDN°13A, ”STANDARD SPECIFICATIONS FOR DESCRIPTION OF ”B” SERIES CMOS DEVICES”




Similar Part No. - HCF4006B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4006B STMICROELECTRONICS-HCF4006B Datasheet
179Kb / 8P
18-STAGE STATIC SHIFT REGISTER
Sep-2001
HCF4006BEY STMICROELECTRONICS-HCF4006BEY Datasheet
179Kb / 8P
18-STAGE STATIC SHIFT REGISTER
Sep-2001
HCF4006BM1 STMICROELECTRONICS-HCF4006BM1 Datasheet
179Kb / 8P
18-STAGE STATIC SHIFT REGISTER
Sep-2001
More results


Similar Description - HCF4006B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4006B PHILIPS-HEF4006B Datasheet
53Kb / 5P
18-stage static shift register
January 1995
logo
STMicroelectronics
HCC4031B STMICROELECTRONICS-HCC4031B Datasheet
241Kb / 12P
64-STAGE STATIC SHIFT REGISTER
Jun-1989
logo
Texas Instruments
CD4006B TI-CD4006B Datasheet
217Kb / 5P
CMOS 18-STAGE STATIC SHIFT REGISTER
logo
National Semiconductor ...
CD4006BC NSC-CD4006BC Datasheet
112Kb / 6P
18-Stage Static Shift Register
CD4014BM NSC-CD4014BM Datasheet
142Kb / 6P
8-Stage Static Shift Register
CD4031BM NSC-CD4031BM Datasheet
145Kb / 6P
64-Stage Static Shift Register
logo
STMicroelectronics
HCF4006B STMICROELECTRONICS-HCF4006B Datasheet
179Kb / 8P
18-STAGE STATIC SHIFT REGISTER
Sep-2001
logo
Fairchild Semiconductor
CD4021BC FAIRCHILD-CD4021BC_02 Datasheet
77Kb / 7P
8-Stage Static Shift Register
logo
KODENSHI_AUK CORP.
KK4006B KODENSHI-KK4006B Datasheet
339Kb / 7P
鬼MOS 18-Stage Static Shift Register
logo
Texas Instruments
CD4006BE TI-CD4006BE Datasheet
368Kb / 8P
CMOS 18-Stage Static Shift Register
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com