Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UG2B Datasheet (PDF) - Vishay Siliconix

UG2B Datasheet PDF - Vishay Siliconix
Part # UG2B
Download  UG2B Download
File Size   74.45 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Miniature Ultrafast Plastic Rectifier

UG2B Datasheet (PDF)

Go To PDF Page Download Datasheet
UG2B Datasheet PDF - Vishay Siliconix

Part # UG2B
Download  UG2B Click to download

File Size   74.45 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Miniature Ultrafast Plastic Rectifier

UG2B Datasheet (HTML) - Vishay Siliconix


UG2B Product details

FEATURES
• Glass passivated chip junction
• Ultrafast reverse recovery time
• Soft recovery characteristics
• Low forward voltage drop
• Low switching losses, high efficiency
• High forward surge capability
• Solder dip 275 °C max. 10 s, per JESD 22-B106
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

TYPICAL APPLICATIONS
For use in high frequency rectification and freewheeling
application in switching mode converters and inverters for
consumer, computer and telecommunication.




Similar Part No. - UG2B

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
UG2B GE-UG2B Datasheet
48Kb / 2P
ULTRAFAST EFFICIENT PLASTIC RECTIFIER
logo
Vishay Siliconix
UG2B VISHAY-UG2B Datasheet
96Kb / 4P
Miniature Ultrafast Plastic Rectifier
20-Aug-07
logo
SEMTECH ELECTRONICS LTD...
UG2B SEMTECH_ELEC-UG2B Datasheet
260Kb / 2P
SUPER FAST RECTIFIERS
logo
Gulf Semiconductor
UG2B GULFSEMI-UG2B Datasheet
86Kb / 2P
ULTRAFAST EFFICIENT PLASTIC SILICON RECTIFIER VOLTAGE竊?0 TO 200V CURRENT竊?2.0A
logo
Vishay Siliconix
UG2B VISHAY-UG2B Datasheet
71Kb / 4P
Miniature Ultrafast Plastic Rectifier
23-Oct-09
More results


Similar Description - UG2B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
UG4A VISHAY-UG4A Datasheet
95Kb / 4P
Miniature Ultrafast Plastic Rectifier
20-Aug-07
UG06A VISHAY-UG06A Datasheet
95Kb / 4P
Miniature Ultrafast Plastic Rectifier
20-Aug-07
UG1A VISHAY-UG1A_09 Datasheet
70Kb / 4P
Miniature Ultrafast Plastic Rectifier
19-Nov-09
UG4A VISHAY-UG4A_09 Datasheet
70Kb / 4P
Miniature Ultrafast Plastic Rectifier
23-Oct-09
UG2D-E3-54 VISHAY-UG2D-E3-54 Datasheet
71Kb / 4P
Miniature Ultrafast Plastic Rectifier
23-Oct-09
UG06D-E3-54 VISHAY-UG06D-E3-54 Datasheet
72Kb / 4P
Miniature Ultrafast Plastic Rectifier
23-Oct-09
UG1D-E3-73 VISHAY-UG1D-E3-73 Datasheet
70Kb / 4P
Miniature Ultrafast Plastic Rectifier
19-Nov-09
UG1A VISHAY-UG1A_V01 Datasheet
70Kb / 4P
Miniature Ultrafast Plastic Rectifier
19-Nov-09
UG4A VISHAY-UG4A_V01 Datasheet
81Kb / 4P
Miniature Ultrafast Plastic Rectifier
06-Aug-2018
UG06A VISHAY-UG06A_V01 Datasheet
74Kb / 4P
Miniature Ultrafast Plastic Rectifier
19-Feb-16
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com