Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3924 Datasheet (PDF) - Monolithic Power Systems

MP3924 Datasheet PDF - Monolithic Power Systems
Part # MP3924
Download  MP3924 Download
File Size   1646.33 Kbytes
Page   56 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description Quad-Port, IEEE 802.3af/at PSE Controller for Power over Ethernet

MP3924 Datasheet (PDF)

Go To PDF Page Download Datasheet
MP3924 Datasheet PDF - Monolithic Power Systems

Part # MP3924
Download  MP3924 Click to download

File Size   1646.33 Kbytes
Page   56 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description Quad-Port, IEEE 802.3af/at PSE Controller for Power over Ethernet

MP3924 Datasheet (HTML) - Monolithic Power Systems


MP3924 Product details

DESCRIPTION
The MP3924 is a quad-port power source equipment (PSE) power controller for IEEE 802.3af/at compliant power over Ethernet (PoE) applications.
The device has all the functions of IEEE 802.3af/at, including detection, single-event and two-event classification, current limiting, and disconnected load detection. All of the functions can be configured to work in automatic operation mode or software program mode via the I2C.
The MP3924 features a 9-bit analog-to-digital converter (ADC) to monitor the current and voltage, a special I2C interface for isolated controller communication, adjustable current limits, and configurable system functions. These features provide flexibility for PoE applications.
The MP3924 is available in a QFN-32 (5mmx5mm) package.

FEATURES
 IEEE802.3af/at Compliant
 Quad-Port and 4-Bit Configurable I2C Address
 0.25Ω Current-Sense Resistor
 Automatic Mode and I2C Command ControlMode
 Automatic Input Over-Power Shutdown
 Internal VCC Power Supply
 Three-Wire I2C Interface for Isolated Applications
 Two INT Pins for Interrupt Priority Selection
 Disconnected DC Load Detection
 Instantaneous Current/Voltage Readout
 Thermal Protection
 Available in a QFN-32 (5mmx5mm) Package

APPLICATIONS
 PSE Switches/Routers
 PSE Midspan Power Injectors
 Surveillance NVR and DVRs




Similar Part No. - MP3924

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
MP39 APEX-MP39 Datasheet
261Kb / 4P
POWER OPERATIONAL AMPLIFIER
logo
Monolithic Power System...
MP3900 MPS-MP3900 Datasheet
281Kb / 13P
High Efficiency Boost Controller
MP3900DK MPS-MP3900DK Datasheet
281Kb / 13P
High Efficiency Boost Controller
MP3900DK MPS-MP3900DK Datasheet
223Kb / 4P
High Efficiency Boost Controller
MP3900DK MPS-MP3900DK Datasheet
371Kb / 6P
High Efficiency Flyback Converter EV Board
More results


Similar Description - MP3924

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4259A LINER-LTC4259A Datasheet
326Kb / 32P
Quad IEEE 802.3af Power over Ethernet Controller with AC Disconnect
LTC4258 LINER-LTC4258 Datasheet
297Kb / 28P
Quad IEEE 802.3af Power over Ethernet Controller with Integrated Detection
LTC4259A-1 LINER-LTC4259A-1 Datasheet
421Kb / 32P
Quad IEEE 802.3af Power over Ethernet Controller with AC Disconnect
logo
Texas Instruments
TPS23851 TI1-TPS23851 Datasheet
1Mb / 62P
Quad IEEE 802.3at Power-Over-Ethernet PSE Controller
logo
Linear Technology
LTC4258 LINER-LTC4258_15 Datasheet
389Kb / 28P
Quad IEEE 802.3af Power over Ethernet Controller with Integrated Detection
LTC4259A LINER-LTC4259A_15 Datasheet
419Kb / 32P
Quad IEEE 802.3af Power over Ethernet Controller with AC Disconnect
LTC4259A-1 LINER-LTC4259A-1_15 Datasheet
427Kb / 32P
Quad IEEE 802.3af Power over Ethernet Controller with AC Disconnect
logo
Texas Instruments
TPS23861 TI1-TPS23861 Datasheet
1Mb / 110P
Quad Port Power-over-Ethernet PSE Controller
logo
Maxim Integrated Produc...
MAX5980A MAXIM-MAX5980A Datasheet
2Mb / 50P
Quad, IEEE 802.3at/af PSE Controller for Power-over-Ethernet
19-7422; Rev 1; 4/15
MAX5940 MAXIM-MAX5940 Datasheet
248Kb / 15P
IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
19-2991; Rev 2; 2/06
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com