Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCC4009UB Datasheet (PDF) - STMicroelectronics

HCC4009UB Datasheet PDF - STMicroelectronics
Part # HCC4009UB
Download  HCC4009UB Download
File Size   302.3 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description HEX BUFFER/CONVERTERS

HCC4009UB Datasheet (PDF)

Go To PDF Page Download Datasheet
HCC4009UB Datasheet PDF - STMicroelectronics

Part # HCC4009UB
Download  HCC4009UB Click to download

File Size   302.3 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description HEX BUFFER/CONVERTERS

HCC4009UB Datasheet (HTML) - STMicroelectronics


HCC4009UB Product details

DESCRIPTION
The HCC4009UB/4010B (extended temperature range) and the HCF4009UB/4010B (intermediate temperature range) are monolithic integrated circuits available in 16-lead dual in line plastic or ceramic packages and plastic micropackage.

■ CMOS TO DTL/TTL HEX CONVERTER
■ HIGH-TO-LOW LEVEL LOGIC CONVERSION
■ MULTIPLEXER: 1-TO-6 OR 6-TO-1
■ HIGH”SINK” AND ”SOURCE” CURRENT CAPABILITY
■ 5V, 10V AND 15V PARAMETRIC RATINGS
■ MAXIMUM INPUT CURRENT OF 100 µA AT 18V OVER FULL
■ PACKAGE AND TEMPERATURE RANGE;
   100nA AT 18V AND 25°C
■ 100% TESTED FOR QUIESCENT CURRENT AT 20V
■ MEETS ALL REQUIREMENTS OF JEDECTENTATIVE
   STANDARD N. 13A, ” STANDARD
   SPECIFICATIONS FOR DESCRIPTION OF B
   SERIES CMOS DEVICES ”
   4009UB–INVERTING TYPE
   4010B–NON INVERTING TYPE




Similar Part No. - HCC4009UB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC4000 STMICROELECTRONICS-HCC4000 Datasheet
289Kb / 13P
NOR GATE
HCC4000B STMICROELECTRONICS-HCC4000B Datasheet
289Kb / 13P
NOR GATE
HCC4000B STMICROELECTRONICS-HCC4000B Datasheet
303Kb / 24P
Rad-hard high voltage CMOS logic series
10-Aug-2011
HCC4000BF STMICROELECTRONICS-HCC4000BF Datasheet
289Kb / 13P
NOR GATE
HCC4000B STMICROELECTRONICS-HCC4000B_05 Datasheet
141Kb / 13P
RadHardened high voltage complementary MOS logic series
18-Oct-2006
More results


Similar Description - HCC4009UB

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC50 ONSEMI-MC74VHC50 Datasheet
197Kb / 7P
Hex Buffer
March, 2006 -- Rev. 4
logo
Harris Corporation
CD4049UB HARRIS-CD4049UB Datasheet
75Kb / 10P
CMOS Hex Buffer/Converters
logo
Unisonic Technologies
U74LVC34A UTC-U74LVC34A Datasheet
193Kb / 5P
HEX BUFFER
logo
Texas Instruments
CD4049UBDE4 TI1-CD4049UBDE4 Datasheet
1Mb / 38P
CMOS Hex Buffer/Converters
JM3851005554BEA TI-JM3851005554BEA Datasheet
1Mb / 38P
CMOS Hex Buffer Converters
logo
Unisonic Technologies
UCD4049B UTC-UCD4049B Datasheet
210Kb / 5P
CMOS HEX BUFFER/CONVERTERS
UCD4050B UTC-UCD4050B Datasheet
196Kb / 5P
CMOS HEX BUFFER/CONVERTERS
UCD4049B UTC-UCD4049B_15 Datasheet
243Kb / 5P
CMOS HEX BUFFER/CONVERTERS
UCD4050B UTC-UCD4050B_15 Datasheet
196Kb / 5P
CMOS HEX BUFFER/CONVERTERS
logo
Texas Instruments
CD4049UB TI1-CD4049UB_15 Datasheet
1Mb / 37P
CMOS Hex Buffer/Converters
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com