Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMDS171RGZT Datasheet (PDF) - Texas Instruments

TMDS171RGZT Datasheet PDF - Texas Instruments
Part # TMDS171RGZT
Download  TMDS171RGZT Download
File Size   2998.08 Kbytes
Page   63 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TMDS171/I 3.4 Gbps TMDS RETIMER

TMDS171RGZT Datasheet (PDF)

Go To PDF Page Download Datasheet
TMDS171RGZT Datasheet PDF - Texas Instruments

Part # TMDS171RGZT
Download  TMDS171RGZT Click to download

File Size   2998.08 Kbytes
Page   63 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TMDS171/I 3.4 Gbps TMDS RETIMER

TMDS171RGZT Datasheet (HTML) - Texas Instruments


TMDS171RGZT Product details

1 Features
1• HDMI Input Port to Output Port with CDR
Supporting up to 3.4 Gbps Data Rates
• Compatible with HDMI1.4b Electrical Parameters.
• Support for 4k2k30p and up to WUXGA 12-bit
Color Depth or 1080p with Higher Refresh
Rates™
• Retimes Input Stream to Compensate for Random
Jitter
• Adaptive Receiver Equalizer or Programmable
Fixed Equalizer
• I2C and Pin Strap Programmable
• Inter-Pair Skew Compensation of 5+ Bits
• Link Debug Tools Including Eye Diagram After RX
Equalizer
• Single Ended Mode ARC Support
• 48-pin 7mm x 7mm 0.5 mm Pitch VQFN Package
• Extended Commercial Temperature Support
0°C – 85°C (TMDS171)
• Industrial Temperature Support -40°C – 85°C
(TMDS171I)

2 Applications
• Digital TV
• Digital Projector
• Audio/Video Equipment
• Blu-Ray DVD
• Monitors
• Desktops/ All-in-Ones
• Active Cables

3 Description
The TMDS171 is a digital video interface (DVI) or
high-definition multimedia interface (HDMI) retimer.
The TMDS171 supports four TMDS channels, Audio
Return Channel (SPDIF_IN/ARC_OUT), Hot Plug
Detect (HPD) and Digital Display Control (DDC)
interfaces. The TMDS171 supports signaling rates up
to 3.4 Gbps to allow for the highest resolutions of
4k2k30p 24 bits per pixel and up to WUXGA 12-bit
color depth or 1080p with higher refresh rates. The
TMDS171 automatically configures itself as a redriver
at low data rate (< 1 Gbps) or as a re-timer
above this data rate.
The TMDS171 supports dual power supply rails of
1.2 V on VDD and 3.3 V on VCC for active power
reduction. Several methods of power management
are implemented to reduce overall power
consumption. TMDS171 supports fixed EQ gain or
adaptive EQ control by I2C or pin strap to
compensate for different lengths input cable or board
traces.




Similar Part No. - TMDS171RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMDS171RGZT TI1-TMDS171RGZT Datasheet
2Mb / 62P
3.4 Gbps TMDS RETIMER
More results


Similar Description - TMDS171RGZT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STDVE001A STMICROELECTRONICS-STDVE001A Datasheet
789Kb / 49P
Adaptive single 3.4 Gbps TMDS/HDMI signal equalizer
21-Jul-2008
STDVE003A STMICROELECTRONICS-STDVE003A_08 Datasheet
702Kb / 41P
Adaptive 3.4 Gbps 3:1 TMDS/HDMI signal equalizer
21-Jul-2008
STDVE103A STMICROELECTRONICS-STDVE103A Datasheet
685Kb / 43P
Adaptive 3.4 Gbps 3:1 TMDS/HDMI signal equalizer
21-Jul-2008
logo
Texas Instruments
SN65DP149 TI1-SN65DP149 Datasheet
3Mb / 52P
3.4 Gbps DP to HDMI Retimer
TMDS171 TI1-TMDS171 Datasheet
2Mb / 62P
3.4 Gbps TMDS RETIMER
TMDS181 TI1-TMDS181 Datasheet
1Mb / 58P
TMDS181x 6 Gbps TMDS Retimer
DS110DF1610 TI1-DS110DF1610 Datasheet
133Kb / 6P
8.5 to 11.3 Gbps 16 Channel Retimer
DS150DF1610 TI1-DS150DF1610 Datasheet
124Kb / 6P
12.5 to 15 Gbps 16-Channel Retimer
SN65DP149 TI1-SN65DP149_16 Datasheet
3Mb / 54P
SNx5DP149 3.4 Gbps DP to HDMI Retimer
TMDS181 TI1-TMDS181_16 Datasheet
1Mb / 59P
6 Gbps TMDS Retimer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com