Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS66WVC1M16ECLL Datasheet (PDF) - Integrated Silicon Solution, Inc

IS66WVC1M16ECLL Datasheet PDF - Integrated Silicon Solution, Inc
Part # IS66WVC1M16ECLL
Download  IS66WVC1M16ECLL Download
File Size   1888.86 Kbytes
Page   68 Pages
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc
Description 16Mb Async/Page/Burst CellularRAM 1.5

IS66WVC1M16ECLL Datasheet (PDF)

Go To PDF Page Download Datasheet
IS66WVC1M16ECLL Datasheet PDF - Integrated Silicon Solution, Inc

Part # IS66WVC1M16ECLL
Download  IS66WVC1M16ECLL Click to download

File Size   1888.86 Kbytes
Page   68 Pages
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc
Description 16Mb Async/Page/Burst CellularRAM 1.5

IS66WVC1M16ECLL Datasheet (HTML) - Integrated Silicon Solution, Inc


IS66WVC1M16ECLL Product details

Features
⚫ Single device supports asynchronous , page,
and burst operation
⚫ Mixed Mode supports asynchronous write and
synchronous read operation
⚫ Dual voltage rails for optional performance
 ALL: VDD 1.7V~1.95V, VDDQ 1.7V~1.95V
 CLL: VDD 1.7V~1.95V, VDDQ 2.7V~3.6V
⚫ Asynchronous mode read access : 70ns
Interpage Read access : 70ns
Intrapage Read access : 25ns
⚫ Burst mode for Read and Write operation
 4, 8, 16,32 or Continuous
⚫ Low Power Consumption
 Asynchronous Operation < 30 mA
 Intrapage Read < 20mA
 Burst operation < 45 mA (@104Mhz)
 Standby < 80 uA(max.)
 Deep power-down (DPD) < 3uA (Typ)
⚫ Low Power Feature
 Reduced Array Refresh
 Temperature Controlled Refresh
 Deep power-down (DPD) mode
⚫ Operation Frequency up to 104Mhz
⚫ Operating temperature Range
Industrial: -40°C~85°C
Automotive A1: -40°C~85°C
⚫ Package: 54-ball VFBGA




Similar Part No. - IS66WVC1M16ECLL

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS66WVC1M16ALL ISSI-IS66WVC1M16ALL Datasheet
1Mb / 67P
Mixed Mode supports asynchronous write and synchronous read operation
More results


Similar Description - IS66WVC1M16ECLL

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYE18P16161AC INFINEON-HYE18P16161AC Datasheet
641Kb / 33P
16M Asynchronous/Page CellularRAM
V2.0, December 2003
HYE18P32160AC INFINEON-HYE18P32160AC Datasheet
1Mb / 53P
32M Synchronous Burst CellularRAM
V2.0, December 2003
HYE18P32161AC INFINEON-HYE18P32161AC Datasheet
641Kb / 33P
32M Asynchronous/Page CellularRAM
V2.0, December 2003
logo
Integrated Silicon Solu...
IS66WVE1M16ALL ISSI-IS66WVE1M16ALL Datasheet
522Kb / 30P
1.8V Core Async/Page PSRAM
IS66WVE1M16BLL ISSI-IS66WVE1M16BLL Datasheet
589Kb / 30P
3.0V Core Async/Page PSRAM
IS66WVE2M16DALL ISSI-IS66WVE2M16DALL Datasheet
505Kb / 28P
1.8V Core Async/Page PSRAM
IS66WVE2M16DBLL ISSI-IS66WVE2M16DBLL Datasheet
505Kb / 28P
3.0V Core Async/Page PSRAM
IS66WVE4M16ALL ISSI-IS66WVE4M16ALL Datasheet
597Kb / 30P
1.8V Core Async/Page PSRAM
IS66WVE4M16BLL ISSI-IS66WVE4M16BLL Datasheet
530Kb / 30P
3.0V Core Async/Page PSRAM
IS66WVE1M16EALL-70BLI ISSI-IS66WVE1M16EALL-70BLI Datasheet
688Kb / 34P
16Mb Async/Page PSRAM
More results




About Integrated Silicon Solution, Inc


Integrated Silicon Solution, Inc. (ISSI) is a fabless semiconductor company that designs and markets high-performance integrated circuits (ICs) for the automotive, industrial, medical, and communications markets. The company was founded in 1988 and is headquartered in Milpitas, California, USA.

ISSI's product portfolio includes static random access memory (SRAM), dynamic random access memory (DRAM), and analog and mixed-signal ICs. The company specializes in low-power, high-speed SRAMs, and is a leading supplier of DRAMs to the automotive market.

In 2015, ISSI was acquired by China's Uphill Investment Co., Ltd. and became a wholly-owned subsidiary of Uphill Investment.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com