Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP015012 Datasheet (PDF) - Multicomp Pro

MP015012 Datasheet PDF - Multicomp Pro
Part # MP015012
Download  MP015012 Download
File Size   384.53 Kbytes
Page   6 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Elastomeric O Rings NBR 70

MP015012 Datasheet (PDF)

Go To PDF Page Download Datasheet
MP015012 Datasheet PDF - Multicomp Pro

Part # MP015012
Download  MP015012 Click to download

File Size   384.53 Kbytes
Page   6 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Elastomeric O Rings NBR 70

MP015012 Datasheet (HTML) - Multicomp Pro


MP015012 Product details

Description
These is the Aerospace Size Standard for O-rings from the Society of Automotive Engineers. Simrit manufactures and supplies the complete range of standard These sizes in a wide range of elastomeric O-ring materials. The following sizes are grouped by cross-section and listed numerically by inside diameter.




Similar Part No. - MP015012

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
MP01500B-2 FAIRVIEW-MP01500B-2 Datasheet
587Kb / 3P
2 Way Power Divider BNC Connectors From 1 MHz to 500 MHz Rated at 1 Watts
REV 2.0A
logo
Golledge Electronics Lt...
MP01503 GOLLEDGE-MP01503 Datasheet
129Kb / 6P
SAW Filter 2160.0MHz
More results


Similar Description - MP015012

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
CMVDR1 PANDUIT-CMVDR1 Datasheet
104Kb / 1P
Vertical D-Rings
logo
Molex Electronics Ltd.
130112-0180 MOLEX11-130112-0180 Datasheet
31Kb / 1P
O-Ring Kit (3 O-RINGS-4X NEMA) for 61430
logo
Glenair, Inc.
237-033 GLENAIR-237-033 Datasheet
284Kb / 2P
Jam Nut Mount Hermetic with Double O-Rings
logo
Aeroflex Circuit Techno...
1001398-008 AEROFLEX-1001398-008 Datasheet
196Kb / 2P
Compact Slip Rings
1001847-001 AEROFLEX-1001847-001 Datasheet
269Kb / 2P
Compact Slip Rings
logo
Copal Electronics
PLR20-8101 COPAL-PLR20-8101 Datasheet
92Kb / 2P
SLIP RINGS
PLR40-1000 COPAL-PLR40-1000 Datasheet
104Kb / 2P
SLIP RINGS
logo
Lapp.
52001860 LAPP-52001860 Datasheet
92Kb / 1P
SKINDICHT® MINI NBR
06.06.2023
53001010 LAPP-53001010 Datasheet
136Kb / 1P
SKINDICHT® O-RING NBR PG
02.07.2019
53102001 LAPP-53102001 Datasheet
108Kb / 1P
SKINDICHT® O-Ring NBR metric
03.07.2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com