Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FEMTOSMDC008F Datasheet (PDF) - TE Connectivity Ltd

FEMTOSMDC008F Datasheet PDF - TE Connectivity Ltd
Part # FEMTOSMDC008F
Download  FEMTOSMDC008F Download
File Size   308.63 Kbytes
Page   20 Pages
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd
Description Surface-mount Devices

FEMTOSMDC008F Datasheet (PDF)

Go To PDF Page Download Datasheet
FEMTOSMDC008F Datasheet PDF - TE Connectivity Ltd

Part # FEMTOSMDC008F
Download  FEMTOSMDC008F Click to download

File Size   308.63 Kbytes
Page   20 Pages
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd
Description Surface-mount Devices

FEMTOSMDC008F Datasheet (HTML) - TE Connectivity Ltd


FEMTOSMDC008F Product details

Benefits
• Smaller size saves board space and cost
• Many product choices give engineers more design
flexibility
• Compatible with high-volume electronics assembly
• Assists in meeting regulatory requirements
• Higher voltage ratings allow use in new applications

Features
• RoHS compliant
• Halogen free
(refers to: Br900ppm, Cl900ppm, Br+Cl1500ppm)
• Broadest range of resettable devices available in the
industry
• Current ratings from 0.05 to 3A
• Voltage ratings from 6V computer and electronic
applications to 60V telecom applications
• Agency recognition: UL, CSA, TÜV
• Small footprint
• Fast time-to-trip
• Low resistance

Applications
• Computer
• Portable electronics
• Multimedia
• Game machines
• Telephony and broadband
• Mobile phones
• Automotive
• Industrial controls
• Battery




Similar Part No. - FEMTOSMDC008F

ManufacturerPart #DatasheetDescription
logo
Littelfuse
FEMTOSMDC008F LITTELFUSE-FEMTOSMDC008F Datasheet
308Kb / 20P
PolySwitch Resettable Devices Surface-mount Devices
More results


Similar Description - FEMTOSMDC008F

ManufacturerPart #DatasheetDescription
logo
StarHope
USM SPSEMI-USM Datasheet
280Kb / 2P
Surface Mount Devices
TSM SPSEMI-TSM Datasheet
826Kb / 2P
Surface Mount Devices
SM SPSEMI-SM Datasheet
1Mb / 3P
Surface Mount Devices
NSM SPSEMI-NSM Datasheet
702Kb / 3P
Surface Mount Devices
MSM SPSEMI-MSM Datasheet
505Kb / 3P
Surface Mount Devices
ISM SPSEMI-ISM Datasheet
288Kb / 2P
Surface Mount Devices
DSM SPSEMI-DSM Datasheet
290Kb / 2P
Surface Mount Devices
PESD040205A015FR SPSEMI-PESD040205A015FR Datasheet
439Kb / 5P
Surface Mount Devices
logo
Shanghai Leiditech Elec...
LM130F LEIDITECH-LM130F Datasheet
486Kb / 2P
Surface mount devices
SMD1210P150L LEIDITECH-SMD1210P150L Datasheet
391Kb / 8P
Surface-mount Devices
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com