Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1411431 Datasheet (PDF) - PHOENIX CONTACT

1411431 Datasheet PDF - PHOENIX CONTACT
Part # 1411431
Download  1411431 Download
File Size   439.97 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description QPD W 4PE2,5 7-14 M25 DT BK - Panel feed-through

1411431 Datasheet (PDF)

Go To PDF Page Download Datasheet
1411431 Datasheet PDF - PHOENIX CONTACT

Part # 1411431
Download  1411431 Click to download

File Size   439.97 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description QPD W 4PE2,5 7-14 M25 DT BK - Panel feed-through

1411431 Datasheet (HTML) - PHOENIX CONTACT


1411431 Product details

Panel feed-through, connection method: Push-in connection/ IDC connection, number of
positions: 4+PE, M25, 1 mm2 ... 2.5 mm2, 690 V, 20 A, PA, black, with QUICKON nut, external
cable diameter: 7 mm ... 14 mm, 2.5 mm2




Similar Part No. - 1411431

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1411432 PHOENIX-1411432 Datasheet
88Kb / 4P
Innovative and time saving - QUICKON fast connection for time saving of up to 80 % for on-site connection
1411433 PHOENIX-1411433 Datasheet
89Kb / 4P
Convenient: quick and easy assembly without special tools
1411436 PHOENIX-1411436 Datasheet
51Kb / 2P
Seal - HC-B 6-FL-DI-N
1411439 PHOENIX-1411439 Datasheet
262Kb / 7P
HC-B-G-M20-EC-AL - Cable gland
More results


Similar Description - 1411431

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1582358 PHOENIX-1582358 Datasheet
96Kb / 7P
Panel feed-through - QPD W 4X2,5 M25 DT GY
1582169 PHOENIX-1582169 Datasheet
117Kb / 8P
Panel feed-through - QPD W 3PE2,5 6-10 M25 DT BK
1582178 PHOENIX-1582178 Datasheet
93Kb / 7P
Panel feed-through - QPD W 3PE2,5 9-14 M25 FC BK
1582181 PHOENIX-1582181 Datasheet
117Kb / 8P
Panel feed-through - QPD W 3PE2,5 9-14 M25 DT BK
1582193 PHOENIX-1582193 Datasheet
118Kb / 8P
Panel feed-through - QPD W 3PE2,5 M25 DT BK
1582196 PHOENIX-1582196 Datasheet
98Kb / 7P
Panel feed-through - QPD W 3PE2,5 M25 FC BK
1582323 PHOENIX-1582323 Datasheet
95Kb / 7P
Panel feed-through - QPD W 4X2,5 9-14 M25 DT GY
1414735 PHOENIX-1414735 Datasheet
351Kb / 7P
Panel feed-through - QPD W 4PE1,5 9-14 M25 FC BK
01/21/2022
1423977 PHOENIX-1423977 Datasheet
124Kb / 8P
Panel feed-through - QPD W3PE2,5 6-10 M25 DT BK
09/11/2020
1582559 PHOENIX-1582559 Datasheet
130Kb / 9P
Panel feed-through - QPD W 4PE2,5 6-11 M25 FC BK
09/11/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com