Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

35063643 Datasheet (PDF) - Aptiv

35063643 Datasheet PDF - Aptiv
Part # 35063643
Download  35063643 Download
File Size   865.6 Kbytes
Page   2 Pages
Manufacturer  APTIV [Aptiv]
Direct Link  https://www.aptiv.com/en
Logo APTIV - Aptiv
Description APEX® 2.8 SEALED SERIES

35063643 Datasheet (PDF)

Go To PDF Page Download Datasheet
35063643 Datasheet PDF - Aptiv

Part # 35063643
Download  35063643 Click to download

File Size   865.6 Kbytes
Page   2 Pages
Manufacturer  APTIV [Aptiv]
Direct Link  https://www.aptiv.com/en
Logo APTIV - Aptiv
Description APEX® 2.8 SEALED SERIES

35063643 Datasheet (HTML) - Aptiv


35063643 Product details

BENEFITS
• Heavy-duty performance
• Highest current rating
• Ergonomic design
FEATURES
• Most compact 2.8 mm system in the industry
• Fully protected interface seal
• Meets or exceeds USCAR performance
standards and GMW3191
• Compliant with USCAR design guidelines and
performance standards
• 0.75 mm² (20 AWG) to 4 mm² (10 AWG)
• Primary Lock Reinforcement (PLR)
• Mechanical polarization




Similar Part No. - 35063643

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
35063 ETC2-35063 Datasheet
1Mb / 23P
The Standard for Tools and Workbench Accessories
35063 ETC2-35063 Datasheet
1Mb / 23P
The Standard for Tools and Workbench Accessories
logo
Alpha Wire
35063 ALPHAWIRE-35063 Datasheet
392Kb / 4P
18 (16/30) AWG Tinned Copper
logo
Tyco Electronics
350638-4 MACOM-350638-4 Datasheet
2Mb / 98P
5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
350639-1 MACOM-350639-1 Datasheet
2Mb / 98P
5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
More results


Similar Description - 35063643

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
HC20K400 ALTERA-HC20K400 Datasheet
260Kb / 36P
HardCopy APEX Device Family
logo
Tyco Electronics
2-1418883-1 MACOM-2-1418883-1 Datasheet
1,011Kb / 1P
AMP MCP 1.5K / AMP MCP 2.8 REC. HOUSING, 62POS., SEALED
2-1534127-1 MACOM-2-1534127-1 Datasheet
1Mb / 1P
AMP MCP 2.8 SOCKET HSG., 21POS., SEALED WITH SECONDARY LOCKING DEVICE
logo
California Eastern Labs
ZALM-301-1 CEL-ZALM-301-1 Datasheet
1Mb / 19P
APEX LT SERIES TRANSCEIVER MODULES
logo
M.S. Kennedy Corporatio...
MSK4206 MSK-MSK4206_15 Datasheet
506Kb / 8P
Replaces APEX SA01 PWM Amplifier
logo
Taoglas antenna solutio...
MBTG30A305111 TAOGLAS-MBTG30A305111 Datasheet
1Mb / 14P
Apex Magforce Magnetic Mount LTE Antenna
TG.35.8113 TAOGLAS-TG.35.8113_17 Datasheet
9Mb / 79P
Apex II - Hinged TG.35
TG.30.8112 TAOGLAS-TG.30.8112_18 Datasheet
1Mb / 21P
APEX BLACK RIGHT ANGLE TG.30
TG.30.8111W TAOGLAS-TG.30.8111W_18 Datasheet
2Mb / 21P
APEX WHITE STRAIGHT TG.30
TG.30.8111 TAOGLAS-TG.30.8111_17 Datasheet
2Mb / 21P
APEX BLACK STRAIGHT TG.30
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com