Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DB201 Datasheet (PDF) - HY ELECTRONIC CORP.

DB201 Datasheet PDF - HY ELECTRONIC CORP.
Part # DB201
Download  DB201 Download
File Size   39.11 Kbytes
Page   2 Pages
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.
Description SURFACE MOUNT GLASS PASSIVATED BRIDEG RECTIFIERS

DB201 Datasheet (PDF)

Go To PDF Page Download Datasheet
DB201 Datasheet PDF - HY ELECTRONIC CORP.

Part # DB201
Download  DB201 Click to download

File Size   39.11 Kbytes
Page   2 Pages
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.
Description SURFACE MOUNT GLASS PASSIVATED BRIDEG RECTIFIERS

DB201 Datasheet (HTML) - HY ELECTRONIC CORP.


DB201 Product details

REVERSE VOLTAGE - 50 to 1000Volts

FORWARD CURRENT - 2.0 Amperes



FEATURES

● Rating to 1000V PRV

● Ideal for printed circuit board

● Low forward voltage drop,high current capability

● Reliable low cost construction utilizing molded plastic
technique results in inexpensive product

● Lead tin Pb/Sn copper

● The plastic material has UL flammability
classification 94V-0



MECHANICAL DATA

● Polarit: As marked on Body

● Weight: 0.02 ounces,0.38 gras

● Mounting position: Any




Similar Part No. - DB201

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
DB201 MCC-DB201 Datasheet
247Kb / 3P
2.0 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
Shenzhen Luguang Electr...
DB201 LUGUANG-DB201 Datasheet
152Kb / 2P
Silicon Bridge Rectifiers
logo
Formosa MS
DB201 FORMOSA-DB201 Datasheet
1Mb / 6P
Bridge Rectifier
logo
Guangdong Juxing Electr...
DB201 JUXING-DB201 Datasheet
795Kb / 2P
BRIDGE RECTIFIERS
logo
Goodwork Semiconductor ...
DB201 GWSEMI-DB201 Datasheet
63Kb / 2P
SINGLE PHASE 2.0 AMP BRIDGE RECTIFIERS
More results


Similar Description - DB201

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
DB101 HY-DB101 Datasheet
39Kb / 2P
GLASS PASSIVATED BRIDEG RECTIFIERS
DB101S HY-DB101S Datasheet
40Kb / 2P
GLASS PASSIVATED BRIDEG RECTIFIERS
DB151 HY-DB151 Datasheet
40Kb / 2P
SURFACE MOUNT GLASS PASSIVATED BRIDEG RECTIFIERS
DB151S HY-DB151S Datasheet
40Kb / 2P
SURFACE MOUNT GLASS PASSIVATED BRIDEG RECTIFIERS
DB201S HY-DB201S Datasheet
39Kb / 2P
SURFACE MOUNT GLASS PASSIVATED BRIDEG RECTIFIERS
DF2005 HY-DF2005 Datasheet
38Kb / 2P
SURFACE MOUNT GLASS PASSIVATED BRIDEG RECTIFIERS
DF2005S HY-DF2005S Datasheet
38Kb / 2P
SURFACE MOUNT GLASS PASSIVATED BRIDEG RECTIFIERS
DF15005 HY-DF15005 Datasheet
38Kb / 2P
SURFACE MOUNT GLASS PASSIVATED BRIDEG RECTIFIERS
DF15005S HY-DF15005S Datasheet
42Kb / 2P
SURFACE MOUNT GLASS PASSIVATED BRIDEG RECTIFIERS
logo
Gaomi Xinghe Electronic...
DB107 GXELECTRONICS-DB107 Datasheet
312Kb / 2P
GLASS PASSIVATED BRIDEG RECTIFIERS
More results




About HY ELECTRONIC CORP.


HY Electronic Corp, also known as HY Electronic, is a Taiwanese company that specializes in the manufacturing and distribution of electronic components. The company was founded in 1982 and is headquartered in Taipei, Taiwan. HY Electronic offers a wide range of products, including passive components (resistors, capacitors, and inductors), magnetic components (transformers, inductors, and chokes), connectors, and cables.

The company has a global presence, with offices and manufacturing facilities in Taiwan, China, and the United States. HY Electronic is known for its high-quality products and has a reputation for providing excellent customer service. The company's products are used in a variety of applications, including consumer electronics, automotive, telecommunications, and industrial automation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com