Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2607 Datasheet (PDF) - Monolithic Power Systems

MP2607 Datasheet PDF - Monolithic Power Systems
Part # MP2607_V01
Download  MP2607 Download
File Size   397.45 Kbytes
Page   15 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description Li LINEAR Charger WithSystem Power Path Management

MP2607 Datasheet (PDF)

Go To PDF Page Download Datasheet
MP2607 Datasheet PDF - Monolithic Power Systems

Part # MP2607_V01
Download  MP2607 Click to download

File Size   397.45 Kbytes
Page   15 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description Li LINEAR Charger WithSystem Power Path Management

MP2607 Datasheet (HTML) - Monolithic Power Systems


MP2607 Product details

DESCRIPTION
MP2607 is a highly-integrated single-cell Li-Ion/Li-Polymer battery charger with system power path management function. It takes input from either AC adapter or USB port to supply the system and charge the battery independently. The charger section features trickle charge, high-accuracy constant current (CC) and constant voltage (CV) regulation, charge termination and charge status.
The system power path management function ensures continuous supply to the system by automatically selecting the input, the battery or both to power the system. This section features a low drop-out regulator from input to system, and a 50mΩ switch from battery to system. Power path management separates charging current from system load, which allows proper charge termination and keeps battery stay fullycharged. It also allows instantaneous power up of system with a deeply discharged battery.
MP2607 is available in 14pin 3mm*4mm QFN package.

FEATURES
• Fully Autonomous Charger for Single-Cell Li-Ion/Polymer Batteries
• Selectable Input Power Sources from AC Adapter or USB Port
• Built-in Current Limit for USB Port
• Complete Power Path Management for Simultaneously Powering the System and Charging the Battery
• 0.75% Charging Voltage Accuracy
• 12V Maximum Voltage for the Input Source
• Programmable Charging Current
• Built-in Timer for Charge Termination
• No External Blocking Diode Required
• Tiny QFN14 (3mm x 4mm) Package

APPLICATIONS
• Smart Handheld Devices
• Cell Phones, PDAs, MP3 Players
• Digital Cameras, GPS
• Handheld Test Equipment




Similar Part No. - MP2607_V01

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP26075 MPS-MP26075 Datasheet
306Kb / 12P
High Efficiency Cradle Charger
MP26075EQ MPS-MP26075EQ Datasheet
306Kb / 12P
High Efficiency Cradle Charger
MP26075EQ-41 MPS-MP26075EQ-41 Datasheet
306Kb / 12P
High Efficiency Cradle Charger
MP2607DL MPS-MP2607DL Datasheet
337Kb / 15P
Li, LINEAR Charger WithSystem Power Path Management
More results


Similar Description - MP2607_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24079 TI-BQ24079 Datasheet
2Mb / 39P
1.5A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
logo
Intersil Corporation
ISL9230 INTERSIL-ISL9230 Datasheet
899Kb / 20P
High Power Li-Ion Charger W/I-Path Management
ISL9230_1107 INTERSIL-ISL9230_1107 Datasheet
930Kb / 20P
High Power Li-Ion Charger W/I-Path Management
July 22, 2011
logo
Eutech Microelectronics...
EUP8075 EUTECH-EUP8075 Datasheet
110Kb / 1P
. USB-Compliant Li-Ion Battery Charger Integrated with System Power-Path Management
logo
Texas Instruments
BQ24075-Q1 TI1-BQ24075-Q1 Datasheet
2Mb / 36P
1.5A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
logo
Richtek Technology Corp...
RT9519A RICHTEK-RT9519A Datasheet
369Kb / 17P
Linear Single Cell Li-lon Battery Charger with Auto Power Path Management
RT9519B RICHTEK-RT9519B Datasheet
386Kb / 18P
Linear Single Cell Li-lon Battery Charger with Auto Power Path Management
logo
Monolithic Power System...
MP2607 MPS-MP2607 Datasheet
337Kb / 15P
Li, LINEAR Charger WithSystem Power Path Management
logo
Renesas Technology Corp
ISL9230 RENESAS-ISL9230 Datasheet
1Mb / 20P
High Power Li-Ion Charger W/I-Path Management
logo
AiT Semiconductor Inc.
A4057 AITSEMI-A4057 Datasheet
274Kb / 7P
BATTERY MANAGEMENT LINEAR LI-ION BATTERY CHARGER
REV1.2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com